Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2370 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2370
Description  LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2370 Datasheet(HTML) 4 Page - New Japan Radio

  NJM2370 Datasheet HTML 1Page - New Japan Radio NJM2370 Datasheet HTML 2Page - New Japan Radio NJM2370 Datasheet HTML 3Page - New Japan Radio NJM2370 Datasheet HTML 4Page - New Japan Radio NJM2370 Datasheet HTML 5Page - New Japan Radio NJM2370 Datasheet HTML 6Page - New Japan Radio NJM2370 Datasheet HTML 7Page - New Japan Radio NJM2370 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NJM2370
- 4/4 -
NJM2370_databook00_01
s PACKAGE MARKING
5
4
3
2
1
1
2
3
4
5
6
7
8
A
0
5
7
0
1
J
R
C
s OUTPUT VOLTAGE RANK LIST
Marking
Marking
Output
Voltage
Part Number
Output
Voltage
Part Number
2.0V
NJM2370X02
0
2
3.6V
NJM2370X36
3
6
(✱1)
2.1V
NJM2370X21
2
1
(✱1)
3.7V
NJM2370X37
3
7
(✱1)
2.2V
NJM2370X22
2
2
(✱1)
3.8V
NJM2370X38
3
8
(✱1)
2.3V
NJM2370X23
2
3
(✱1)
3.9V
NJM2370X39
3
9
(✱1)
2.4V
NJM2370X24
2
4
(✱1)
4.0V
NJM2370X04
0
4
2.5V
NJM2370X25
2
5
4.7V
NJM2370X47
4
7
2.6V
NJM2370X26
2
6
(✱1)
5.0V
NJM2370X05
0
5
2.7V
NJM2370X27
2
7
6.0V
NJM2370X06
0
6
2.8V
NJM2370X28
2
8
(✱1)
8.0V
NJM2370X08
0
8
(✱1)
2.9V
NJM2370X29
2
9
(✱1)
9.0V
NJM2370X09
0
9
3.0V
NJM2370X03
0
3
10.0V
NJM2370X10
1
0
3.1V
NJM2370X31
3
1
12.0V
NJM2370X12
1
2
3.2V
NJM2370X32
3
2
(✱1)
13.0V
NJM2370X13
1
3
(✱2)
3.3V
NJM2370X33
3
3
15.0V
NJM2370X15
1
5
3.5V
NJM2370X35
3
5
(✱1):SOT-89(5pin) ONLY
(✱2):VSP8 ONLY
s POWER DISSIPATION VS. AMBIENT TEMPERATURE
➀, ➁ Output voltage rank
(Please refer to output voltage
rank list)
Plant code.(NJM2370 is ”A”)
Last digit of the calendar year
➄, ➅ Lot Number
0
50
100
150
200
250
300
350
400
025
50
75
100
A m bient Tem perature Ta(°C)
VSP8
SO T-89(5pin)


Similar Part No. - NJM2370

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2373 NJRC-NJM2373 Datasheet
128Kb / 5P
   Adjustable High Precision Shunt Regulator
NJM2373A NJRC-NJM2373A Datasheet
128Kb / 5P
   Adjustable High Precision Shunt Regulator
NJM2374A NJRC-NJM2374A Datasheet
90Kb / 8P
   PWM DC/DC CONVERTER IC
NJM2374AD NJRC-NJM2374AD Datasheet
90Kb / 8P
   PWM DC/DC CONVERTER IC
NJM2374AE NJRC-NJM2374AE Datasheet
90Kb / 8P
   PWM DC/DC CONVERTER IC
More results

Similar Description - NJM2370

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
KIA78RXX TGS-KIA78RXX Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com