Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS28 Datasheet(PDF) 4 Page - International Rectifier

Part # LS28
Description  28V Input, Single/Dual Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LS28 Datasheet(HTML) 4 Page - International Rectifier

  LS28_15 Datasheet HTML 1Page - International Rectifier LS28_15 Datasheet HTML 2Page - International Rectifier LS28_15 Datasheet HTML 3Page - International Rectifier LS28_15 Datasheet HTML 4Page - International Rectifier LS28_15 Datasheet HTML 5Page - International Rectifier LS28_15 Datasheet HTML 6Page - International Rectifier LS28_15 Datasheet HTML 7Page - International Rectifier LS28_15 Datasheet HTML 8Page - International Rectifier LS28_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
www.irf.com
LS-SERIES
(28V Input, Single/Dual Output)
Electrical Performance Characteristics ( continued )
For Notes to Electrical Performance Characteristics, refer to page 5
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Input Current, no load ( IIN)
LS2801R5S
LS2802R5S
LS2803R3S
LS2805S
LS2812S
LS2815S
LS2805D
LS2812D
LS2815D
1,2,3
IOUT = 0, Pin 4 open
60
60
60
70
70
70
70
100
100
mA
Input current inhibited
1,2,3
Pin 4 shorted to pin 2
8.0
mA
Output Ripple, ( VRIP)
LS2801R5S
LS2802R5S
LS2803R3S
LS2805S
LS2812S
LS2815S
LS2805D
LS2812D
LS2815D
1,2,3
VIN = 18, 28, 40 Volts
IOUT = 100% rated load
Notes 4, 6
35
35
35
50
70
80
80
80
80
mV p-p
Switching frequency ( FS )
1,2,3
425
500
575
KHz
Efficiency ( EFF )
LS2801R5S
LS2802R5S
LS2803R3S
LS2805S
LS2812S
LS2815S
LS2805D
LS2812D
LS2815D
1,2,3
IOUT = 100% rated load
Note 4
61
68
72
78
78
78
79
79
79
64
72
76
82
82
82
83
83
83
%
Enable Input ( Inhibit Function )
open circuit voltage
drive current ( sink )
voltage range
Note 1
9.5
-0.5
12
5.0
50
V
mA
V
Current Limit Point
Expressed as a percentage
of full rated load current
1,2,3
Vout = 90% of Nominal, Note 4
105
145
%
Power dissipation, load fault (PD)
1,2,3
Short Circuit, Overload, Note 8
14
W
Output response to
step load changes (VTLD)
4,5,6
Half Load to/from Full Load, Notes 4,9
-300
300
mV pk
Recovery time,
step load changes (TTLD)
4,5,6
Half Load to/from Full Load, Note
4,9,10
200
µs
Output response to
step line changes (VTLN)
18V to/from 40V
IOUT = 100% rated load, Notes 1,4,11
-300
300
mV pk
Recovery Time,
step line changes (TTLN)
18V to/from 40V
IOUT = 100% rated load, Notes
1,4,10,11
200
µs


Similar Part No. - LS28_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
LS2801R5D IRF-LS2801R5D Datasheet
168Kb / 16P
   HIGH RELIABILITY DC/DC CONVERTER
LS2801R5D IRF-LS2801R5D Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5D/CK IRF-LS2801R5D/CK Datasheet
168Kb / 16P
   HIGH RELIABILITY DC/DC CONVERTER
LS2801R5D/EM IRF-LS2801R5D/EM Datasheet
168Kb / 16P
   HIGH RELIABILITY DC/DC CONVERTER
LS2801R5DCKA IRF-LS2801R5DCKA Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - LS28_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
   28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
   28V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
   28V Input, Single/Dual Output
M3H IRF-M3H_15 Datasheet
157Kb / 11P
   28V Input, Single/Dual Output
AHF28XX IRF-AHF28XX Datasheet
148Kb / 17P
   28V Input, Single and Dual Output
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
   28V Input, Single Output
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
   28V Input, Triple Output
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
   28V Input, Triple Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com