Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR108EA Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # XTR108EA
Description  4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTR108EA Datasheet(HTML) 11 Page - Texas Instruments

Back Button XTR108EA Datasheet HTML 7Page - Texas Instruments XTR108EA Datasheet HTML 8Page - Texas Instruments XTR108EA Datasheet HTML 9Page - Texas Instruments XTR108EA Datasheet HTML 10Page - Texas Instruments XTR108EA Datasheet HTML 11Page - Texas Instruments XTR108EA Datasheet HTML 12Page - Texas Instruments XTR108EA Datasheet HTML 13Page - Texas Instruments XTR108EA Datasheet HTML 14Page - Texas Instruments XTR108EA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
XTR108
11
SBOS187C
www.ti.com
The circuit is designed for compliance with NAMUR NE43
recommendation for sensor interfaces. The limit levels are
listed in Tables VII and VIII. Because of the large step sizes,
units that use this feature should be checked if the value is
critical. The under-scale limit circuit will override the Zero
DAC level if it is set lower and there is not enough sensor
offset at the PGA input.
It may be necessary to disable limiting if the XTR108 is used
in applications other than a 4-20mA transmitter, where the
PGA output is between 0.5V and 4.5V.
SENSOR FAULT DETECTION CIRCUIT
To detect sensor burnout and/or short, a set of four compara-
tors is connected to the inputs of the PGA. If any of the
inputs are taken outside of the PGA’s common-mode range,
the corresponding comparator sets a sensor fault flag that
causes the PGA output to go either to the upper or lower
error limit. The state of the fault condition can be read in the
digital form from register 3. The direction of the analog
output is set according to the “Alarm Configuration Regis-
ter” (see Table X). The level of the output is produced as
follows: if the over-scale/under-scale limiting is enabled, the
error levels are: over-scale limit +2LSBs of the over-scale
DAC, about 1mA referred to IOUT or 0.125V referred to VO,
of under-scale limit –2LSBs of the under-scale DAC, about
0.4mA referred to IOUT or 0.05V referred to VO. If the over-
scale/under-scale limiting is disabled, the PGA output volt-
age will go to within 150mV of either positive or negative
supply (VS or IRET), depending on the alarm configuration
bit corresponding to the error condition.
OUTPUT CURRENT AMPLIFIER + RVI RESISTOR
To produce the 4-20mA output, the XTR108 uses a current
amplifier with a fixed gain of 50A/A. The voltage from the
PGA is converted to current by the external resistor, RVI. Pin
IRET, the common potential of the circuit (substrate and local
ground), is connected to the output and inverting input of the
amplifier. This allows collecting all external and internal
supply currents, sensor return current, and leakage currents
from the different parts of the system and accounting for
them in the output current. The current from RVI flows into
the pin IIN that is connected to the noninverting input and
therefore, is at ground potential as well. The ratio of two
VOLTAGE REFERRED TO VO PIN
WITH RESPECT TO IRET
CURRENT REFERRED TO IOUT PIN
OVERALL
VZERO = VZ PROGRAM + VZ COARSE + VZ FINE
IZERO = IZ PROGRAM + IZ COARSE + IZ FINE
PROGRAM
V
V
Z PROGRAM
REF
=
35
8
.
I
V
R
Z PROGRAM
REF
VI
=
175
8
COARSE DAC
V
V
N
Z COARSE
REF
=•
80
4
13
I
V
R
N
Z COARSE
REF
VI
=•
5
84
13
FINE DAC
V
VN
Z FINE
REF
=•
80
64
12
I
V
R
N
ZFINE
REF
VI
=•
5
864
12
NOTE: N13 and N12 are assigned decimal values of registers 13 and 12, respectively.
TABLE II. Equations for Calculating Zero Output.
matched internal resistors determines a current gain of this
block. Note that the IOUT pin is always biased below the
substrate potential.
EXCITATION CURRENT DACS AND RSET RESISTOR
Two matched adjustable reference current sources are avail-
able for sensor excitation. The defining equations are given
in Table III. Both current sources are controlled simulta-
neously by the coarse and fine DACs with a pedestal.
The external resistor RSET is used to convert the REF voltage
into the reference current for the sensor excitation DACs.
The total current output of the DACs is split, producing two
references: IREF1 and IREF2. Both of the current references
match very closely over the full adjustment range without
mismatched differential steps. Both current reference out-
puts must be within the compliance range, i.e.: one reference
cannot be floated since it will change the value of the other
current source.
The recommended value of RSET is 12.1kΩ for use with
100
Ω RTD sensors. This generates I
REF1, 2 = 492µA currents
when both coarse and fine DACs are set to zero. The value
of the RSET resistor can be increased if lower reference
currents are required, i.e.: for 1000
Ω RTD or a bridge
sensor.
Similar to the Zero DACs, the outputs of the fine and coarse
DAC are summed together with the pedestal IREF PROGRAM.
Each of the excitation DACs has 8-bit resolution (256 steps)
with 4-bit overlap between the coarse and the fine. This
REFERENCE CURRENT
OVERALL
IREF1, 2 = IREF PROGRAM + IREF COARSE + IREF FINE
PROGRAM
I
V
R
REF PROGRAM
REF
SET
=
5
COARSE DAC
I
V
R
N
REF COARSE
REF
SET
=• 11
64
FINE DAC
I
V
R
N
REF FINE
REF
SET
=•
10
1024
NOTE: N11 and N10 are the decimal values of registers 11 and 10,
respectively.
TABLE III. Equations for Calculating the Values of Each
Reference Current.


Similar Part No. - XTR108EA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR108EA BURR-BROWN-XTR108EA Datasheet
497Kb / 27P
   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
XTR108EA BURR-BROWN-XTR108EA Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
XTR108EA-2K5 BURR-BROWN-XTR108EA-2K5 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
XTR108EA-2K5G4 BURR-BROWN-XTR108EA-2K5G4 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
XTR108EA/2K5 BURR-BROWN-XTR108EA/2K5 Datasheet
497Kb / 27P
   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
More results

Similar Description - XTR108EA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR108 BURR-BROWN-XTR108 Datasheet
497Kb / 27P
   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
XTR108 BURR-BROWN-XTR108_12 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
IXR100 BURR-BROWN-IXR100 Datasheet
110Kb / 14P
   Isolated, Self-Powered, Temperature Sensor Conditioning 4-20mA TWO-WIRE TRANSMITTER
logo
Maxim Integrated Produc...
MAX1459 MAXIM-MAX1459 Datasheet
243Kb / 24P
   2-Wire, 4-20mA Smart Signal Conditioner
Rev 0; 1/00
logo
Texas Instruments
XTR101 TI1-XTR101_15 Datasheet
796Kb / 26P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Burr-Brown (TI)
XTR101 BURR-BROWN-XTR101 Datasheet
195Kb / 15P
   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Texas Instruments
XTR101 TI-XTR101 Datasheet
736Kb / 25P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
National Semiconductor ...
LH0045 NSC-LH0045 Datasheet
456Kb / 12P
   TWO WIRE TRANSMITTER
logo
Texas Instruments
XTR108-DIE TI1-XTR108-DIE Datasheet
122Kb / 5P
[Old version datasheet]   TWO-WIRE TRANSMITTER
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com