Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR108EA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # XTR108EA
Description  4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTR108EA Datasheet(HTML) 5 Page - Texas Instruments

  XTR108EA Datasheet HTML 1Page - Texas Instruments XTR108EA Datasheet HTML 2Page - Texas Instruments XTR108EA Datasheet HTML 3Page - Texas Instruments XTR108EA Datasheet HTML 4Page - Texas Instruments XTR108EA Datasheet HTML 5Page - Texas Instruments XTR108EA Datasheet HTML 6Page - Texas Instruments XTR108EA Datasheet HTML 7Page - Texas Instruments XTR108EA Datasheet HTML 8Page - Texas Instruments XTR108EA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
XTR108
5
SBOS187C
www.ti.com
Top View
SSOP
PIN CONFIGURATION
V/I-0
V/I-1
V/I-2
V/I-3
V/I-4
V/I-5
C
FILTER
R
LIN
V
O
I
IN
I
O
I
RET
XTR108
OPA +IN
OPA –IN
OPA OUT
REF
OUT
REF
IN
R
SET
CS1
SCLK
SDIO
CS2
V
GATE
V
S
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PIN ASSIGNMENTS
PIN
NAME
FUNCTION
V/I-0
MUX Input Channel 0 and/or IREF Out
MUX Input to PGA and/or IREF to Sensor
V/I-1
MUX Input Channel 1 and/or IREF Out
MUX Input to PGA and/or IREF to Sensor
V/I-2
MUX Input Channel 2 and/or IREF Out
MUX Input to PGA and/or IREF to Sensor
V/I-3
MUX Input Channel 3 and/or IREF Out
MUX Input to PGA and/or IREF to Sensor
V/I-4
MUX Input Channel 4 and/or IREF Out
MUX Input to PGA and/or IREF to Sensor
V/I-5
MUX Input Channel 5 and/or IREF Out
MUX Input to PGA and/or IREF to Sensor
CFILTER
Filter Capacitor
Filter to Reduce Chopper Noise in Autozeroing PGA
RLIN
Linearization
Linearization Range Adjustment Resistor
VO
PGA Output
PGA Amplified Output of Differential Sensor Input
IIN
Current Input
Input to Output Current Amplifier
IO
Output Current
4-20mA Current for Output Loop
IRET
Return Current
Return for All External Circuitry Current
VS
Voltage Regulator
Supply Voltage for XTR and External Circuitry, If Used
VGATE
Gate Voltage
Gate Voltage for External MOSFET Transistor
CS2
Chip Select 2
Select for XTR Serial Port to External EEPROM (Output from XTR Only)
SDIO
Serial Data Input/Output
Serial Data Input or Output
SCLK
Serial Clock
Serial Clock
CS1
Chip Select 1
Select for External
µC Serial Port (Input to XTR Only)
RSET
Resistor for Reference
Sets Current Reference
REFIN
Voltage Reference Input
Voltage Reference Input to XTR
REFOUT
Voltage Reference Output
Voltage Reference Output from Internal Bandgap
OPA OUT
Uncommitted Op Amp Output
Uncommitted Op Amp Output
OPA –IN
Uncommitted Op Amp Negative Input
Uncommitted Op Amp Negative Input
OPA +IN
Uncommitted Op Amp Positive Input
Uncommitted Op Amp Positive Input


Similar Part No. - XTR108EA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR108EA BURR-BROWN-XTR108EA Datasheet
497Kb / 27P
   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
XTR108EA BURR-BROWN-XTR108EA Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
XTR108EA-2K5 BURR-BROWN-XTR108EA-2K5 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
XTR108EA-2K5G4 BURR-BROWN-XTR108EA-2K5G4 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
XTR108EA/2K5 BURR-BROWN-XTR108EA/2K5 Datasheet
497Kb / 27P
   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
More results

Similar Description - XTR108EA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR108 BURR-BROWN-XTR108 Datasheet
497Kb / 27P
   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
XTR108 BURR-BROWN-XTR108_12 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
IXR100 BURR-BROWN-IXR100 Datasheet
110Kb / 14P
   Isolated, Self-Powered, Temperature Sensor Conditioning 4-20mA TWO-WIRE TRANSMITTER
logo
Maxim Integrated Produc...
MAX1459 MAXIM-MAX1459 Datasheet
243Kb / 24P
   2-Wire, 4-20mA Smart Signal Conditioner
Rev 0; 1/00
logo
Texas Instruments
XTR101 TI1-XTR101_15 Datasheet
796Kb / 26P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Burr-Brown (TI)
XTR101 BURR-BROWN-XTR101 Datasheet
195Kb / 15P
   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Texas Instruments
XTR101 TI-XTR101 Datasheet
736Kb / 25P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
National Semiconductor ...
LH0045 NSC-LH0045 Datasheet
456Kb / 12P
   TWO WIRE TRANSMITTER
logo
Texas Instruments
XTR108-DIE TI1-XTR108-DIE Datasheet
122Kb / 5P
[Old version datasheet]   TWO-WIRE TRANSMITTER
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com