Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPT9221 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPT9221
Description  OPT9221 Time-of-Flight Controller
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPT9221 Datasheet(HTML) 3 Page - Texas Instruments

  OPT9221_15 Datasheet HTML 1Page - Texas Instruments OPT9221_15 Datasheet HTML 2Page - Texas Instruments OPT9221_15 Datasheet HTML 3Page - Texas Instruments OPT9221_15 Datasheet HTML 4Page - Texas Instruments OPT9221_15 Datasheet HTML 5Page - Texas Instruments OPT9221_15 Datasheet HTML 6Page - Texas Instruments OPT9221_15 Datasheet HTML 7Page - Texas Instruments OPT9221_15 Datasheet HTML 8Page - Texas Instruments OPT9221_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 104 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
VCCIO8
GPO_3
GPO_2
GPO_0
TIC_DATA_7
RSVD
VD_IN
RSVD_IN
RSVD_IN
VD_QD
HD_QD
VD_SF
VD_FR
SENSOR_DEMOD
_CLK
VSYNC_OUT
VCCIO7
SLEEP
GND
GPO_1
RSVD
RSVD
RSVD
TIC_DATA_4
RSVD_IN
RSVD_IN
RSVD
RSVD
RSVD
RSVD
SENSOR_CLK
GND
ILLUM_FB
TIC_DATA_1/A
SDO
RESETZ
RSVD
VCCIO8
GND
RSVD
VCCIO8
I2C_MAS_SDA
I2C_SDA_SENS
OR
VCCIO7
RSVD
GND
VCCIO7
RSVD
ILLUM_SW_2
ILLUM_SW_1
DEBUG
TIC_CSOZ
RSVD
VCCD_PLL3
RSVD
RSVD
GND
I2C_MAS_SCL
I2C_SCL_SENS
OR
GND
RSVD
RSVD
VCCD_PLL2
SENSOR_RSTZ
RSVD
RSVD
SYSCLK_IN
GND
VCCIO1
GND
GNDA3
TIC_DATA_6
TIC_DATA_5
TIC_DATA_2
GPI_1
RSVD
RSVD
GNDA2
GND
VCCIO6
ILLUM_MOD_FB
COMP_MOD_FB
I2C_SLV_SCL
I2C_SLV_SDA
RSVD
TIC_STATUSZ
VCCA3
GND
VCCINT
TIC_DATA_3
GPI_0
GND
VCCINT
VCCA2
ILLUM_REF
RSVD
IO_MOD_REF
COMP_MOD_REF
RSVD
INT_OUT
VCCIO1
GND
INT_PMIC
VCCINT
VCCINT
VCCINT
VCCINT
VCCINT
RSVD
BOOT_2
GND
VCCIO6
RSVD
TIC_INIT_DON
E
TIC_CLK
TIC_DATA_0
TIC_C
TIC_I
TIC_CONFIGZ
VCCINT
GND
GND
GND
GND
VCCINT
BOOT_1
BOOT_0
TIC_CONF_DON
E
GND
GND
RSVD
HD/BD
TIC_CEZ
TIC_O
TIC_S
VCCINT
GND
GND
GND
GND
GND
RSVD
RSVD
RSVD
CAP_DATA_SUM
_P
CAP_DATA_SUM
_M
VD
PHASE_AUX
VCCIO2
GND
OP_CLK
OP_CS
VCCINT
GND
DDR2_ADDR_3
DDR2_ADDR_2
VCCINT
RSVD
GND
VCCIO5
CAP_DATA_DIF
F_1P
CAP_DATA_DIF
F_1M
OP_DATA_5
OP_DATA_6
OVERFLOW
OP_DATA_7
VCCA1
FE
DDR2_DQ_0
DDR2_DQ_7
DDR2_ADDR_1
DDR2_ADDR_6
DDR2_ADDR_0
VCCA4
RSVD
RSVD_IN
RSVD_IN
RSVD
READY
RSVD_IN
VCCIO2
GND
GNDA1
RSVD
DDR2_DQS_0
DDR2_DM_1
DDR2_ADDR_5
DDR2_ADDR_11
DDR2_ADDR_4
GNDA4
GND
VCCIO5
CAP_BIT_CLKP
CAP_BIT_CLKM
OP_DATA_3
OP_DATA_4
DDR2_ADDR_10
VCCD_PLL1
DDR2_DQ_1
DDR2_DQ_3
GND
DDR2_DQ_14
DDR2_DQ_9
GND
DDR2_ADDR_8
DDR2_REF_3
VCCD_PLL4
RSVD
CAP_DATA_DIF
F_0P
CAP_DATA_DIF
F_0M
OP_DATA_1
OP_DATA_2
DDR2_DM_0
VCCIO3
GND
DDR2_REF_1
VCCIO3
DDR2_DQ_12
DDR2_ADDR_9
VCCIO4
DDR2_REF_2
GND
VCCIO4
DDR2_CLKz_0
RSVD
CAP_FRM_CLKM
OP_DATA_0
GND
DDR2_DQ_6
DDR2_BA_0
DDR2_DQ_4
DDR2_DQ_2
DDR2_DQ_5
RSVD_IN
RSVD_IN
DDR2_DQ_11
DDR2_DQ_10
DDR2_DQ_8
DDR2_CSZ
DDR2_CLK_0
GND
CAP_FRM_CLKP
VCCIO3
DDR2_CKE
DDR2_REF_0
DDR2_BA_1
DDR2_ADDR_12
DDR2_ADDR_7
DDR2_DQS_1
RSVD_IN
RSVD_IN
DDR2_WEZ
DDR2_CASZ
DDR2_RASZ
DDR2_DQ_15
DDR2_DQ_13
DDR2_ODT_0
VCCIO4
OPT9221
www.ti.com
SBAS703A – JUNE 2015 – REVISED JUNE 2015
5 Pin Configuration and Functions
ZVM Package
256-Ball NFBGA
Top View
Pin Functions
PIN
I/O
I/O
I/O BANK
DESCRIPTION
STANDARD
NAME
NO.
BOOT_0
H13
Input
2.5 V
Boot configuration pin 0. Tie to VCC or to GND.
BOOT_1
H12
Input
2.5 V
Boot configuration pin 1. Tie to VCC or to GND.
BOOT_2
G12
Input
2.5 V
Boot configuration pin 2. Tie to VCC or to GND.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPT9221


Similar Part No. - OPT9221_15

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
OPT-0025-00-C ATGBICS-OPT-0025-00-C Datasheet
592Kb / 15P
   OPT-0025-00 F5 Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
logo
Delta Electronics, Inc.
OPT-1250A1F1 DELTA-OPT-1250A1F1 Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1A DELTA-OPT-1250A1F1A Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1AH DELTA-OPT-1250A1F1AH Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1B DELTA-OPT-1250A1F1B Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
More results

Similar Description - OPT9221_15

ManufacturerPart #DatasheetDescription
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
logo
Texas Instruments
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
   Time-of-Flight Sensor Array
logo
Texas Instruments
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
logo
Analog Devices
ADTF3175 AD-ADTF3175_V01 Datasheet
150Kb / 2P
   1 MegaPixel Time-of-Flight Module
Rev. Sp0
logo
Melexis Microelectronic...
EVK75123 MELEXIS-EVK75123 Datasheet
726Kb / 2P
   TIME-OF-FLIGHT CHIPSET EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com