Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPT9221 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPT9221
Description  OPT9221 Time-of-Flight Controller
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPT9221 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPT9221_15 Datasheet HTML 4Page - Texas Instruments OPT9221_15 Datasheet HTML 5Page - Texas Instruments OPT9221_15 Datasheet HTML 6Page - Texas Instruments OPT9221_15 Datasheet HTML 7Page - Texas Instruments OPT9221_15 Datasheet HTML 8Page - Texas Instruments OPT9221_15 Datasheet HTML 9Page - Texas Instruments OPT9221_15 Datasheet HTML 10Page - Texas Instruments OPT9221_15 Datasheet HTML 11Page - Texas Instruments OPT9221_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 104 page
background image
OPT9221
SBAS703A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
Pin Functions (continued)
PIN
I/O
I/O
I/O BANK
DESCRIPTION
STANDARD
NAME
NO.
RSVD
D11
Bidir
1.8 V
VCCIO7
Leave unconnected
RSVD
D12
Bidir
1.8 V
VCCIO7
Leave unconnected
RSVD
D15
Bidir
3.3 V
VCCIO6
Leave unconnected
RSVD
D16
Bidir
3.3 V
VCCIO6
Leave unconnected
RSVD
E10
Bidir
1.8 V
VCCIO7
Leave unconnected
RSVD
E11
Bidir
1.8 V
VCCIO7
Leave unconnected
RSVD
F3
Bidir
1.8 V
VCCIO1
Leave unconnected
RSVD
F14
Bidir
3.3 V
VCCIO6
Leave unconnected
RSVD
G1
Bidir
1.8 V
VCCIO1
Leave unconnected
RSVD
G11
Bidir
3.3 V
VCCIO6
Leave unconnected
RSVD
G15
Bidir
3.3 V
VCCIO6
Leave unconnected
RSVD
J1
Output
1.8 V
VCCIO2
Reserved
RSVD
J12
Bidir
2.5 V
VCCIO5
Leave unconnected
RSVD
J13
Bidir
2.5 V
VCCIO5
Leave unconnected
RSVD
J14
Bidir
2.5 V
VCCIO5
Leave unconnected
RSVD
K12
Bidir
2.5 V
VCCIO5
Leave unconnected
RSVD
L13
Bidir
2.5 V
VCCIO5
Leave unconnected
RSVD
L16
Bidir
2.5 V
VCCIO5
Leave unconnected
RSVD
M6
Bidir
1.8 V
VCCIO3
Leave unconnected
RSVD
N14
Bidir
2.5 V
VCCIO5
Leave unconnected
RSVD
P15
Bidir
2.5 V
VCCIO5
Leave unconnected
RSVD_IN
A8
Input
1.8 V
VCCIO8
Tie to GND
RSVD_IN
A9
Input
1.8 V
VCCIO7
Tie to GND
RSVD_IN
B8
Input
1.8 V
VCCIO8
Tie to GND
RSVD_IN
B9
Input
1.8 V
VCCIO7
Tie to GND
RSVD_IN
L14
Input
Analog
VCCIO5
Tie to 2.5 V
RSVD_IN
L15
Input
Analog
VCCIO5
Tie to 2.5 V
RSVD_IN
M2
Input
1.8 V
VCCIO2
Tie to GND
RSVD_IN
R8
Input
1.8 V
VCCIO3
Tie to GND
RSVD_IN
R9
Input
1.8 V
VCCIO4
Tie to GND
RSVD_IN
T8
Input
1.8 V
VCCIO3
Tie to GND
RSVD_IN
T9
Input
1.8 V
VCCIO4
Tie to GND
SENSOR_CLK
B14
Output
1.8 V
VCCIO7
Sensor main clock
SENSOR_DEMOD_CL
A14
Output
1.8 V
VCCIO7
Demod clock for test
K
SENSOR_RSTZ
D14
Output
1.8 V
VCCIO7
Sensor reset
SLEEP
B1
Input
1.8 V
VCCIO1
Puts the TFC in standby mode when enabled
SYSCLK_IN
E1
Input
1.8 V
VCCIO1
Main system clock input
TIC_C
H3
Input
2.5 V
Reserved. Needs external pull-down resistor of 10 k
Ω
If high, TFC releases the control of configuration pins. In
TIC_CEZ
J3
Input
1.8 V
VCCIO1
slave boot modes, tie to ground.
TIC_CLK
H1
Input
1.8 V
VCCIO1
Configuration data clock
TIC_CONFIGZ
H5
Input
1.8 V
VCCIO1
Used to start firmware load operation
TIC_CONF_DONE
H14
Output
Open Drain
VCCIO6
Used to indicate end of firmware load operation
In master serial boot mode, Used by TFC to load
TIC_CSOZ
D2
Output
1.8 V
VCCIO1
firmware from EEPROM as chip select pin.
TIC_DATA_0
H2
Input
1.8 V
VCCIO1
Configuration data pin 0
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: OPT9221


Similar Part No. - OPT9221_15

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
OPT-0025-00-C ATGBICS-OPT-0025-00-C Datasheet
592Kb / 15P
   OPT-0025-00 F5 Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
logo
Delta Electronics, Inc.
OPT-1250A1F1 DELTA-OPT-1250A1F1 Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1A DELTA-OPT-1250A1F1A Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1AH DELTA-OPT-1250A1F1AH Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1B DELTA-OPT-1250A1F1B Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
More results

Similar Description - OPT9221_15

ManufacturerPart #DatasheetDescription
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
logo
Texas Instruments
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
   Time-of-Flight Sensor Array
logo
Texas Instruments
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
logo
Analog Devices
ADTF3175 AD-ADTF3175_V01 Datasheet
150Kb / 2P
   1 MegaPixel Time-of-Flight Module
Rev. Sp0
logo
Melexis Microelectronic...
EVK75123 MELEXIS-EVK75123 Datasheet
726Kb / 2P
   TIME-OF-FLIGHT CHIPSET EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com