Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPT3001DNPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPT3001DNPR
Description  Ambient Light Sensor (ALS)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPT3001DNPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPT3001DNPR Datasheet HTML 2Page - Texas Instruments OPT3001DNPR Datasheet HTML 3Page - Texas Instruments OPT3001DNPR Datasheet HTML 4Page - Texas Instruments OPT3001DNPR Datasheet HTML 5Page - Texas Instruments OPT3001DNPR Datasheet HTML 6Page - Texas Instruments OPT3001DNPR Datasheet HTML 7Page - Texas Instruments OPT3001DNPR Datasheet HTML 8Page - Texas Instruments OPT3001DNPR Datasheet HTML 9Page - Texas Instruments OPT3001DNPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
tFC
SCL
SDA
tLOW
Stop
70%
30%
70%
30%
tRC
tSUSTA
tHDSTA
tSUSTO
tHIGH
tFD
tRD
tBUF
1/fSCL
tSUDAT
tHDDAT
Start
Start
Stop
OPT3001
SBOS681B – JULY 2014 – REVISED DECEMBER 2014
www.ti.com
6.6 Timing Requirements
(1)
MIN
TYP
MAX
UNIT
I2C FAST MODE
fSCL
SCL operating frequency
0.01
0.4
MHz
tBUF
Bus free time between stop and start
1300
ns
tHDSTA
Hold time after repeated start
600
ns
tSUSTA
Setup time for repeated start
600
ns
tSUSTO
Setup time for stop
600
ns
tHDDAT
Data hold time
20
900
ns
tSUDAT
Data setup time
100
ns
tLOW
SCL clock low period
1300
ns
tHIGH
SCL clock high period
600
ns
tRC and tFC
Clock rise and fall time
300
ns
tRD and tFD
Data rise and fall time
300
ns
Bus timeout period. If the SCL line is held low for this duration of time, the bus
tTIMEO
28
ms
state machine is reset.
I2C HIGH-SPEED MODE
fSCL
SCL operating frequency
0.01
2.6
MHz
tBUF
Bus free time between stop and start
160
ns
tHDSTA
Hold time after repeated start
160
ns
tSUSTA
Setup time for repeated start
160
ns
tSUSTO
Setup time for stop
160
ns
tHDDAT
Data hold time
20
140
ns
tSUDAT
Data setup time
20
ns
tLOW
SCL clock low period
240
ns
tHIGH
SCL clock high period
60
ns
tRC and tFC
Clock rise and fall time
40
ns
tRD and tFD
Data rise and fall time
80
ns
Bus timeout period. If the SCL line is held low for this duration of time, the bus
tTIMEO
28
ms
state machine is reset.
(1)
All timing parameters are referenced to low and high voltage thresholds of 30% and 70%, respectively, of final settled value.
Figure 1. I2C Detailed Timing Diagram
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: OPT3001


Similar Part No. - OPT3001DNPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT3001DNPRQ1 TI1-OPT3001DNPRQ1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
More results

Similar Description - OPT3001DNPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1_18 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3004 TI1-OPT3004 Datasheet
758Kb / 40P
[Old version datasheet]   Ambient Light Sensor (ALS) With Excellent Angular IR Rejection
OPT3005 TI-OPT3005 Datasheet
1Mb / 40P
[Old version datasheet]   OPT3005 Ambient Light Sensor (ALS) for Video Surveillance Cameras
DECEMBER 2022
OPT3004 TI-OPT3004_V01 Datasheet
2Mb / 47P
[Old version datasheet]   OPT3004 Ambient Light Sensor (ALS) With Excellent Angular IR Rejection
DECEMBER 2021
logo
STMicroelectronics
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
   Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
logo
ams AG
TSL2540 AMSCO-TSL2540 Datasheet
540Kb / 37P
   ALS, Light-to-Digital Sensor
TSL2541 AMSCO-TSL2541 Datasheet
716Kb / 38P
   ALS, Light-to-Digital Sensor
2018-Jan-23
TSL2540 AMSCO-TSL2540_V01 Datasheet
552Kb / 37P
   ALS, Light-to-Digital Sensor
2019-Mar-20
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com