Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPT3001DNPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPT3001DNPR
Description  Ambient Light Sensor (ALS)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPT3001DNPR Datasheet(HTML) 5 Page - Texas Instruments

  OPT3001DNPR Datasheet HTML 1Page - Texas Instruments OPT3001DNPR Datasheet HTML 2Page - Texas Instruments OPT3001DNPR Datasheet HTML 3Page - Texas Instruments OPT3001DNPR Datasheet HTML 4Page - Texas Instruments OPT3001DNPR Datasheet HTML 5Page - Texas Instruments OPT3001DNPR Datasheet HTML 6Page - Texas Instruments OPT3001DNPR Datasheet HTML 7Page - Texas Instruments OPT3001DNPR Datasheet HTML 8Page - Texas Instruments OPT3001DNPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
OPT3001
www.ti.com
SBOS681B – JULY 2014 – REVISED DECEMBER 2014
6.5 Electrical Characteristics
At TA = 25°C, VDD = 3.3 V, 800-ms conversion time (CT = 1)
(1), automatic full-scale range (RN[3:0] = 1100b(1)), white LED,
and normal-angle incidence of light, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPTICAL
Peak irradiance spectral responsivity
550
nm
Resolution (LSB)
Lowest full-scale range, RN[3:0] = 0000b(1)
0.01
lux
Full-scale illuminance
83865.6
lux
2812
3125
3437
ADC codes
0.64 lux per ADC code, 2620.80 lux full-scale
Measurement output result
(RN[3:0] = 0110)(1), 2000 lux input(2)
1800
2000
2200
lux
Relative accuracy between gain
0.2%
ranges(3)
Infrared response (850 nm)(2)
0.2%
Light source variation
Bare device, no cover glass
4%
(incandescent, halogen, fluorescent)
Input illuminance > 40 lux
2%
Linearity
Input illuminance < 40 lux
5%
Measurement drift across temperature
Input illuminance = 2000 lux
0.01
%/°C
0
3
ADC codes
Dark condition, ADC output
0.01 lux per ADC code
0
0.03
lux
Half-power angle
50% of full-power reading
47
degrees
PSRR
Power-supply rejection ratio
VDD at 3.6 V and 1.6 V
0.1
%/V(4)
POWER SUPPLY
VDD
Operating range
1.6
3.6
V
VI²C
1.6
5.5
V
Operating range of I2C pull-up resistor
I2C pull-up resistor, VDD ≤ VI²C
Active, VDD = 3.6 V
1.8
2.5
µA
Dark
Shutdown (M[1:0] = 00)(1),
0.3
0.47
µA
VDD = 3.6 V
IQ
Quiescent current
Active, VDD = 3.6 V
3.7
µA
Full-scale lux
Shutdown,
0.4
µA
(M[1:0] = 00)(1)
POR
Power-on-reset threshold
TA = 25°C
0.8
V
DIGITAL
I/O pin capacitance
3
pF
(CT = 1)(1), 800-ms mode, fixed lux range
720
800
880
ms
Total integration time(5)
(CT = 0)(1), 100-ms mode, fixed lux range
90
100
110
ms
Low-level input voltage
VIL
0
0.3 × VDD
V
(SDA, SCL, and ADDR)
High-level input voltage
VIH
0.7 × VDD
5.5
V
(SDA, SCL, and ADDR)
Low-level input current
IIL
0.01
0.25(6)
µA
(SDA, SCL, and ADDR)
Low-level output voltage
VOL
IOL= 3 mA
0.32
V
(SDA and INT)
Output logic high, high-Z leakage
IZH
Pin at VDD
0.01
0.25(6)
µA
current (SDA, INT)
TEMPERATURE
Specified temperature range
–40
85
°C
(1)
Refers to a control field within the configuration register.
(2)
Tested with the white LED calibrated to 2k lux and an 850-nm LED.
(3)
Characterized by measuring fixed near-full-scale light levels on the higher adjacent full-scale range setting.
(4)
PSRR is the percent change of the measured lux output from its current value, divided by the change in power supply voltage, as
characterized by results from 3.6-V and 1.6-V power supplies.
(5)
The conversion time, from start of conversion until the data are ready to be read, is the integration time plus 3 ms.
(6)
The specified leakage current is dominated by the production test equipment limitations. Typical values are much smaller.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPT3001


Similar Part No. - OPT3001DNPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT3001DNPRQ1 TI1-OPT3001DNPRQ1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
More results

Similar Description - OPT3001DNPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1_18 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3004 TI1-OPT3004 Datasheet
758Kb / 40P
[Old version datasheet]   Ambient Light Sensor (ALS) With Excellent Angular IR Rejection
OPT3005 TI-OPT3005 Datasheet
1Mb / 40P
[Old version datasheet]   OPT3005 Ambient Light Sensor (ALS) for Video Surveillance Cameras
DECEMBER 2022
OPT3004 TI-OPT3004_V01 Datasheet
2Mb / 47P
[Old version datasheet]   OPT3004 Ambient Light Sensor (ALS) With Excellent Angular IR Rejection
DECEMBER 2021
logo
STMicroelectronics
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
   Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
logo
ams AG
TSL2540 AMSCO-TSL2540 Datasheet
540Kb / 37P
   ALS, Light-to-Digital Sensor
TSL2541 AMSCO-TSL2541 Datasheet
716Kb / 38P
   ALS, Light-to-Digital Sensor
2018-Jan-23
TSL2540 AMSCO-TSL2540_V01 Datasheet
552Kb / 37P
   ALS, Light-to-Digital Sensor
2019-Mar-20
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com