Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCX2200 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # NCX2200
Description  Low voltage comparator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NCX2200 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button NCX2200_15 Datasheet HTML 5Page - NXP Semiconductors NCX2200_15 Datasheet HTML 6Page - NXP Semiconductors NCX2200_15 Datasheet HTML 7Page - NXP Semiconductors NCX2200_15 Datasheet HTML 8Page - NXP Semiconductors NCX2200_15 Datasheet HTML 9Page - NXP Semiconductors NCX2200_15 Datasheet HTML 10Page - NXP Semiconductors NCX2200_15 Datasheet HTML 11Page - NXP Semiconductors NCX2200_15 Datasheet HTML 12Page - NXP Semiconductors NCX2200_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NCX2200
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 6 — 9 July 2014
9 of 18
NXP Semiconductors
NCX2200
Low voltage comparator
13.3 Schmitt trigger oscillator
Figure 15 shows the NCX2200 configured as a Schmitt trigger oscillator.
13.4 Zero-crossing detector
Figure 16 shows the NCX2200 configured as a zero-crossing detector.
The oscillation frequency can be calculated as follows:
Fig 15. Schmitt trigger oscillator
IN+
IN-
001aan864
NCX2200
CX
RX
R
VO
OUT
+VCC
-VCC
R
f
1
T
---
1
2.2 R
X
C
X

------------------------------
==
Fig 16. Zero-crossing detector
IN+
IN-
001aan865
NCX2200
OUT
VCC
100 mV


Similar Part No. - NCX2200_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NCX2202 NXP-NCX2202 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Rev. 5-30 October 2012
NCX2202GM NXP-NCX2202GM Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Rev. 5-30 October 2012
NCX2202GW NXP-NCX2202GW Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Rev. 5-30 October 2012
NCX2202GW-125 NXP-NCX2202GW-125 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Rev. 5-30 October 2012
NCX2202 PHILIPS-NCX2202_15 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output
Rev. 5-30 October 2012
More results

Similar Description - NCX2200_15

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM742B ELM-TECH-ELM742B Datasheet
60Kb / 3P
   Low voltage comparator
logo
NXP Semiconductors
NCX2220 PHILIPS-NCX2220_15 Datasheet
1Mb / 20P
   Low voltage comparator
Rev. 4-27 June 2012
logo
Shenzhen Huazhimei Semi...
LMV331 HMSEMI-LMV331 Datasheet
1Mb / 6P
   Low Voltage Comparator
logo
Fairchild Semiconductor
FAN156 FAIRCHILD-FAN156 Datasheet
733Kb / 9P
   Low Voltage Comparator
logo
NXP Semiconductors
NCX2220 NXP-NCX2220 Datasheet
1Mb / 20P
   Low voltage comparator
Rev. 4-27 June 2012
logo
ON Semiconductor
NCS2220A ONSEMI-NCS2220A_09 Datasheet
137Kb / 10P
   Low Voltage Comparator
October, 2009 ??Rev. 1
NCS2220A ONSEMI-NCS2220A_13 Datasheet
117Kb / 9P
   Low Voltage Comparator
April, 2013 ??Rev. 2
logo
NXP Semiconductors
NCX2220GU NXP-NCX2220GU Datasheet
1Mb / 20P
   Low voltage comparator
Rev. 4-27 June 2012
logo
ON Semiconductor
NCS2220A ONSEMI-NCS2220A Datasheet
69Kb / 10P
   Low Voltage Comparator
September, 2006 ??Rev. 0
FAN156 ONSEMI-FAN156 Datasheet
268Kb / 9P
   Low Voltage Comparator
November-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com