Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIC6C596 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NPIC6C596
Description  Power logic 8-bit shift register; open-drain outputs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NPIC6C596 Datasheet(HTML) 2 Page - NXP Semiconductors

  NPIC6C596_15 Datasheet HTML 1Page - NXP Semiconductors NPIC6C596_15 Datasheet HTML 2Page - NXP Semiconductors NPIC6C596_15 Datasheet HTML 3Page - NXP Semiconductors NPIC6C596_15 Datasheet HTML 4Page - NXP Semiconductors NPIC6C596_15 Datasheet HTML 5Page - NXP Semiconductors NPIC6C596_15 Datasheet HTML 6Page - NXP Semiconductors NPIC6C596_15 Datasheet HTML 7Page - NXP Semiconductors NPIC6C596_15 Datasheet HTML 8Page - NXP Semiconductors NPIC6C596_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
NPIC6C596
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 4 July 2013
2 of 21
NXP Semiconductors
NPIC6C596
Power logic 8-bit shift register; open-drain outputs
3.
Applications
LED sign
Graphic status panel
Fault status indicator
4.
Ordering information
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
NPIC6C596D
40 C to +125 C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
NPIC6C596PW
40 C to +125 C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
NPIC6C596BQ
40 C to +125 C
DHVQFN16 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 16 terminals;
body 2.5
 3.5  0.85 mm
SOT763-1
Fig 1.
Logic symbol
Fig 2.
Functional diagram
Q0
DS
SHCP
MR
STCP
Q1
3
15
10
2
4
5
6
11
12
13
14
9
78
Q2
Q3
Q4
Q5
Q6
Q7
Q7S
OE
aaa-002547
3
Q0
4
Q1
5
Q2
6
Q3
OPEN-DRAIN OUTPUTS
8-BIT STORAGE REGISTER
8-STAGE SHIFT REGISTER
11
Q4
12
Q5
13
Q6
14
Q7
OE
STCP
MR
SHCP
Q7S
DS
2
15
9
7
10
8
aaa-002548


Similar Part No. - NPIC6C596_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NPIC6C596-Q100 NXP-NPIC6C596-Q100 Datasheet
1Mb / 2P
   NXP Logic ??Q100 logic portfolio
logo
Nexperia B.V. All right...
NPIC6C596-Q100 NEXPERIA-NPIC6C596-Q100 Datasheet
281Kb / 18P
   Power logic 8-bit shift register; open-drain outputs
Rev. 3 - 22 June 2020
NPIC6C596A NEXPERIA-NPIC6C596A Datasheet
1Mb / 21P
   Power logic 8-bit shift register; open-drain outputs
logo
NXP Semiconductors
NPIC6C596A(1) PHILIPS-NPIC6C596A(1)_15 Datasheet
1Mb / 21P
   Power logic 8-bit shift register; open-drain outputs
Rev. 1-23 October 2013
logo
Nexperia B.V. All right...
NPIC6C596A-Q100 NEXPERIA-NPIC6C596A-Q100 Datasheet
1Mb / 20P
   Power logic 8-bit shift register; open-drain outputs
More results

Similar Description - NPIC6C596_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NPIC6C595 NEXPERIA-NPIC6C595 Datasheet
1Mb / 20P
   Power logic 8-bit shift register; open-drain outputs
NPIC6C596A-Q100 NEXPERIA-NPIC6C596A-Q100 Datasheet
1Mb / 20P
   Power logic 8-bit shift register; open-drain outputs
logo
NXP Semiconductors
NPIC6C595 PHILIPS-NPIC6C595_15 Datasheet
1Mb / 20P
   Power logic 8-bit shift register; open-drain outputs
Rev. 1-20 August 2012
NPIC6C596A(1) PHILIPS-NPIC6C596A(1)_15 Datasheet
1Mb / 21P
   Power logic 8-bit shift register; open-drain outputs
Rev. 1-23 October 2013
logo
Nexperia B.V. All right...
NPIC6C596A NEXPERIA-NPIC6C596A Datasheet
1Mb / 21P
   Power logic 8-bit shift register; open-drain outputs
NPIC6C595-Q100 NEXPERIA-NPIC6C595-Q100 Datasheet
283Kb / 19P
   Power logic 8-bit shift register; open-drain outputs
Rev. 2 - 9 June 2020
logo
NXP Semiconductors
NPIC6C596A PHILIPS-NPIC6C596A_15 Datasheet
1Mb / 21P
   Power logic 8-bit shift register open-drain outputs
Rev. 1-23 October 2013
logo
Nexperia B.V. All right...
NPIC6C596 NEXPERIA-NPIC6C596 Datasheet
1Mb / 21P
   Power logic 8-bit shift register; open-drain outputs
NPIC6C596-Q100 NEXPERIA-NPIC6C596-Q100 Datasheet
281Kb / 18P
   Power logic 8-bit shift register; open-drain outputs
Rev. 3 - 22 June 2020
NPIC6C4894 NEXPERIA-NPIC6C4894 Datasheet
981Kb / 21P
   Power logic 12-bit shift register; open-drain outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com