Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIC6C596A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NPIC6C596A
Description  Power logic 8-bit shift register open-drain outputs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NPIC6C596A Datasheet(HTML) 1 Page - NXP Semiconductors

  NPIC6C596A_15 Datasheet HTML 1Page - NXP Semiconductors NPIC6C596A_15 Datasheet HTML 2Page - NXP Semiconductors NPIC6C596A_15 Datasheet HTML 3Page - NXP Semiconductors NPIC6C596A_15 Datasheet HTML 4Page - NXP Semiconductors NPIC6C596A_15 Datasheet HTML 5Page - NXP Semiconductors NPIC6C596A_15 Datasheet HTML 6Page - NXP Semiconductors NPIC6C596A_15 Datasheet HTML 7Page - NXP Semiconductors NPIC6C596A_15 Datasheet HTML 8Page - NXP Semiconductors NPIC6C596A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The NPIC6C596A is an 8-bit serial-in/serial or parallel-out shift register with a storage
register and open-drain outputs. Both the shift and storage register have separate clocks.
The device features a serial input (DS) and a serial output (Q7S) to enable cascading and
an asynchronous reset MR input. A LOW on MR resets both the shift register and storage
register. Data is shifted on the LOW-to-HIGH transitions of the SHCP input. The data in
the shift register is transferred to the storage register on a LOW-to-HIGH transition of the
STCP input. If both clocks are connected together, the shift register is always one clock
pulse ahead of the storage register. To provide additional hold time in cascaded
applications, the serial output QS7 is clocked out on the falling edge of SHCP. Data in the
storage register drives the gate of the output extended-drain NMOS (EDNMOS) transistor
whenever the output enable input (OE) is LOW. A HIGH on OE causes the outputs to
assume a high-impedance OFF-state. Operation of the OE input does not affect the state
of the registers.
The open-drain outputs are 33 V/100 mA continuous current extended-drain NMOS
transistors designed for use in systems that require moderate load power such as LEDs.
Integrated voltage clamps in the outputs provide protection against inductive transients.
These voltage clamps make the device suitable for power driver applications such as
relays, solenoids and other low-current or medium-voltage loads.
2.
Features and benefits
Specified from
40 Cto+125 C
Wide supply range 2.3 V to 5.5 V
Low RDSon
Eight Power EDNMOS transistor outputs of 100 mA continuous current
250 mA current limit capability
Output clamping voltage 33 V
30 mJ avalanche energy capability
Enhanced cascading for multiple stages
All registers cleared with single input
Low power consumption
ESD protection:
HBM JDS-001 Class 2 exceeds 2500 V
CDM JESD22-C101E exceeds 1000 V
NPIC6C596A
Power logic 8-bit shift register; open-drain outputs
Rev. 1 — 23 October 2013
Product data sheet


Similar Part No. - NPIC6C596A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NPIC6C596A(1) PHILIPS-NPIC6C596A(1)_15 Datasheet
1Mb / 21P
   Power logic 8-bit shift register; open-drain outputs
Rev. 1-23 October 2013
More results

Similar Description - NPIC6C596A_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NPIC6C595 NEXPERIA-NPIC6C595 Datasheet
1Mb / 20P
   Power logic 8-bit shift register; open-drain outputs
NPIC6C596A-Q100 NEXPERIA-NPIC6C596A-Q100 Datasheet
1Mb / 20P
   Power logic 8-bit shift register; open-drain outputs
logo
NXP Semiconductors
NPIC6C595 PHILIPS-NPIC6C595_15 Datasheet
1Mb / 20P
   Power logic 8-bit shift register; open-drain outputs
Rev. 1-20 August 2012
NPIC6C596A(1) PHILIPS-NPIC6C596A(1)_15 Datasheet
1Mb / 21P
   Power logic 8-bit shift register; open-drain outputs
Rev. 1-23 October 2013
logo
Nexperia B.V. All right...
NPIC6C596A NEXPERIA-NPIC6C596A Datasheet
1Mb / 21P
   Power logic 8-bit shift register; open-drain outputs
NPIC6C595-Q100 NEXPERIA-NPIC6C595-Q100 Datasheet
283Kb / 19P
   Power logic 8-bit shift register; open-drain outputs
Rev. 2 - 9 June 2020
NPIC6C596 NEXPERIA-NPIC6C596 Datasheet
1Mb / 21P
   Power logic 8-bit shift register; open-drain outputs
logo
NXP Semiconductors
NPIC6C596 PHILIPS-NPIC6C596_15 Datasheet
1Mb / 21P
   Power logic 8-bit shift register; open-drain outputs
Rev. 2-4 July 2013
logo
Nexperia B.V. All right...
NPIC6C596-Q100 NEXPERIA-NPIC6C596-Q100 Datasheet
281Kb / 18P
   Power logic 8-bit shift register; open-drain outputs
Rev. 3 - 22 June 2020
NPIC6C4894 NEXPERIA-NPIC6C4894 Datasheet
981Kb / 21P
   Power logic 12-bit shift register; open-drain outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com