Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX769 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX769
Description  2 or 3-Cell, Step-Up/Down, Two-Way Pager System IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX769 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX769 Datasheet HTML 2Page - Maxim Integrated Products MAX769 Datasheet HTML 3Page - Maxim Integrated Products MAX769 Datasheet HTML 4Page - Maxim Integrated Products MAX769 Datasheet HTML 5Page - Maxim Integrated Products MAX769 Datasheet HTML 6Page - Maxim Integrated Products MAX769 Datasheet HTML 7Page - Maxim Integrated Products MAX769 Datasheet HTML 8Page - Maxim Integrated Products MAX769 Datasheet HTML 9Page - Maxim Integrated Products MAX769 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2 or 3-Cell, Step-Up/Down,
Two-Way Pager System IC
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
100
10
1
4
5
3
2
6
NO-LOAD BATTERY CURRENT
vs. BATTERY VOLTAGE
BATTERY VOLTAGE (V)
VOUT = 3.0V
COAST MODE
160
140
120
100
80
60
40
20
0
1
4
5
3
2
6
MAXIMUM LOAD CURRENT
vs. BATTERY VOLTAGE
BATTERY VOLTAGE (V)
RUN MODE
COAST MODE
VOUT = 3.0V
6
1
1
10
100
START-UP BATTERY VOLTAGE
vs. LOAD CURRENT
2
LOAD CURRENT (mA)
3
4
5
VOUT = 3.0V
COAST MODE
0
5
15
10
20
25
0
2
1
3
4
5
6
NICD CHARGING CURRENT vs.
NICD VOLTAGE
NICD VOLTAGE (V)
15mA MODE
VOUT = 4.9V
0
2
1
3
0
2
1
3
4
5
DR1 OR DR2 ON-RESISTANCE vs. VOUT
VOUT VOLTAGE (V)
-80
-60
-40
0
-20
20
100
300
200
400
500
600
LX NOISE SPECTRUM
(RUN MODE, SYNC OPERATION)
FREQUENCY (kHz)
0
20
60
80
40
100
0.1
10
1
100
1000
10,000
REG2 NOISE SPECTRUM
(RUN MODE)
FREQUENCY (kHz)


Similar Part No. - MAX769

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX761C/D MAXIM-MAX761C/D Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX761CPA MAXIM-MAX761CPA Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX761CSA MAXIM-MAX761CSA Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX761EPA MAXIM-MAX761EPA Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
More results

Similar Description - MAX769

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX847 MAXIM-MAX847 Datasheet
167Kb / 18P
   1-Cell, Step-Up Two-Way Pager System IC
Rev 1a; 10/98
logo
Panasonic Semiconductor
AN8011S PANASONIC-AN8011S Datasheet
161Kb / 16P
   2-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8014S PANASONIC-AN8014S Datasheet
151Kb / 18P
   Step-down, step-up, or inverting DC-DC converter control IC
AN8018SA PANASONIC-AN8018SA Datasheet
268Kb / 26P
   1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
AN8013SH PANASONIC-AN8013SH Datasheet
125Kb / 15P
   Single-channel step-up or step-down DC-DC converter control IC
logo
Micrel Semiconductor
MIC23099 MICREL-MIC23099 Datasheet
2Mb / 26P
   Single AA/AAA Cell Step-Up/Step-Down Regulators
logo
NEC
UPC8103T NEC-UPC8103T Datasheet
162Kb / 26P
   MIXER OSCILLATOR IC FOR PAGER SYSTEM
logo
Maxim Integrated Produc...
DS2781 MAXIM-DS2781 Datasheet
330Kb / 30P
   1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
logo
Panasonic Semiconductor
AN8015SH PANASONIC-AN8015SH Datasheet
131Kb / 14P
   Single-channel step-down, step-up, or inverting use DC-DC converter control IC
logo
ALPS ELECTRIC CO.,LTD.
SSCQ ALPS-SSCQ Datasheet
1Mb / 3P
   Compact Two-way, Two-step Detection Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com