Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC1051 Datasheet(PDF) 7 Page - Texas Instruments

Part # LDC1051
Description  LDC1051: 8-bit Rp only Inductance-to-Digital Converter with SPI
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LDC1051 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LDC1051_15 Datasheet HTML 3Page - Texas Instruments LDC1051_15 Datasheet HTML 4Page - Texas Instruments LDC1051_15 Datasheet HTML 5Page - Texas Instruments LDC1051_15 Datasheet HTML 6Page - Texas Instruments LDC1051_15 Datasheet HTML 7Page - Texas Instruments LDC1051_15 Datasheet HTML 8Page - Texas Instruments LDC1051_15 Datasheet HTML 9Page - Texas Instruments LDC1051_15 Datasheet HTML 10Page - Texas Instruments LDC1051_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
0
2
4
6
8
10
12
14
0
1
2
3
4
5
6
7
8
Distance (mm)
C002
0
10
20
30
40
50
60
0
1
2
3
4
5
6
7
8
Distance (mm)
C003
LDC1051
www.ti.com
SNOSCY0 – MARCH 2014
6.7 Typical Characteristics
Sensor
Table 16
Rp_MIN:
1.347 k
Ω
Sensor
Table 16
Rp_MIN:
1.347 k
Ω
Details:
Details:
Target
Stainless
Rp_MAX:
38.785 k
Ω
Target
Stainless
Rp_MAX:
38.785 k
Ω
Material:
Steel
Material:
Steel
Figure 3. Rp vs Distance
Figure 4. Proximity Data vs Distance
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LDC1051


Similar Part No. - LDC1051_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1051NHRJ TI1-LDC1051NHRJ Datasheet
2Mb / 31P
[Old version datasheet]   8-bit Rp only Inductance-to-Digital Converter with SPI
LDC1051NHRR TI1-LDC1051NHRR Datasheet
2Mb / 31P
[Old version datasheet]   8-bit Rp only Inductance-to-Digital Converter with SPI
LDC1051NHRT TI1-LDC1051NHRT Datasheet
2Mb / 31P
[Old version datasheet]   8-bit Rp only Inductance-to-Digital Converter with SPI
More results

Similar Description - LDC1051_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1051 TI1-LDC1051 Datasheet
2Mb / 31P
[Old version datasheet]   8-bit Rp only Inductance-to-Digital Converter with SPI
LDC1041 TI1-LDC1041 Datasheet
2Mb / 33P
[Old version datasheet]   8-bit Rp, 24-bit L Inductance-to-Digital Converter with SPI
LDC1041 TI-LDC1041_15 Datasheet
2Mb / 35P
[Old version datasheet]   LDC1041: 8-bit Rp, 24-bit L Inductance-to-Digital Converter with SPI
logo
Microchip Technology
MCP4901 MICROCHIP-MCP4901 Datasheet
3Mb / 50P
   8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4902 MICROCHIP-MCP4902 Datasheet
3Mb / 48P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
logo
Texas Instruments
LDC1000 TI1-LDC1000_16 Datasheet
3Mb / 36P
[Old version datasheet]   Inductance-to-Digital Converter
LDC1000-Q1 TI1-LDC1000-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Inductance to Digital Converter
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
   8 BIT ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com