Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX761 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX761
Description  12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX761 Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Converters
_______________________________________________________________________________________
5
1000
0.01
20
120
LX LEAKAGE vs. TEMPERATURE
10
100
1
0.1
140
100
80
40
60
TEMPERATURE (
°C)
V+ = 15V
VLX = 16.5V
1.5
-60
-20
60
140
PEAK CURRENT AT LX vs. TEMPERATURE
TEMPERATURE (
°C)
20
100
-40
0
80
40
120
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
V+ = 12V
V+ = 5V
4.0
-60
-20
60
140
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
20
100
-40
0
80
40
120
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
V+ = 15V
V+ = 4V
V+ = 8V
8.5
7.5
-60
60
SWITCH-ON TIME vs. TEMPERATURE
8.0
TEMPERATURE (
°C)
0
120
V+ = 5V
2.0
1.0
-60
60
SWITCH-OFF TIME vs. TEMPERATURE
1.5
TEMPERATURE (
°C)
0
120
V+ = 5V
100
80
-60
60
POWER-SUPPLY CURRENT
vs. TEMPERATURE
90
TEMPERATURE (
°C)
0
120
V+ = 3V
V+ = 16.5V
7
5
-60
60
SWITCH-ON/SWITCH-OFF TIME RATIO
vs.TEMPERATURE
6
TEMPERATURE (
°C)
0
120
V+ = 5V
SHDN RESPONSE TIME
ILOAD = 100mA, VIN = 5V
A: VOUT, 2V/div
B: SHDN (0V to 4V)
2ms/div
4V
0V
12V
5V
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 2, TA = +25°C, unless otherwise noted.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn