Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX761 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX761
Description  12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX761 Datasheet(HTML) 3 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Converters
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 5V, ILOAD = 0mA, CREF = 0.1µF, TA = TMIN to TMAX, typical values are at TA = +25°C, unless otherwise noted.)
Note 1:
See
Typical Operating Characteristics for output current capability versus input voltage. Guarantees based on correlation
to switching on and off times, on-resistance, and peak-current ratings.
PARAMETER
Voltage Trip Point
SYMBOL
MIN
TYP
MAX
VFB
1.4550
1.50
1.5450
UNITS
V
-20
20
LX On Resistance
LX Leakage Current
1.0
2.2
-30
30
µA
-10
10
-5
5
SHDN Input High Voltage
-40
40
FB Leakage Current
IFB
-60
60
nA
VIH
1.6
V
SHDN Input Low Voltage
VIL
1.4700
1.50
1.5300
0.4
V
1.4625
1.50
1.5375
SHDN Leakage Current
-1
1
µA
Reference Load Regulation
1.4700
1.50
1.5300
1.4625
1.50
1.5375
10
LBI Threshold Voltage
1.4550
1.50
1.5450
V
LBI Hysteresis
20
mV
LBI Leakage Current
Reference Line Regulation
-20
20
nA
15
mV
LBO Leakage Current
-1
1
µA
LBO Voltage
VOL
0.4
V
LBI to LBO Delay
2.5
µs
CONDITIONS
MAX76_M
MAX76_C
V+ > 5.0V
V+ = 16.5V,
LX = 17V
MAX76_E
MAX76_M
2.0V
≤ V+ ≤ 16.5V
2.0V
≤ V+ ≤ 16.5V
MAX76_C
MAX76_E
V+ = 16.5V, SHDN = 0V or V+
LBI falling
0µA
≤ ILOAD ≤ 100µA
V+ = 16.5V, VLBI = 1.5V
3.0V
≤ V+ ≤ 16.5V
V+ = 16.5V, VLBO = 16.5V
V+ = 5.0V, ISINK = 1mA
Overdrive = 5mV
MAX76_C
MAX76_M
MAX76_E
30
100
µV/V
MAX76_C/E
MAX76_M
MAX76_C
MAX76_M
MAX76_E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn