Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC1041 Datasheet(PDF) 3 Page - Texas Instruments

Part # LDC1041
Description  LDC1041: 8-bit Rp, 24-bit L Inductance-to-Digital Converter with SPI
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LDC1041 Datasheet(HTML) 3 Page - Texas Instruments

  LDC1041_15 Datasheet HTML 1Page - Texas Instruments LDC1041_15 Datasheet HTML 2Page - Texas Instruments LDC1041_15 Datasheet HTML 3Page - Texas Instruments LDC1041_15 Datasheet HTML 4Page - Texas Instruments LDC1041_15 Datasheet HTML 5Page - Texas Instruments LDC1041_15 Datasheet HTML 6Page - Texas Instruments LDC1041_15 Datasheet HTML 7Page - Texas Instruments LDC1041_15 Datasheet HTML 8Page - Texas Instruments LDC1041_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
1
16
7
6
5
4
3
2
10
11
12
13
14
15
DAP
(GND)
SCLK
SDO
DGND
CFB
VDD
CLDO
N/C
INB
GND
TBCLK
INTB
8
9
CSB
SDI
VIO
CFA
INA
LDC1041
www.ti.com
SNOSCY1 – MARCH 2014
5 Terminal Configuration and Functions
WSON-16
Top View
Terminal Description
TERMINAL
TERMINAL
TERMINAL
FUNCTION
NAME
NO.
TYPE (1)
SCLK
1
DO
SPI clock input. SCLK is used to clock-out/clock-in the data from/into the chip
CSB
2
DI
SPI CSB(Chip Select Bar). Multiple devices can be connected on the same SPI bus and
CSB can be used to select the device to be communicated with
SDI
3
DI
SPI Slave Data In (Master Out Slave In). This should be connected to the Master Out Slave
In of the master
VIO
4
P
Digital IO Supply
SDO
5
DO
SPI Slave Data Out (Master In Slave Out).It is high impedance when CSB is high
DGND
6
P
Digital ground
CFB
7
A
LDC filter capacitor
CFA
8
A
LDC filter capacitor
INA
9
A
External LC Tank. Connect to external LC tank
INB
10
A
External LC Tank. Connect to external LC tank
GND
11
P
Analog ground
VDD
12
P
Analog supply
CLDO
13
A
LDO bypass capacitor. A 56nF capacitor should be connected from this Terminal to GND
TBCLK
14
DI
External time-base clock
N/C
15
N/C
No Connection
INTB
16
DO
Configurable interrupt. This Terminal can be configured to behave in 3 different ways by
programing the INT Terminal mode register. Either threshold detect, wakeup, or DRDYB
DAP
17
P
Connect to GND
(1)
DO: Digital Output, DI: Digital Input, P: Power, A: Analog
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LDC1041


Similar Part No. - LDC1041_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1041NHRJ TI1-LDC1041NHRJ Datasheet
2Mb / 33P
[Old version datasheet]   8-bit Rp, 24-bit L Inductance-to-Digital Converter with SPI
LDC1041NHRR TI1-LDC1041NHRR Datasheet
2Mb / 33P
[Old version datasheet]   8-bit Rp, 24-bit L Inductance-to-Digital Converter with SPI
LDC1041NHRT TI1-LDC1041NHRT Datasheet
2Mb / 33P
[Old version datasheet]   8-bit Rp, 24-bit L Inductance-to-Digital Converter with SPI
More results

Similar Description - LDC1041_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1041 TI1-LDC1041 Datasheet
2Mb / 33P
[Old version datasheet]   8-bit Rp, 24-bit L Inductance-to-Digital Converter with SPI
LDC1051 TI1-LDC1051 Datasheet
2Mb / 31P
[Old version datasheet]   8-bit Rp only Inductance-to-Digital Converter with SPI
LDC1051 TI-LDC1051_15 Datasheet
2Mb / 33P
[Old version datasheet]   LDC1051: 8-bit Rp only Inductance-to-Digital Converter with SPI
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1216 TI-ADS1216 Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com