Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4052B Datasheet(PDF) 10 Page - NXP Semiconductors

Part # HEF4052B
Description  Dual 4-channel analog multiplexer/demultiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4052B Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button HEF4052B_15 Datasheet HTML 6Page - NXP Semiconductors HEF4052B_15 Datasheet HTML 7Page - NXP Semiconductors HEF4052B_15 Datasheet HTML 8Page - NXP Semiconductors HEF4052B_15 Datasheet HTML 9Page - NXP Semiconductors HEF4052B_15 Datasheet HTML 10Page - NXP Semiconductors HEF4052B_15 Datasheet HTML 11Page - NXP Semiconductors HEF4052B_15 Datasheet HTML 12Page - NXP Semiconductors HEF4052B_15 Datasheet HTML 13Page - NXP Semiconductors HEF4052B_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
HEF4052B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 9 — 11 September 2014
10 of 22
NXP Semiconductors
HEF4052B
Dual 4-channel analog multiplexer/demultiplexer
11. Dynamic characteristics
Fig 12. Typical RON as a function of input voltage
Table 8.
Dynamic characteristics
Tamb = 25 C; VSS = VEE = 0 V; for test circuit see Figure 16.
Symbol
Parameter
Conditions
VDD
Typ
Max
Unit
tPHL
HIGH to LOW propagation delay nYn, nZ to nZ, nYn; see Figure 13
5 V
1020ns
10 V
5
10
ns
15 V
5
10
ns
Sn to nYn, nZ; see Figure 14
5 V
150
305
ns
10 V
65
135
ns
15 V
50
100
ns
tPLH
LOW to HIGH propagation delay Yn, nZ to nZ, nYn; see Figure 13
5 V
1020ns
10 V
5
10
ns
15 V
5
10
ns
Sn to nYn, nZ; see Figure 14
5 V
150
300
ns
10 V
75
150
ns
15 V
50
100
ns
tPHZ
HIGH to OFF-state
propagation delay
E to nYn, nZ; see Figure 15
5 V
95
190
ns
10 V
90
180
ns
15 V
85
180
ns
tPZH
OFF-state to HIGH
propagation delay
E to nYn, nZ; see Figure 15
5 V
130
260
ns
10 V
55
115
ns
15 V
4585ns
tPLZ
LOW to OFF-state
propagation delay
E to nYn, nZ; see Figure 15
5 V
100
205
ns
10 V
90
180
ns
15 V
90
180
ns


Similar Part No. - HEF4052B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4052B-Q100 NXP-HEF4052B-Q100 Datasheet
1Mb / 2P
   NXP Logic ??Q100 logic portfolio
logo
Nexperia B.V. All right...
HEF4052B-Q100 NEXPERIA-HEF4052B-Q100 Datasheet
292Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 3 - 15 December 2021
logo
NXP Semiconductors
HEF4052BD PHILIPS-HEF4052BD Datasheet
120Kb / 9P
   Dual 4-channel analogue multiplexer/demultiplexer
January 1995
HEF4052BF PHILIPS-HEF4052BF Datasheet
120Kb / 9P
   Dual 4-channel analogue multiplexer/demultiplexer
January 1995
HEF4052BN PHILIPS-HEF4052BN Datasheet
120Kb / 9P
   Dual 4-channel analogue multiplexer/demultiplexer
January 1995
More results

Similar Description - HEF4052B_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com