Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA226-Q1 Datasheet(PDF) 22 Page - Texas Instruments

Part # INA226-Q1
Description  INA226-Q1 Automotive Grade, 36-V, Bi-Directional, Zero-Drift, High Accuracy, Low- orHigh-Side, I2C Compatible Current/Power Monitor with Programmable Over-Current Alert
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA226-Q1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA226-Q1_15 Datasheet HTML 18Page - Texas Instruments INA226-Q1_15 Datasheet HTML 19Page - Texas Instruments INA226-Q1_15 Datasheet HTML 20Page - Texas Instruments INA226-Q1_15 Datasheet HTML 21Page - Texas Instruments INA226-Q1_15 Datasheet HTML 22Page - Texas Instruments INA226-Q1_15 Datasheet HTML 23Page - Texas Instruments INA226-Q1_15 Datasheet HTML 24Page - Texas Instruments INA226-Q1_15 Datasheet HTML 25Page - Texas Instruments INA226-Q1_15 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
INA226-Q1
SBOS743 – JULY 2015
www.ti.com
Register Maps (continued)
Table 4. Register Set Summary (continued)
POINTER
ADDRESS
POWER-ON RESET
HEX
REGISTER NAME
FUNCTION
BINARY
HEX
TYPE(1)
Sets full-scale range and LSB of current
05h
Calibration Register
and power measurements. Overall
00000000 00000000
0000
R/W
system calibration.
Alert configuration and Conversion
06h
Mask/Enable Register
00000000 00000000
0000
R/W
Ready flag.
Contains the limit value to compare to
07h
Alert Limit Register
00000000 00000000
0000
R/W
the selected Alert function.
Contains unique manufacturer
FEh
Manufacturer ID Register
0101010001001001
5449
R
identification number.
Contains unique die identification
FFh
Die ID Register
0010001001100000
2260
R
number.
7.6.1 Configuration Register (00h) (Read/Write)
Table 5. Configuration Register (00h) (Read/Write) Descriptions
BIT NO.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
RST
AVG2
AVG1
AVG0
VBUSCT2
VBUSCT1
VBUSCT0
VSHCT2
VSHCT1
VSHCT0
MODE3
MODE2
MODE1
NAME
POR
0
1
0
0
0
0
0
1
0
0
1
0
0
1
1
1
VALUE
The Configuration Register settings control the operating modes for the device. This register controls the
conversion time settings for both the shunt and bus voltage measurements as well as the averaging mode used.
The operating mode that controls what signals are selected to be measured is also programmed in the
Configuration Register .
The Configuration Register can be read from at any time without impacting or affecting the device settings or a
conversion in progress. Writing to the Configuration Register halts any conversion in progress until the write
sequence is completed resulting in a new conversion starting based on the new contents of the Configuration
Register (00h). This halt prevents any uncertainty in the conditions used for the next completed conversion.
RST:
Reset Bit
Bit 15
Setting this bit to '1' generates a system reset that is the same as power-on reset. Resets all registers to default
values; this bit self-clears.
AVG:
Averaging Mode
Bits 9–11
Determines the number of samples that are collected and averaged. Table 6 shows all the AVG bit settings and
related number of averages for each bit setting.
Table 6. AVG Bit Settings[11:9] Combinations
AVG2
AVG1
AVG0
NUMBER OF
D11
D10
D9
AVERAGES(1)
0
0
0
1
0
0
1
4
0
1
0
16
0
1
1
64
1
0
0
128
1
0
1
256
1
1
0
512
1
1
1
1024
(1)
Shaded values are default.
22
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: INA226-Q1


Similar Part No. - INA226-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA226-Q1 TI1-INA226-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   I2C Compatible Current/Power Monitor
More results

Similar Description - INA226-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA220-Q1 TI1-INA220-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Automotive Grade, 26-V, Bi-Directional, Zero-Drift, Low- or High-Side, I2C-Compatible Current/Power Monitor
INA219 TI-INA219 Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
INA225-Q1 TI-INA225-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA225-Q1 Automotive-Grade, 36-V Programmable-Gain, Voltage-Output, Bidirectional,Zero-Drift, High-Speed Current-Shunt Monitor
INA219 TI-INA219_08 Datasheet
1Mb / 35P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA219BIDR TI1-INA219BIDR Datasheet
989Kb / 40P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA226 TI1-INA226_15 Datasheet
1Mb / 38P
[Old version datasheet]   Bi-Directional Current and Power Monitor with I2C Compatible Interface
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
logo
Texas Instruments
INA282 TI-INA282_11 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com