Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA225AIDGKT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA225AIDGKT
Description  36-V, Programmable-Gain, Voltage-Output, Bidirectional, Zero-Drift Series,Current-Shunt Monitor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA225AIDGKT Datasheet(HTML) 1 Page - Texas Instruments

  INA225AIDGKT Datasheet HTML 1Page - Texas Instruments INA225AIDGKT Datasheet HTML 2Page - Texas Instruments INA225AIDGKT Datasheet HTML 3Page - Texas Instruments INA225AIDGKT Datasheet HTML 4Page - Texas Instruments INA225AIDGKT Datasheet HTML 5Page - Texas Instruments INA225AIDGKT Datasheet HTML 6Page - Texas Instruments INA225AIDGKT Datasheet HTML 7Page - Texas Instruments INA225AIDGKT Datasheet HTML 8Page - Texas Instruments INA225AIDGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
ADC
Load
RSHUNT
Microcontroller
GPIO
CBYPASS
0.1µF
5-V Supply
-
+
IN-
IN+
REF
GND
GS0
GS1
VS
OUT
INA225
GAIN SELECT
GS0
GS1
GAIN
GND
GND
VS
VS
VS
VS
GND
GND
25
50
100
200
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
INA225
SBOS612A – FEBRUARY 2014 – REVISED MARCH 2014
INA225 36-V, Programmable-Gain, Voltage-Output, Bidirectional, Zero-Drift Series,
Current-Shunt Monitor
1 Features
3 Description
The
INA225
is
a
voltage-output,
current-sense
1
Wide Common-Mode Range: 0 V to 36 V
amplifier that senses drops across current-sensing
Offset Voltage: ±150
μV (Max, All Gains)
resistors at common-mode voltages that can vary
Offset Voltage Drift: 0.5
μV/°C (Max)
from 0 V to 36 V, independent of the supply voltage.
The device is a bidirectional, current-shunt monitor
Gain Accuracy, Over Temperature (Max):
that allows an external reference to be used to
25 V/V, 50 V/V: ±0.15%
measure current flowing in both directions across a
100 V/V: ±0.2%
current-sensing resistor.
200 V/V: ±0.3%
Four discrete gain levels are selectable using the two
10-ppm/°C Gain Drift
gain-select terminals (GS0 and GS1) to program
gains of 25 V/V, 50 V/V, 100 V/V, and 200 V/V. The
250-kHz Bandwidth (Gain = 25 V/V)
low-offset, zero-drift architecture and precision gain
Programmable Gains:
values enable current-sensing with maximum drops
G1 = 25 V/V
across the shunt as low as 10 mV of full-scale while
maintaining very high accuracy measurements over
G2 = 50 V/V
the entire operating temperature range.
G3 = 100 V/V
The device operates from a single +2.7-V to +36-V
G4 = 200 V/V
power supply, drawing a maximum of 350
μA of
Quiescent Current: 350
μA (Max)
supply current. The device is specified over the
Package: MSOP-8
extended operating temperature range (–40°C to
+125°C), and is offered in an MSOP-8 package.
2 Applications
Device Information
Power Supplies
ORDER NUMBER
PACKAGE
BODY SIZE
Motor Control
INA225AIDGK
MSOP (8)
3,0 mm x 3,0 mm
Computers
Telecom Equipment
Power Management
Test and Measurement
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA225AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA225AQDGKRQ1 TI1-INA225AQDGKRQ1 Datasheet
1Mb / 33P
[Old version datasheet]   High-Speed Current-Shunt Monitor
More results

Similar Description - INA225AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA225-Q1 TI-INA225-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA225-Q1 Automotive-Grade, 36-V Programmable-Gain, Voltage-Output, Bidirectional,Zero-Drift, High-Speed Current-Shunt Monitor
logo
Analog Devices
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
logo
Texas Instruments
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
logo
Analog Devices
AD8219 AD-AD8219 Datasheet
288Kb / 16P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. A
logo
Texas Instruments
INA254 TI-INA254_V01 Datasheet
1Mb / 30P
[Old version datasheet]   INA254 80-V, High-Voltage, ±75-A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com