Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA209 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA209
Description  High-Side Measurement, Bi-Directional Current/Power Monitor with I2C Interface
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA209 Datasheet(HTML) 3 Page - Texas Instruments

  INA209_15 Datasheet HTML 1Page - Texas Instruments INA209_15 Datasheet HTML 2Page - Texas Instruments INA209_15 Datasheet HTML 3Page - Texas Instruments INA209_15 Datasheet HTML 4Page - Texas Instruments INA209_15 Datasheet HTML 5Page - Texas Instruments INA209_15 Datasheet HTML 6Page - Texas Instruments INA209_15 Datasheet HTML 7Page - Texas Instruments INA209_15 Datasheet HTML 8Page - Texas Instruments INA209_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
ELECTRICAL CHARACTERISTICS: VS = +3.3V
INA209
www.ti.com ......................................................................................................................................................... SBOS403B – JUNE 2007 – REVISED MARCH 2009
Boldface limits apply over the specified temperature range, TA = –25°C to +85°C.
At TA = +25°C, VIN+ = 12V, VSENSE = (VIN+ – VIN–) = 32mV, PGA = ÷ 1, and BRNG
(1) = 1, unless otherwise noted.
INA209
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Full-Scale Current Sense (Input) Voltage Range
PGA = ÷ 1
0
±40
mV
PGA = ÷ 2
0
±80
mV
PGA = ÷ 4
0
±160
mV
PGA = ÷ 8
0
±320
mV
Bus Voltage (Input Voltage) Range(2)
BRNG = 1
0
32
V
BRNG = 0
0
16
V
Common-Mode Rejection
CMRR
VIN+ = 0V to 26V
100
120
dB
Offset Voltage, RTI(3)
VOS
PGA = ÷ 1
±10
±100
µV
PGA = ÷ 2
±20
±125
µV
PGA = ÷ 4
±30
±150
µV
PGA = ÷ 8
±40
±200
µV
vs Temperature
0.1
µV/°C
vs Power Supply
PSRR
VS = 3V to 5.5V
10
µV/V
Current Sense Gain Error
±40
m%
vs Temperature
10
ppm/°C
Input Impedance
Active Mode
VIN+ Pin
20
µA
VIN– Pin
20 || 320
µA || kΩ
Input Leakage
Power-Down Mode
VIN+ Pin
0.1
±0.5
µA
VIN– Pin
0.1
±0.5
µA
DC ACCURACY
ADC Basic Resolution
12
Bits
1 LSB Step Size
Shunt Voltage
10
µV
Bus Voltage
4
mV
Current Measurement Error
±0.2
±0.5
%
over Temperature
±1
%
Bus Voltage Measurement Error
±0.2
±0.5
%
over Temperature
±1
%
Differential Nonlinearity
±0.1
LSB
Critical DAC Full-Scale Range
255
mV
Critical DAC Accuracy
±0.5
±1
%
Critical DAC Resolution
8
Bits
Critical DAC 1 LSB Step Size
1
mV
Critical DAC Comparator Offset
±0.3
±1.6
mV
Critical DAC Comparator Hysteresis(4)
See (4)
Critical DAC Comparator Delay
5
µs
(1)
BRNG is bit 13 of the Configuration Register.
(2)
This parameter only expresses the full-scale range of the ADC scaling. In no event should more than 26V be applied to this device.
(3)
Referred-to-input (RTI).
(4)
User-programmable. See the Critical Comparator and Register sections.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): INA209


Similar Part No. - INA209_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA209 TI1-INA209_17 Datasheet
1Mb / 50P
[Old version datasheet]   High-Side Measurement, Bi-Directional Current/Power Monitor with I2C Interface
More results

Similar Description - INA209_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA209 TI1-INA209_17 Datasheet
1Mb / 50P
[Old version datasheet]   High-Side Measurement, Bi-Directional Current/Power Monitor with I2C Interface
logo
Burr-Brown (TI)
INA209 BURR-BROWN-INA209 Datasheet
555Kb / 43P
   High-Side Measurement, Bi-Directional Current/Power Monitor with I2C??Interface
logo
Texas Instruments
INA226AIDGST TI-INA226AIDGST Datasheet
961Kb / 33P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA226AIDGSR TI1-INA226AIDGSR Datasheet
988Kb / 32P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA226 TI1-INA226 Datasheet
447Kb / 30P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
JUNE2011
INA226 TI1-INA226_15 Datasheet
1Mb / 38P
[Old version datasheet]   Bi-Directional Current and Power Monitor with I2C Compatible Interface
INA219BIDR TI1-INA219BIDR Datasheet
989Kb / 40P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA219 TI-INA219_08 Datasheet
1Mb / 35P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA230 TI1-INA230_17 Datasheet
924Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com