Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7480 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX7480
Description  8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7480 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX7480 Datasheet HTML 1Page - Maxim Integrated Products MAX7480 Datasheet HTML 2Page - Maxim Integrated Products MAX7480 Datasheet HTML 3Page - Maxim Integrated Products MAX7480 Datasheet HTML 4Page - Maxim Integrated Products MAX7480 Datasheet HTML 5Page - Maxim Integrated Products MAX7480 Datasheet HTML 6Page - Maxim Integrated Products MAX7480 Datasheet HTML 7Page - Maxim Integrated Products MAX7480 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
8th-Order, Lowpass, Butterworth,
Switched-Capacitor Filter
6
_______________________________________________________________________________________
NAME
FUNCTION
1
COM
Common Input Pin. Biased internally at mid-supply. Bypass externally to GND with a 0.1µF capacitor. To
override internal biasing, drive with an external supply.
2
IN
Filter Input
PIN
3
GND
Ground
4
VDD
+5V Supply Input
8
CLK
Clock Input. To override the internal oscillator, connect to an external clock; otherwise, connect an external
capacitor (COSC) from CLK to GND to set the internal oscillator frequency.
7
SHDN
Shutdown Input. Drive low to enable shutdown mode; drive high or connect to VDD for normal operation.
6
OS
Offset Adjust Input. To adjust output offset, bias OS externally. Connect OS to COM if no offset adjustment is
needed. Refer to
Offset and Common-Mode Input Adjustment section.
5
OUT
Filter Output
Pin Description
_______________Detailed Description
The MAX7480 Butterworth filter operates with a 100:1
clock-to-corner frequency ratio and a 2kHz maximum
corner frequency.
Lowpass Butterworth filters provide a maximally flat
passband response, making them ideal for instrumen-
tation applications that require minimum deviation from
the DC gain throughout the passband.
Figure 1 shows the difference between Bessel and
Butterworth filter frequency responses. With the filter
cutoff frequencies set at 1kHz, trace A shows the
Bessel filter response and trace B shows the
Butterworth filter response.
Background Information
Most switched-capacitor filters (SCFs) are designed
with biquadratic sections. Each section implements two
filtering poles, and the sections are cascaded to pro-
duce higher-order filters. The advantage to this
approach is ease of design. However, this type of
design is highly sensitive to component variations if any
section’s Q is high. An alternative approach is to emu-
late a passive network using switched-capacitor inte-
grators with summing and scaling. Figure 2 shows a
basic 8th-order ladder filter structure.
A switched-capacitor filter such as the MAX7480 emu-
lates a passive ladder filter. The filter’s component sen-
sitivity is low when compared to a cascaded biquad
design, because each component affects the entire fil-
ter shape, not just one pole-zero pair. In other words, a
mismatched component in a biquad design will have a
concentrated error on its respective poles, while the
same mismatch in a ladder filter design results in an
error distributed over all poles.
-100
-60
-80
-20
-40
0
20
0.1
0.5
1
0.2
A
B
25
10
FREQUENCY (kHz)
A: BESSEL FILTER RESPONSE; fC = 1kHz
B: BUTTERWORTH FILTER RESPONSE; fC = 1kHz
Figure 1. Bessel vs. Butterworth Filter Frequency Response
L3
L5
L7
C8
R2
C4
C2
VIN
+
-
V0
L1
R1
C6
Figure 2. 8th-Order Ladder Filter Network


Similar Part No. - MAX7480

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7481 MAXIM-MAX7481 Datasheet
860Kb / 13P
   Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
MAX7481ETI++ MAXIM-MAX7481ETI+ Datasheet
860Kb / 13P
   Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
MAX7482 MAXIM-MAX7482 Datasheet
860Kb / 13P
   Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
MAX7482ETI++ MAXIM-MAX7482ETI+ Datasheet
860Kb / 13P
   Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
More results

Similar Description - MAX7480

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF6C NSC-MF6C Datasheet
627Kb / 18P
   ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
MF4 NSC-MF4 Datasheet
466Kb / 14P
   MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
MF6 NSC-MF6 Datasheet
861Kb / 20P
   6th Order Switched Capacitor Butterworth Lowpass
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
logo
National Semiconductor ...
LMF60 NSC-LMF60 Datasheet
391Kb / 20P
   LMF60 High Performance 6th-Order Switched Capacitor Butterworth Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com