Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8850 Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV8850
Description  Low-Voltage H-Bridge IC With LDO Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8850 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8850_15 Datasheet HTML 4Page - Texas Instruments DRV8850_15 Datasheet HTML 5Page - Texas Instruments DRV8850_15 Datasheet HTML 6Page - Texas Instruments DRV8850_15 Datasheet HTML 7Page - Texas Instruments DRV8850_15 Datasheet HTML 8Page - Texas Instruments DRV8850_15 Datasheet HTML 9Page - Texas Instruments DRV8850_15 Datasheet HTML 10Page - Texas Instruments DRV8850_15 Datasheet HTML 11Page - Texas Instruments DRV8850_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
22
24
26
28
30
32
34
36
38
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VCC (V)
TA = +85°C
TA = +25°C
C003
0.0
0.5
1.0
1.5
2.0
2.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VCC (V)
TA = +85°C
TA = +25°C
C004
C003
C003
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VCC (V)
TA = +85°C
TA = +25°C
C001
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VCC (V)
TA = +85°C
TA = +25°C
C002
DRV8850
SLVSCC0A – NOVEMBER 2013 – REVISED JANUARY 2014
www.ti.com
TYPICAL PERFORMANCE GRAPHS
Iq
Iq
vs
vs
VCC
VCC
Figure 1. Quiescent Current With Motor Driver on
Figure 2. Quiescent Current With Motor Driver on
and LDO On
and LDO Off
Iq
Iq
vs
vs
VCC
VCC
Figure 3. Quiescent Current With Motor Driver off
Figure 4. Quiescent Current With Motor Driver off
and LDO On
and LDO off, Sleep Current
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links :DRV8850


Similar Part No. - DRV8850_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8850 TI1-DRV8850_16 Datasheet
2Mb / 30P
[Old version datasheet]   Low-Voltage H-Bridge IC with LDO Voltage Regulator
More results

Similar Description - DRV8850_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8850 TI1-DRV8850 Datasheet
973Kb / 22P
[Old version datasheet]   Low-Voltage H-Bridge IC With LDO Voltage Regulator
DRV8850 TI1-DRV8850_16 Datasheet
2Mb / 30P
[Old version datasheet]   Low-Voltage H-Bridge IC with LDO Voltage Regulator
DRV8850 TI1-DRV8850 Datasheet
973Kb / 22P
[Old version datasheet]   Low-Voltage H-Bridge IC With LDO Voltage Regulator
DRV8837EVM TI-DRV8837EVM Datasheet
781Kb / 14P
[Old version datasheet]   LOW-VOLTAGE H-BRIDGE IC
logo
Micronas
MAS9128A MICRONAS-MAS9128A Datasheet
221Kb / 8P
   LDO Voltage Regulator IC
logo
Texas Instruments
DRV8835 TI-DRV8835_15 Datasheet
850Kb / 19P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
DRV8836 TI-DRV8836 Datasheet
655Kb / 16P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
DRV8836 TI1-DRV8836_16 Datasheet
967Kb / 24P
[Old version datasheet]   Dual Low-Voltage H-Bridge IC
DRV8835 TI1-DRV8835_16 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Low-Voltage H-Bridge IC
DRV8835 TI-DRV8835 Datasheet
656Kb / 16P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com