Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8848 Datasheet(PDF) 1 Page - Texas Instruments

Part # DRV8848
Description  DRV8848 Dual H-Bridge Motor Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8848 Datasheet(HTML) 1 Page - Texas Instruments

  DRV8848_15 Datasheet HTML 1Page - Texas Instruments DRV8848_15 Datasheet HTML 2Page - Texas Instruments DRV8848_15 Datasheet HTML 3Page - Texas Instruments DRV8848_15 Datasheet HTML 4Page - Texas Instruments DRV8848_15 Datasheet HTML 5Page - Texas Instruments DRV8848_15 Datasheet HTML 6Page - Texas Instruments DRV8848_15 Datasheet HTML 7Page - Texas Instruments DRV8848_15 Datasheet HTML 8Page - Texas Instruments DRV8848_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
PWM
nFAULT
4 to 18 V
DRV8848
Dual
H-Bridge
Motor
Driver
1 A
1 A
VREF
PWM
DC
M
DC
M
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DRV8848
SLLSEL7 – OCTOBER 2014
DRV8848 Dual H-Bridge Motor Driver
1 Features
3 Description
The DRV8848 provides a dual H-bridge motor driver
1
Dual H-Bridge Motor Driver
for
home
appliances
and
other
mechatronic
Single/Dual Brushed DC
applications. The device can be used to drive one or
Stepper
two DC motors, a bipolar stepper motor, or other
loads.
A
simple
PWM
interface
allows
easy
PWM Control Interface
interfacing to controller circuits.
Optional Current Regulation With 20-
μs Fixed Off-
The output block of each H-bridge driver consists of
Time
N-channel
and
P-channel
power
MOSFETs
High Output Current per H-Bridge
configured as full H-bridges to drive the motor
2-A Maximum Driver Current at 12 V and
windings. Each H-bridge includes circuitry to regulate
TA = 25°C
the winding current using a fixed off-time chopping
scheme. The DRV8848 is capable of driving up to 2
Parallel Mode Available Capable of 4-A
A of current from each output or 4 A of current in
Maximum Driver Current at 12 V and
parallel mode (with proper heat sinking, at 12 V and
TA = 25°C
TA = 25°C).
4- to 18-V Operating Supply Voltage Range
A low-power sleep mode is provided, which shuts
Low-Current 3-µA Sleep Mode
down internal circuitry to achieve very-low quiescent
Thermally-Enhanced Surface Mount Package
current draw. This sleep mode can be set using a
Protection Features
dedicated nSLEEP pin.
VM Undervoltage Lockout (UVLO)
Internal protection functions are provided for UVLO,
Overcurrent Protection (OCP)
OCP, short-circuit protection, and overtemperature.
Fault conditions are indicated by a nFAULT pin.
Thermal Shutdown (TSD)
Fault Condition Indication Pin (nFAULT)
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
DRV8848
HTSSOP (16)
5.00 mm × 6.40 mm
Appliances
(1) For all available packages, see the orderable addendum at
General Brushed and Stepper Motors
the end of the data sheet.
Printers
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DRV8848_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
[Old version datasheet]   Dual H-Bridge Motor Driver
More results

Similar Description - DRV8848_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
   Dual H-Bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833 TI1-DRV8833_16 Datasheet
1Mb / 30P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833 TI1-DRV8833 Datasheet
961Kb / 22P
[Old version datasheet]   DUAL H-BRIDGE MOTOR DRIVER
AUGUST2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com