Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8846RGET Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8846RGET
Description  DRV8846 Dual H-Bridge Stepper Motor Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8846RGET Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8846RGET Datasheet HTML 2Page - Texas Instruments DRV8846RGET Datasheet HTML 3Page - Texas Instruments DRV8846RGET Datasheet HTML 4Page - Texas Instruments DRV8846RGET Datasheet HTML 5Page - Texas Instruments DRV8846RGET Datasheet HTML 6Page - Texas Instruments DRV8846RGET Datasheet HTML 7Page - Texas Instruments DRV8846RGET Datasheet HTML 8Page - Texas Instruments DRV8846RGET Datasheet HTML 9Page - Texas Instruments DRV8846RGET Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
DRV8846
SLLSEK2 – JUNE 2014
www.ti.com
7.5 Electrical Characteristics
TA = 25°C, over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (VM, VINT)
VM
VM operating voltage
4
18
V
VM = 12 V, excluding winding current,
IVM
VM operating supply current
3.5
4.5
5.5
mA
nSLEEP = 1, nENBL = 0 or 1
IVMQ
VM sleep mode supply current
VM = 12 V, nSLEEP = 0, nENBL = 0 or 1
0.5
1.2
3
μA
tSLEEP
Sleep time
nSLEEP = 0 to sleep mode
1
ms
tWAKE
Wake time
nSLEEP = 1 to output transition
1
ms
tON
Power-on time
VM > VUVLO rising to output transition
1
ms
VINT
VINT voltage
VM > 4 V, IOUT = 0 A to 1 mA
3.13
3.3
3.47
V
LOGIC-LEVEL INPUTS (STEP, DIR, nENBL, nSLEEP, ADEC)
VIL
Input logic low voltage
0
0.7
V
VIH
Input logic high voltage
1.6
5.5
V
VHYS
Input logic hysteresis
100
mV
IIL
Input logic low current
VIN = 0 V
–1
1
μA
IIH
Input logic high current
VIN = 5 V
1
30
μA
nENBL, STEP, DIR, ADEC
200
RPD
Pulldown resistance
k
nSLEEP
500
tDEG
Input deglitch time
200
ns
tPROP
Propagation delay
STEP edge to current change
600
ns
TRI-LEVEL INPUTS (I0, I1, M0, M1, DEC0, DEC1, TOFF_SEL)
VIL
Tri-level input logic low voltage
0
0.7
V
VIZ
Tri-level input Hi-Z voltage
1.1
V
VIH
Tri-level input logic high voltage
1.6
5.5
V
VHYS
Tri-level input hysteresis
100
mV
IIL
Tri-level input logic low current
VIN = 0 V
–30
–1
μA
IIH
Tri-level input logic high current
VIN = 5 V
1
30
μA
RPD
Tri-level pulldown resistance
To GND
170
k
RPU
Tri-level pullup resistance
To VINT
340
k
CONTROL OUTPUTS (nFAULT)
VOL
Output logic low voltage
IO = 5 mA
0.5
V
IOH
Output logic high leakage
VO = 3.3 V
–1
1
μA
MOTOR DRIVER OUTPUTS (AOUT1, AOUT2, BOUT1, BOUT2)
VM = 12 V, I = 0.5 A, TJ = 25°C
550
RDS(ON)
High-side FET on resistance
VM = 12 V, I = 0.5 A, TJ = 85°C
(1)
660
VM = 12 V, I = 0.5 A, TJ = 25°C
350
RDS(ON)
Low-side FET on resistance
VM = 12 V, I = 0.5 A, TJ = 85°C
(1)
420
IOFF
Off-state leakage current
VM = 5 V, TJ = 25°C
–1
1
μA
tRISE
Output rise time
60
ns
tFALL
Output fall time
60
ns
tDEAD
Output dead time
Internal dead time
200
ns
PWM CURRENT CONTROL (VREF, AISEN, BISEN)
IREF
Externally applied VREF input current
VREF = 1 to 3.3 V
1
μA
VTRIP
xISEN trip voltage
For 100% current step with VREF = 3.3 V
500
mV
AISENSE
Current sense amplifer gain
Reference only
6.6
V/V
(1)
Not tested in production; limits are based on characterization data
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: DRV8846


Similar Part No. - DRV8846RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8840 TI-DRV8840 Datasheet
551Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8840PWP TI-DRV8840PWP Datasheet
551Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8840PWP TI1-DRV8840PWP Datasheet
1Mb / 28P
[Old version datasheet]   DC Motor Driver IC
DRV8840PWPR TI-DRV8840PWPR Datasheet
551Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8840PWPR TI1-DRV8840PWPR Datasheet
1Mb / 28P
[Old version datasheet]   DC Motor Driver IC
More results

Similar Description - DRV8846RGET

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3717A CHERRY-CS3717A Datasheet
168Kb / 8P
   1A H-Bridge Stepper Motor Driver
logo
ON Semiconductor
CS3717A ONSEMI-CS3717A Datasheet
75Kb / 8P
   1A H-Bridge Stepper Motor Driver
December, 2001 - Rev. 4
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
   Dual H-Bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
[Old version datasheet]   Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com