Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8846 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8846
Description  DRV8846 Dual H-Bridge Stepper Motor Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8846 Datasheet(HTML) 5 Page - Texas Instruments

  DRV8846 Datasheet HTML 1Page - Texas Instruments DRV8846 Datasheet HTML 2Page - Texas Instruments DRV8846 Datasheet HTML 3Page - Texas Instruments DRV8846 Datasheet HTML 4Page - Texas Instruments DRV8846 Datasheet HTML 5Page - Texas Instruments DRV8846 Datasheet HTML 6Page - Texas Instruments DRV8846 Datasheet HTML 7Page - Texas Instruments DRV8846 Datasheet HTML 8Page - Texas Instruments DRV8846 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
DRV8846
www.ti.com
SLLSEK2 – JUNE 2014
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature referenced with respect to GND (unless otherwise noted)
(1)
MIN
MAX
UNIT
Power supply voltage (VM)
–0.3
20
V
Power supply voltage ramp rate (VM)
0
2
V/µs
Internal regulator voltage (VINT)
–0.3
3.6
V
Analog input pin voltage (VREF)
–0.3
3.6
V
Control pin voltage (nENABLE, STEP, DIR, I0, I1, M0, M1, DEC0, DEC1, TOFF_SEL, nSLEEP,
–0.3
7.0
V
nFAULT, ADEC)
Continuous phase node pin voltage (AOUT1, AOUT2, BOUT1, BOUT2)
–0.3
VM + 0.6
V
Continuous shunt amplifier input pin voltage (AISEN, BISEN)(2)
–0.6
0.6
V
Peak drive current (AOUT1, AOUT2, BOUT1, BOUT2, AISEN, BISEN)
Internally limited
A
TJ
Operating junction temperature
–40
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Transients of ±1 V for less than 25 ns are acceptable.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
–4
4
Electrostatic
V(ESD)
kV
discharge
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
–1.5
1.5
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VM
Power supply voltage range(1)
4
18
V
VREF
Reference rms voltage range(2)
1
3.3
V
ƒPWM
Applied STEP signal
0
250
kHz
IVINT
VINT external load current
1
mA
Irms
Motor rms current per H-bridge(3)
0
1
A
TA
Operating ambient temperature
–40
85
°C
(1)
Note that RDS(ON) increases and maximum output current is reduced at VM supply voltages below 5 V
(2)
Operational at VREF between 0 to 1 V, but accuracy is degraded
(3)
Power dissipation and thermal limits must be observed
7.4 Thermal Information
DRV8846
THERMAL METRIC(1)
QFN
UNIT
24 PINS
RθJA
Junction-to-ambient thermal resistance
34
RθJC(top)
Junction-to-case (top) thermal resistance
36.9
RθJB
Junction-to-board thermal resistance
12.5
°C/W
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
12.5
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DRV8846


Similar Part No. - DRV8846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8840 TI-DRV8840 Datasheet
551Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8840PWP TI-DRV8840PWP Datasheet
551Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8840PWP TI1-DRV8840PWP Datasheet
1Mb / 28P
[Old version datasheet]   DC Motor Driver IC
DRV8840PWPR TI-DRV8840PWPR Datasheet
551Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8840PWPR TI1-DRV8840PWPR Datasheet
1Mb / 28P
[Old version datasheet]   DC Motor Driver IC
More results

Similar Description - DRV8846

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3717A CHERRY-CS3717A Datasheet
168Kb / 8P
   1A H-Bridge Stepper Motor Driver
logo
ON Semiconductor
CS3717A ONSEMI-CS3717A Datasheet
75Kb / 8P
   1A H-Bridge Stepper Motor Driver
December, 2001 - Rev. 4
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
   Dual H-Bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
[Old version datasheet]   Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com