Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMC235U6R3FN2D Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # DCMC235U6R3FN2D
Description  85 째C High Capacitance, Screw Terminal, Aluminum
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DCMC235U6R3FN2D Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  DCMC235U6R3FN2D Datasheet HTML 1Page - Cornell Dubilier Electronics DCMC235U6R3FN2D Datasheet HTML 2Page - Cornell Dubilier Electronics DCMC235U6R3FN2D Datasheet HTML 3Page - Cornell Dubilier Electronics DCMC235U6R3FN2D Datasheet HTML 4Page - Cornell Dubilier Electronics DCMC235U6R3FN2D Datasheet HTML 5Page - Cornell Dubilier Electronics DCMC235U6R3FN2D Datasheet HTML 6Page - Cornell Dubilier Electronics DCMC235U6R3FN2D Datasheet HTML 7Page - Cornell Dubilier Electronics DCMC235U6R3FN2D Datasheet HTML 8Page - Cornell Dubilier Electronics DCMC235U6R3FN2D Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
10 kHz
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz
& up
1 3/8” & 1 3/4”
Diameters
6.3 to 160 V
200 to 350 V
400 to 550 V
0.92
0.94
1.00
1.05
1.10
1.10
1.12
0.80
0.85
1.00
1.17
1.30
1.30
1.32
0.78
0.83
1.00
1.20
1.35
1.36
1.40
2” & 2 1/2”
Diameters
6.3 to 160 V
200 to 350 V
400 to 550 V
0.93
0.95
1.00
1.04
1.07
1.11
1.12
0.81
0.87
1.00
1.13
1.20
1.24
1.26
0.79
0.83
1.00
1.17
1.26
1.30
1.34
3” & 3 1/2”
Diameters
6.3 to 160 V
200 to 350 V
400 to 550 V
0.95
0.96
1.00
1.02
1.04
1.05
1.05
0.85
0.88
1.00
1.08
1.12
1.14
1.17
0.82
0.84
1.00
1.13
1.20
1.24
1.27
Type DCMC 85 °C High Capacitance, Screw Terminal, Aluminum
Highest Capacitance Screw Terminal Type
With more capacitance and often more ripple-current capabilty than
the best-value Type 3186 capacitor, the Type DCMC capacitor is the
better choice for high-capacitance, power supply filters and energy
storage applications such as welding equipment,UPS systems and
computer hold-up power. The extended cathode foil of the DCMC
assures cool operation with heatflow from the capacitor element to
the can.
Highlights
- Highest capacitance value
- Right for Power Supply and UPS systems
- Thermal-Pak™ extended cathode construction
Specifications
Temperature Range
–40 °C to +85 °C
Rated Voltage Range
6.3 Vdc to 550 Vdc
Capacitance Range
110 µF to 2.7 F
Capacitance Tolerance
–10% +75% ≤ 100 Vdc
–10% +50% ≥ 160 Vdc
Leakage Current
≤ 6 √CV µA, 6 mA max, at 5 min
Ripple Current Multipliers
Ambient Temperature
Low Temperature Characteristics
I
mpedance ratio: Z
–20⁰C ∕ Z+25⁰C
≤ 20 (6.3–10 Vdc)
≤ 8 (16–50 Vdc)
≤ 4 (63–100 Vdc)
≤ 3 (150–550 Vdc)
Endurance Life Test
2000 h @ full load at 85 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
500 h @ 85 °C
Capacitance 100% of limit
ESR 100% of limit
DCL 100% of limit
Vibration
5 to 55 Hz, 0.06” and 10 g max, 1.5 h each of 2 axes
RoHS Compliant
Frequency
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
45 °C
55 °C
65 °C
75 °C
85 °C
2.24
2.00
1.73
1.41
1.00
Specifications
click here to see hardware and mounting options


Similar Part No. - DCMC235U6R3FN2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DCMC235U6R3FN2D CDE-DCMC235U6R3FN2D Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
More results

Similar Description - DCMC235U6R3FN2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
195Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3186 CDE-3186_17 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
220Kb / 5P
   High Capacitance, Aluminum Electrolytic Screw Terminal
CG164U010X5L CDE-CG164U010X5L Datasheet
264Kb / 2P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
CGH172T250V2L CDE-CGH172T250V2L Datasheet
234Kb / 2P
   Inverter Grade Screw Terminal Aluminum Electrolytic 85 ?C, Screw Terminal Capacitors
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
4CMC CDE-4CMC Datasheet
514Kb / 5P
   Rugged Value, High-Capacitance 85 째C Board-Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com