Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMC784U6R3DC2D Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # DCMC784U6R3DC2D
Description  85 째C High Capacitance, Screw Terminal, Aluminum
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DCMC784U6R3DC2D Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

Back Button DCMC784U6R3DC2D Datasheet HTML 2Page - Cornell Dubilier Electronics DCMC784U6R3DC2D Datasheet HTML 3Page - Cornell Dubilier Electronics DCMC784U6R3DC2D Datasheet HTML 4Page - Cornell Dubilier Electronics DCMC784U6R3DC2D Datasheet HTML 5Page - Cornell Dubilier Electronics DCMC784U6R3DC2D Datasheet HTML 6Page - Cornell Dubilier Electronics DCMC784U6R3DC2D Datasheet HTML 7Page - Cornell Dubilier Electronics DCMC784U6R3DC2D Datasheet HTML 8Page - Cornell Dubilier Electronics DCMC784U6R3DC2D Datasheet HTML 9Page - Cornell Dubilier Electronics DCMC784U6R3DC2D Datasheet HTML 10Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Type DCMC 85 °C High Capacitance, Screw Terminal, Aluminum
Highest Capacitance Screw Terminal Type
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal
Size
D x L
(inches)
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal
Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
950000 DCMC954U025FN2D
3.0
48.7
3 1/2 x 7 5/8
550000 DCMC554U035DG2D
3.6
40.9
3 x 8 5/8
1100000 DCMC115U025FG2D
2.9
51.1
3 1/2 x 8 5/8
680000 DCMC684U035FN2D
3.4
45.7
3 1/2 x 7 5/8
35 Vdc (40 Vdc Surge)
790000 DCMC794U035FG2D
3.3
48.4
3 1/2 x 8 5/8
8200 DCMC822U035AK2B
41.7
4.4
1 3/8 x 1 5/8
50 Vdc (65 Vdc Surge)
14000 DCMC143U035AA2B
26.7
6.1
1 3/8 x 2 1/8
5900 DCMC592U050AK2B
47.9
4.1
1 3/8 x 1 5/8
16000 DCMC163U035AH2B
23.2
7.0
1 3/8 x 2 5/8
10000 DCMC103U050AA2B
30.9
5.6
1 3/8 x 2 1/8
23000 DCMC233U035AB2B
21.9
7.7
1 3/8 x 3 1/8
12000 DCMC123U050AH2B
25.9
6.7
1 3/8 x 2 5/8
25000 DCMC253U035EA2B
22.3
8.1
1 3/4 x 2 1/8
16000 DCMC163U050AB2B
23.6
7.4
1 3/8 x 3 1/8
30000 DCMC303U035AJ2B
21.6
8.6
1 3/8 x 3 5/8
18000 DCMC183U050EA2B
22.8
8.0
1 3/4 x 2 1/8
30000 DCMC303U035EH2B
19.2
9.5
1 3/4 x 2 5/8
21000 DCMC213U050AJ2B
19.6
9.0
1 3/8 x 3 5/8
32000 DCMC323U035BA2B
24.5
8.8
2 x 2 1/8
21000 DCMC213U050EH2B
20.2
9.3
1 3/4 x 2 5/8
36000 DCMC363U035AC2B
20.1
10.0
1 3/8 x 4 1/8
23000 DCMC233U050BA2B
25.3
8.6
2 x 2 1/8
41000 DCMC413U035BH2B
20.1
8.1
2 x 2 5/8
26000 DCMC263U050AC2B
18.7
10.4
1 3/8 x 4 1/8
42000 DCMC423U035EB2B
15.5
10.0
1 3/4 x 3 1/8
29000 DCMC293U050BH2B
20.8
8.0
2 x 2 5/8
43000 DCMC433U035AD2B
17.8
9.9
1 3/8 x 4 5/8
30000 DCMC303U050EB2B
15.6
9.9
1 3/4 x 3 1/8
49000 DCMC493U035AE2B
15.5
11.2
1 3/8 x 5 1/8
31000 DCMC313U050AD2B
17.9
9.9
1 3/8 x 4 5/8
53000 DCMC533U035BB2B
15.9
11.6
2 x 3 1/8
35000 DCMC353U050AE2B
15.9
11.0
1 3/8 x 5 1/8
54000 DCMC543U035EJ2B
13.2
13.2
1 3/4 x 3 5/8
38000 DCMC383U050EJ2B
13.5
12.5
1 3/4 x 3 5/8
56000 DCMC563U035AF2B
14.1
13.3
1 3/8 x 5 5/8
38000 DCMC383U050BB2B
16.3
11.9
2 x 3 1/8
63000 DCMC633U035CH2B
14.8
13.4
2 1/2 x 2 5/8
40000 DCMC403U050AF2B
14.4
13.1
1 3/8 x 5 5/8
66000 DCMC663U035EC2B
11.8
11.5
1 3/4 x 4 1/8
45000 DCMC453U050CH2B
15.1
13.3
2 1/2 x 2 5/8
69000 DCMC693U035BJ2B
13.2
11.7
2 x 3 5/8
47000 DCMC473U050EC2B
12.0
11.4
1 3/4 x 4 1/8
78000 DCMC783U035ED2B
10.6
13.9
1 3/4 x 4 5/8
49000 DCMC493U050BJ2B
13.6
11.6
2 x 3 5/8
84000 DCMC843U035BC2B
11.6
14.0
2 x 4 1/8
56000 DCMC563U050ED2B
10.8
13.8
1 3/4 x 4 5/8
88000 DCMC883U035CB2B
11.5
14.7
2 1/2 x 3 1/8
60000 DCMC603U050BC2B
11.9
13.8
2 x 4 1/8
90000 DCMC903U035EE2B
9.8
16.6
1 3/4 x 5 1/8
63000 DCMC633U050CB2B
12.0
14.4
2 1/2 x 3 1/8
99000 DCMC993U035BD2B
10.5
16.6
2 x 4 5/8
64000 DCMC643U050EE2B
9.8
16.6
1 3/4 x 5 1/8
100000 DCMC104U035EF2B
9.4
18.1
1 3/4 x 5 5/8
71000 DCMC713U050BD2B
10.8
16.4
2 x 4 5/8
110000 DCMC114U035BE2B
9.8
15.6
2 x 5 1/8
73000 DCMC733U050EF2B
9.5
18.0
1 3/4 x 5 5/8
110000 DCMC114U035CJ2B
9.4
16.9
2 1/2 x 3 5/8
81000 DCMC813U050CJ2B
10.3
15.2
2 1/2 x 3 5/8
130000 DCMC134U035BF2B
9.4
17.9
2 x 5 5/8
82000 DCMC823U050BE2B
10.0
16.4
2 x 5 1/8
130000 DCMC134U035DB2B
6.9
21.8
3 x 3 1/8
93000 DCMC933U050BF2B
9.5
17.7
2 x 5 5/8
140000 DCMC144U035CC2B
8.2
20.6
2 1/2 x 4 1/8
94000 DCMC943U050DB2B
9.1
18.9
3 x 3 1/8
160000 DCMC164U035CD2B
7.4
22.5
2 1/2 x 4 5/8
99000 DCMC993U050CC2B
8.9
19.8
2 1/2 x 4 1/8
170000 DCMC174U035DJ2B
5.7
26.4
3 x 3 5/8
120000 DCMC124U050CD2B
7.9
21.8
2 1/2 x 4 5/8
190000 DCMC194U035CE2B
6.8
22.3
2 1/2 x 5 1/8
120000 DCMC124U050DJ2B
7.7
22.7
3 x 3 5/8
210000 DCMC214U035CF2B
6.1
24.7
2 1/2 x 5 5/8
130000 DCMC134U050CE2B
7.2
21.7
2 1/2 x 5 1/8
210000 DCMC214U035DC2B
5.2
28.0
3 x 4 1/8
150000 DCMC154U050CF2B
6.7
23.7
2 1/2 x 5 5/8
240000 DCMC244U035DD2D
4.7
30.5
3 x 4 5/8
150000 DCMC154U050DC2B
6.9
24.2
3 x 4 1/8
280000 DCMC284U035DE2D
4.4
32.6
3 x 5 1/8
170000 DCMC174U050DD2B
6.1
26.7
3 x 4 5/8
300000 DCMC304U035FC2D
4.9
31.7
3 1/2 x 4 1/8
200000 DCMC204U050DE2B
5.9
28.1
3 x 5 1/8
320000 DCMC324U035DF2D
4.0
35.5
3 x 5 5/8
200000 DCMC204U050FC2D
6.4
27.9
3 1/2 x 4 1/8
340000 DCMC344U035DP2D
3.9
40.9
3 x 5 7/8
230000 DCMC234U050DF2D
5.6
30.0
3 x 5 5/8
350000 DCMC354U035FD2D
4.5
33.0
3 1/2 x 4 5/8
230000 DCMC234U050FD2D
5.7
33.8
3 1/2 x 4 5/8
410000 DCMC414U035FE2D
4.0
36.2
3 1/2 x 5 1/8
240000 DCMC244U050DP2D
5.4
30.2
3 x 5 7/8
460000 DCMC464U035FF2D
3.6
39.2
3 1/2 x 5 5/8
270000 DCMC274U050FE2D
5.4
31.3
3 1/2 x 5 1/8
470000 DCMC474U035DN2D
3.8
39.8
3 x 7 5/8
310000 DCMC314U050FF2D
5.1
33.2
3 1/2 x 5 5/8
490000 DCMC494U035FP2D
3.5
41.1
3 1/2 x 5 7/8
320000 DCMC324U050FP2D
4.9
34.8
3 1/2 x 5 7/8


Similar Part No. - DCMC784U6R3DC2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DCMC784U6R3DC2D CDE-DCMC784U6R3DC2D Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
More results

Similar Description - DCMC784U6R3DC2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
195Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3186 CDE-3186_17 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
220Kb / 5P
   High Capacitance, Aluminum Electrolytic Screw Terminal
CG164U010X5L CDE-CG164U010X5L Datasheet
264Kb / 2P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
CGH172T250V2L CDE-CGH172T250V2L Datasheet
234Kb / 2P
   Inverter Grade Screw Terminal Aluminum Electrolytic 85 ?C, Screw Terminal Capacitors
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
4CMC CDE-4CMC Datasheet
514Kb / 5P
   Rugged Value, High-Capacitance 85 째C Board-Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com