Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8832QDGQRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8832QDGQRQ1
Description  LOW-VOLTAGE MOTOR DRIVER IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8832QDGQRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8832QDGQRQ1 Datasheet HTML 5Page - Texas Instruments DRV8832QDGQRQ1 Datasheet HTML 6Page - Texas Instruments DRV8832QDGQRQ1 Datasheet HTML 7Page - Texas Instruments DRV8832QDGQRQ1 Datasheet HTML 8Page - Texas Instruments DRV8832QDGQRQ1 Datasheet HTML 9Page - Texas Instruments DRV8832QDGQRQ1 Datasheet HTML 10Page - Texas Instruments DRV8832QDGQRQ1 Datasheet HTML 11Page - Texas Instruments DRV8832QDGQRQ1 Datasheet HTML 12Page - Texas Instruments DRV8832QDGQRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
R
=
ISENSE
200
mV
¾
I
LIMIT
DRV8832-Q1
www.ti.com
SLVSBW9B – APRIL 2013 – REVISED JANUARY 2014
Current Limit
A current limit circuit is provided to protect the system in the event of an overcurrent condition, such as what
would be encountered if driving a DC motor at start-up or with an abnormal mechanical load (stall condition).
The motor current is sensed by monitoring the voltage across an external sense resistor. When the voltage
exceeds a reference voltage of 200 mV for more than approximately 3 µs, the PWM duty cycle is reduced to limit
the current through the motor to this value. This current limit allows for starting the motor while controlling the
current.
If the current limit condition persists for some time, it is likely that a fault condition has been encountered, such
as the motor being run into a stop or a stalled condition. An overcurrent event must persist for approximately
275 ms before the fault is registered. After approximately 275 ms, a fault signaled to the host by driving the
FAULTn signal low. Operation of the motor driver will continue.
The current limit fault condition is self-clearing and will be released when the abnormal load (stall condition) is
removed.
The resistor used to set the current limit must be less than 1
Ω. Its value may be calculated as follows:
(1)
Where:
RISENSE is the current sense resistor value.
ILIMIT is the desired current limit (in mA).
If the current limit feature is not needed, the ISENSE pin may be directly connected to ground.
Protection Circuits
The DRV8832-Q1 is fully protected against undervoltage, overcurrent and overtemperature events.
Overcurrent Protection (OCP)
An analog current limit circuit on each FET limits the current through the FET by removing the gate drive. If this
analog current limit persists for longer than the OCP time, all FETs in the H-bridge will be disabled, and the
FAULTn signal will be driven low. The device will remain disabled until VCC is removed and re-applied.
Overcurrent conditions are sensed independently on both high and low side devices. A short to ground, supply,
or across the motor winding will all result in an overcurrent shutdown. Note that OCP is independent of the
current limit function, which is typically set to engage at a lower current level; the OCP function is intended to
prevent damage to the device under abnormal (e.g., short-circuit) conditions.
Thermal Shutdown (TSD)
If the die temperature exceeds safe limits, all FETs in the H-bridge will be disabled and the FAULTn signal will be
driven low. Once the die temperature has fallen to a safe level operation will automatically resume.
Undervoltage Lockout (UVLO)
If at any time the voltage on the VCC pins falls below the undervoltage lockout threshold voltage, all circuitry in
the device will be disabled, the FAULTn signal will be driven low, and internal logic will be reset. Operation will
resume when VCC rises above the UVLO threshold.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DRV8832-Q1


Similar Part No. - DRV8832QDGQRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8832 TI-DRV8832 Datasheet
786Kb / 19P
[Old version datasheet]   LOW-VOLTAGE MOTOR DRIVER IC
DRV8832-Q1 TI1-DRV8832-Q1 Datasheet
768Kb / 20P
[Old version datasheet]   Low-Voltage Motor Driver IC
DRV8832DGQ TI-DRV8832DGQ Datasheet
786Kb / 19P
[Old version datasheet]   LOW-VOLTAGE MOTOR DRIVER IC
DRV8832DGQR TI-DRV8832DGQR Datasheet
786Kb / 19P
[Old version datasheet]   LOW-VOLTAGE MOTOR DRIVER IC
DRV8832DRCR TI-DRV8832DRCR Datasheet
786Kb / 19P
[Old version datasheet]   LOW-VOLTAGE MOTOR DRIVER IC
More results

Similar Description - DRV8832QDGQRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8832 TI-DRV8832 Datasheet
786Kb / 19P
[Old version datasheet]   LOW-VOLTAGE MOTOR DRIVER IC
DRV8832-Q1 TI1-DRV8832-Q1 Datasheet
768Kb / 20P
[Old version datasheet]   Low-Voltage Motor Driver IC
DRV8832 TI-DRV8832_15 Datasheet
921Kb / 20P
[Old version datasheet]   LOW-VOLTAGE MOTOR DRIVER IC
logo
Sanyo Semicon Device
LB1638MC SANYO-LB1638MC Datasheet
115Kb / 4P
   Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1930MC SANYO-LB1930MC Datasheet
101Kb / 5P
   Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1848MC SANYO-LB1848MC Datasheet
150Kb / 6P
   Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1846MC SANYO-LB1846MC Datasheet
154Kb / 4P
   Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
Mitsumi Electronics, Co...
MM1097 MITSUMI-MM1097 Datasheet
47Kb / 3P
   Low Saturation Motor Driver Monolithic IC
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com