Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

520C153T250FF2D Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 520C153T250FF2D
Description  High Ripple, Long Life Screw Terminal Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

520C153T250FF2D Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  520C153T250FF2D Datasheet HTML 1Page - Cornell Dubilier Electronics 520C153T250FF2D Datasheet HTML 2Page - Cornell Dubilier Electronics 520C153T250FF2D Datasheet HTML 3Page - Cornell Dubilier Electronics 520C153T250FF2D Datasheet HTML 4Page - Cornell Dubilier Electronics 520C153T250FF2D Datasheet HTML 5Page - Cornell Dubilier Electronics 520C153T250FF2D Datasheet HTML 6Page - Cornell Dubilier Electronics 520C153T250FF2D Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Temperature Range
–40 °C to +85 °C
Rated Voltage Range
200 Vdc to 500 Vdc
Capacitance Range
84 µF to 39,000 µF
Capacitance Tolerance
–10% +50%
Leakage Current
≤3 √CV µA, 5 mA max, 5 minutes
Ripple Current Multipliers
Ambient Temperature
Low Temperature Characteristics
Impedance ratio: Z
–20⁰C ∕ Z+25⁰C
≤ 3 (200–500 Vdc)
Endurance Life Test
8000 h at full load at 85 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
500 h at 85 °C
Capacitance 100% of limit
ESR 100% of limit
DCL 100% of limit
Vibration
10 to 55 Hz, 0.06” and 10 g max, 1.5 h each of 2 axes
RoHS Compliant
10 kHz
& up
50
Hz
60
Hz
120
Hz
360
Hz
1
kHz
5
kHz
1 3/8” & 1 3/4” Diameters
200 to 350 V
0.76 0.81 1.00 1.24 1.36 1.43 1.44
400 to 500 V
0.76 0.81 1.00 1.24 1.37 1.44 1.45
2” & 2 1/2” Diameters
200 to 350 V
0.78 0.83 1.00 1.20 1.29 1.34 1.35
400 to 500 V
0.77 0.82 1.00 1.22 1.33 1.39 1.40
3” & 3 1/2” Diameters
200 to 350 V
0.84 0.88 1.00 1.12 1.17 1.20 1.20
400 to 500 V
0.79 0.84 1.00 1.18 1.26 1.31 1.32
Type520Cisthe85°CversionoftheType550CInverter-Gradecapacitor.
It delivers the ripple-current capability and exceptional life needed for
motor-drive bus capacitors and approaches the performance of the
550C at lower cost. It is rated for 8000 h life with full ripple current,
rated voltage, 85 °C and 100 lfm airflow while mounted horizontally.
Horizontal mounting is more severe than vertical mounting. The
extended cathode foil of the 520C assures heat flow from the capacitor
element to the can in all orientations.
Highlights
- 8,000 hour load life
- Ripple current to 55 amps
- ESRs to 8 mΩ
- Best value high ripple current
- Thermal-Pak™ extended cathode construction
Specifications
Frequency
45 ºC
55 ºC
65 ºC
75 ºC
85 ºC
1.80
1.63
1.45
1.25
1.00
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 520C 85 °C Long Life, Inverter Grade, Aluminum
High Ripple, Long Life Screw Terminal Type
click here to see hardware and mounting options


Similar Part No. - 520C153T250FF2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
520C153T250FF2D CDE-520C153T250FF2D Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
520C153T250FF2D CDE-520C153T250FF2D Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
More results

Similar Description - 520C153T250FF2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
520C CDE-520C_17 Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
550C282T200CH2B CDE-550C282T200CH2B Datasheet
200Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
500C273U6R3AK2B CDE-500C273U6R3AK2B Datasheet
230Kb / 15P
   Long Life, High Capacitance Screw Terminal Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
logo
United Chemi-Con, Inc.
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD250E CHEMI-CON-EGPD250E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD800E CHEMI-CON-EGPD800E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com