Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

520C123T250FD2D Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 520C123T250FD2D
Description  High Ripple, Long Life Screw Terminal Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

520C123T250FD2D Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  520C123T250FD2D Datasheet HTML 1Page - Cornell Dubilier Electronics 520C123T250FD2D Datasheet HTML 2Page - Cornell Dubilier Electronics 520C123T250FD2D Datasheet HTML 3Page - Cornell Dubilier Electronics 520C123T250FD2D Datasheet HTML 4Page - Cornell Dubilier Electronics 520C123T250FD2D Datasheet HTML 5Page - Cornell Dubilier Electronics 520C123T250FD2D Datasheet HTML 6Page - Cornell Dubilier Electronics 520C123T250FD2D Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Outline Drawing
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Part Numbering System
Type Capacitance
Tolerance
Voltage Case Code
Insulation
Terminal
Can Style
520C
572
T
400
DF
2
B
S
572 =5700 µF
M = ±20%
U = –10%+75%
T = –10%+50%
200 = 200 Vdc
400 = 400 Vdc
0= None
1= Polyester
2= PVC
A = Low Post
B = High Post
D = High Current,
Low Post
E = High Current,
High Post
F or M = M5 Post
G = M6 Low Post
H = M6 High Post
Blank=
Standard
Can
S= Stud
Bottom
P= Stud
with
Thermal
Pad
NOTE: With the stud-mount feature, a thermally-conductive
disk can be inserted in the bottom flush with the outer
insulating sleeve.This reduces the thermal resistance
through the can bottom by 0.3 °C/W. Can Style P.
Case
Stud
P± 0.039”
Diam.
Thread
(±1.0 mm)
1.375
M8
0.470” (12.0)
1.750
M8
0.470” (12.0)
2.000
M12
0.630” (16.0)
2.500
M12
0.630” (16.0)
3.000
M12
0.630” (16.0)
3.500
M12
0.630” (16.0)
Stud Dimensions
Terminal Dimensions
For Case
Post Diameter
H max
min Full Thread
Torque
Terminal Style
Diameters Code
in
mm
in
mm Thread
in
mm
in∙lb
N∙m
Low Post
1
to 3
A
0.314
8.0
0.094 2.4
10–32
0.218
5.5
25
2.82
High Post
1
to 3
B
0.314
8.0
0.281 7.1
10–32
0.375
9.5
25
2.82
High Current, Low
2½ to 3½
D
0.684
17.4
0.125 3.2
¼–28
0.344
8.7
50
5.65
High Current, High
2½ to 3½
E
0.684
17.4
0.281 7.1
¼–28
0.469
11.9
60
6.78
M5 Post, Small
1
to 2
M
0.314
8.0
0.281 7.1
M5
0.375
9.5
25
2.82
M5 Post
2½ & 3
F
0.512
13.0
0.230 5.8
M5
0.344
8.7
25
2.82
M6 Low Post
2½ to 3½
G
0.684
17.4
0.125 3.2
M6
0.344
8.7
50
5.65
M6 High Post
2½ to 3½
H
0.684
17.4
0.281 7.1
M6
0.469
11.9
60
6.78
Standard insulation is 0.008-in PVC sleeve with
0.01-in polypropylene end disk.
Polyester insulation is not available for 3.5 inch
diameter units.
Type 520C 85 °C Long Life, Inverter Grade, Aluminum
High Ripple, Long Life Screw Terminal Type
D
L
P
H +0 -.062
(+0 -1.57)
Optional Stud
S
+


Similar Part No. - 520C123T250FD2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
520C123T250FD2D CDE-520C123T250FD2D Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
520C123T250FD2D CDE-520C123T250FD2D Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
More results

Similar Description - 520C123T250FD2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
520C CDE-520C_17 Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
550C282T200CH2B CDE-550C282T200CH2B Datasheet
200Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
500C273U6R3AK2B CDE-500C273U6R3AK2B Datasheet
230Kb / 15P
   Long Life, High Capacitance Screw Terminal Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
logo
United Chemi-Con, Inc.
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD250E CHEMI-CON-EGPD250E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD800E CHEMI-CON-EGPD800E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com