Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500R472M400CF2E Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # 500R472M400CF2E
Description  New Higher Ripple Current than Type 500C Screw Terminal Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500R472M400CF2E Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  500R472M400CF2E Datasheet HTML 1Page - Cornell Dubilier Electronics 500R472M400CF2E Datasheet HTML 2Page - Cornell Dubilier Electronics 500R472M400CF2E Datasheet HTML 3Page - Cornell Dubilier Electronics 500R472M400CF2E Datasheet HTML 4Page - Cornell Dubilier Electronics 500R472M400CF2E Datasheet HTML 5Page - Cornell Dubilier Electronics 500R472M400CF2E Datasheet HTML 6Page - Cornell Dubilier Electronics 500R472M400CF2E Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
ESR Max.
25 ºC
120 Hz 10kHz
Ripple Amps.
85 ºC
120 Hz >3 kHz
Nominal Size
ESR Max.
25 ºC
120 Hz 10kHz
Ripple Amps.
85 ºC
120 Hz >3 kHz
Nominal Size
Cap
Catalog Part
Number
D x L
Cap
Catalog Part
Number
D x L
(µF)
(mΩ) (mΩ) (A)
(A)
(in)
(µF)
(mΩ) (mΩ)
(A)
(A)
(in)
450 Vdc (500 Vdc Surge)
500 Vdc (550 Vdc Surge)
1400 500R142M450BC2B
104
83.2
6.0
8.4
2 X 4 1/8
1100 500R112M500BC2B 136
108.8
5.3
7.4
2 X 4 1/8
1600 500R162M450BD2B
89
71.2
7.0
9.8
2 X 4 5/8
1300 500R132M500BD2B 115
92.0
6.0
8.3
2 X 4 5/8
1900 500R192M450BE2B
73
58.4
8.1
11.4
2 X 5 1/8
1500 500R152M500BE2B
98
78.4
6.7
9.4
2 X 5 1/8
2000 500R202M450BF2B
71
56.8
8.4
11.8
2 X 5 5/8
1600 500R162M500CJ2E
93
74.4
6.8
9.5
2 1/2 X 3 5/8
2000
500R202M450CJ2E
72
57.6
7.9
11.0
2 1/2 X 3 5/8
1800 500R182M500BF2B
79
63.2
7.7
10.8
2 X 5 5/8
2500 500R252M450CC2E
55
44.0
9.6
13.5
2 1/2 X 4 1/8
2000 500R202M500CC2E
76
60.8
8.1
11.4
2 1/2 X 4 1/8
2700 500R272M450CD2E
51
40.8
10.2
14.3
2 1/2 X 4 5/8
2200 500R222M500CD2E
70
56.0
8.5
11.9
2 1/2 X 4 5/8
2900 500R292M450DJ2E
50
40.0
10.5
14.8
3 X 3 5/8
2300 500R232M500DJ2E
68
54.4
9.0
12.6
3 X 3 5/8
3100 500R312M450CE2E
45
36.0
11.1
15.5
2 1/2 X 5 1/8
2400 500R242M500CE2E
62
49.6
9.3
13.0
2 1/2 X 5 1/8
3500 500R352M450CF2E
40
32.0
12.0
16.8
2 1/2 X 5 5/8
2800 500R282M500CF2E
55
44.0
10.5
14.7
2 1/2 X 5 5/8
3600 500R362M450DC2E
41
32.8
12.1
16.9
3 X 4 1/8
2800 500R282M500DC2E
54
43.2
10.5
14.7
3 X 4 1/8
3700 500R372M450CP2E
38
30.4
13.4
18.7
2 1/2 X 5 7/8
2900 500R292M500CP2E
52
41.6
10.9
15.3
2 1/2 X 5 7/8
4200 500R422M450DD2E
35
28.0
13.4
18.7
3 X 4 5/8
3300 500R332M500DD2E
48
38.4
11.2
15.7
3 X 4 5/8
4700 500R472M450DE2E
30
24.0
14.9
20.9
3 X 5 1/8
3700 500R372M500DE2E
41
32.8
12.6
17.6
3 X 5 1/8
5200 500R522M450CN2E
27
21.6
17.0
23.8
2 1/2 X 7 5/8
3700 500R372M500FC2E
42
33.6
13.0
18.1
3 1/2 X 4 1/8
5200 500R522M450DF2E
26
20.8
17.0
23.8
3 X 5 5/8
4100 500R412M500CN2E
38
30.4
14.3
20.1
2 1/2 X 7 5/8
5500 500R552M450FC2E
29
23.2
15.0
21.0
3 1/2 X 4 1/8
4100 500R412M500DF2E
37
29.6
13.9
19.4
3 X 5 5/8
5600 500R562M450DP2E
26
20.8
18.0
25.2
3 X 5 7/8
4200 500R422M500FD2E
37
29.6
14.5
20.3
3 1/2 X 4 5/8
5900 500R592M450FD2E
25
20.0
17.1
24.0
3 1/2 X 4 5/8
4400 500R442M500DP2E
35
28.0
14.3
20.0
3 X 5 7/8
6200 500R622M450CG2E
23
18.4
19.3
27.0
2 1/2 X 8 5/8
4900 500R492M500CG2E
32
25.6
16.4
22.9
2 1/2 X 8 5/8
6900 500R692M450DN2E
21
16.8
21.0
29.4
3 X 7 5/8
5400 500R542M500FE2E
29
23.2
17.2
24.0
3 1/2 X 5 1/8
6900 500R692M450FE2E
22
17.6
19.9
27.9
3 1/2 X 5 1/8
5600 500R562M500FF2E
26
20.8
19.1
26.7
3 1/2 X 5 5/8
7800 500R782M450FF2E
21
16.8
21.3
29.8
3 1/2 X 5 5/8
5700 500R572M500DN2E 25.971 20.8
19.2
26.9
3 X 7 5/8
8000 5050C83M450FP2E
19
15.2
23.2
32.5
3 1/2 X 5 7/8
6000 5050C63M500FP2E
26
20.8
20.0
27.9
3 1/2 X 5 7/8
8200 500R822M450DG2E
17
13.6
23.0
32.2
3 X 8 5/8
6800 500R682M500DG2E
23
18.4
23.0
32.2
3 X 8 5/8
9400 500R942M450FN2E
17
13.6
26.1
36.6
3 1/2 X 7 5/8
8200 500R822M500FN2E
18
14.4
25.7
35.9
3 1/2 X 7 5/8
11000 500R113M450FG2E
13
10.4
32.4
45.3
3 1/2 X 8 5/8
8800 500R882M500FG2E
17
13.6
26.8
37.6
3 1/2 X 8 5/8
Type 500R 85 °C High Ripple Current, Inverter Grade, Aluminum
New Higher Ripple Current than Type 500C Screw Terminal Type


Similar Part No. - 500R472M400CF2E

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500R472M350DN0AP CDE-500R472M350DN0AP Datasheet
789Kb / 7P
   New Higher Ripple Current than Type 500C Screw Terminal Type
500R472M350DN0AS CDE-500R472M350DN0AS Datasheet
789Kb / 7P
   New Higher Ripple Current than Type 500C Screw Terminal Type
500R472M350DN0BP CDE-500R472M350DN0BP Datasheet
789Kb / 7P
   New Higher Ripple Current than Type 500C Screw Terminal Type
500R472M350DN0BS CDE-500R472M350DN0BS Datasheet
789Kb / 7P
   New Higher Ripple Current than Type 500C Screw Terminal Type
500R472M350DN0DP CDE-500R472M350DN0DP Datasheet
789Kb / 7P
   New Higher Ripple Current than Type 500C Screw Terminal Type
More results

Similar Description - 500R472M400CF2E

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500R CDE-500R_17 Datasheet
789Kb / 7P
   New Higher Ripple Current than Type 500C Screw Terminal Type
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
550C282T200CH2B CDE-550C282T200CH2B Datasheet
200Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
520C CDE-520C_17 Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
520C322T200CH2B CDE-520C322T200CH2B Datasheet
209Kb / 7P
   High Ripple, Long Life Screw Terminal Type
logo
Panasonic Semiconductor
ECOG2CP123D PANASONIC-ECOG2CP123D Datasheet
68Kb / 3P
   Screw Terminal Type
EEGXB2V222G PANASONIC-EEGXB2V222G Datasheet
60Kb / 3P
   Screw Terminal Type
ECEG1AU683P PANASONIC-ECEG1AU683P Datasheet
88Kb / 5P
   Screw Terminal Type
ECOG2VU102M PANASONIC-ECOG2VU102M Datasheet
64Kb / 2P
   Screw Terminal Type
ECEG2CH152P PANASONIC-ECEG2CH152P Datasheet
60Kb / 3P
   Screw Terminal Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com