Electronic Components Datasheet Search |
|
550C973T250FC2D Datasheet(PDF) 2 Page - Cornell Dubilier Electronics |
|
550C973T250FC2D Datasheet(HTML) 2 Page - Cornell Dubilier Electronics |
2 / 7 page Outline Drawing CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 Part Numbering System Type Capacitance Tolerance Voltage Case Code Insulation Terminal Can Style 550C 812 T 450 FG 2 D S 812 =8100 µF M = ±20% U = –10%+75% T = –10%+50% 200 = 200 Vdc 0= None 1= Polyester 2= PVC A = Low Post B = High Post D = High Current, Low Post E = High Current, High Post F = M5 Post M = M5 Post, Small G = M6 Low Post H = M6 High Post Blank= Standard Can S= Stud Bottom P= Stud with Thermal Pad D L P H +0 -.062 (+0 -1.57) Optional Stud S + NOTE: With the stud-mount feature, a thermally-conductive disk can be inserted in the bottom flush with the outer insulating sleeve. This reduces the thermal resistance through the can bottom by 0.3 °C/W. Can Style P. Case Stud P± 0.039” Diam. Thread (±1.0 mm) 1.375 M8 0.470” (12.0) 1.750 M8 0.470” (12.0) 2.000 M12 0.630” (16.0) 2.500 M12 0.630” (16.0) 3.000 M12 0.630” (16.0) 3.500 M12 0.630” (16.0) NOTE: Only high post and M5 post terminals are available at 550 Vdc as they meet the required creepage distance. Stud Dimensions Terminal Dimensions For Case Post Diameter H max min Full Thread Torque Terminal Style Diameters Code in mm in mm Thread in mm in∙lb N∙m Low Post 1 ⅜ to 3 A 0.314 8.0 0.094 2.4 10–32 0.218 5.5 25 2.82 High Post 1 ⅜ to 3 B 0.314 8.0 0.281 7.1 10–32 0.375 9.5 25 2.82 High Current, Low 2½ to 3½ D 0.684 17.4 0.125 3.2 ¼–28 0.344 8.7 50 5.65 High Current, High 2½ to 3½ E 0.684 17.4 0.281 7.1 ¼–28 0.469 11.9 60 6.78 M5 Post, Small 1 ⅜ to 2 M 0.314 8.0 0.281 7.1 M5 0.375 9.5 25 2.82 M5 Post 2½ & 3 F 0.512 13.0 0.230 5.8 M5 0.344 8.7 25 2.82 M6 Low Post 2½ to 3½ G 0.684 17.4 0.125 3.2 M6 0.344 8.7 50 5.65 M6 High Post 2½ to 3½ H 0.684 17.4 0.281 7.1 M6 0.469 11.9 60 6.78 Standard insulation is 0.008-in PVC sleeve with 0.01-in polypropylene end disk. Polyester insulation is not available for 3.5 inch diameter units. Type 550C 105 °C High Ripple, Inverter Grade, Aluminum Ultra-Ripple, Long Life Screw Terminal Type |
Similar Part No. - 550C973T250FC2D |
|
Similar Description - 550C973T250FC2D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |