Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500R392M400DJ2E Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 500R392M400DJ2E
Description  New Higher Ripple Current than Type 500C Screw Terminal Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500R392M400DJ2E Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  500R392M400DJ2E Datasheet HTML 1Page - Cornell Dubilier Electronics 500R392M400DJ2E Datasheet HTML 2Page - Cornell Dubilier Electronics 500R392M400DJ2E Datasheet HTML 3Page - Cornell Dubilier Electronics 500R392M400DJ2E Datasheet HTML 4Page - Cornell Dubilier Electronics 500R392M400DJ2E Datasheet HTML 5Page - Cornell Dubilier Electronics 500R392M400DJ2E Datasheet HTML 6Page - Cornell Dubilier Electronics 500R392M400DJ2E Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Uninsulated Case Dimensions
For insulated case, add 0.024”(0.610 mm) to “D”and 0.030”(0.762 mm) to length.
Type 500R 85 °C High Ripple Current, Inverter Grade, Aluminum
New Higher Ripple Current than Type 500C Screw Terminal Type
Case
Code
Diameter (D)
Length (L)
Terminals (S)
Typical Weight
±0.031 in ±0.78 mm ±0.062 in ±1.57 mm ±0.015 in ±0.38 mm
oz
g
BC
2.000
50.80
4.125
104.78
0.88
22.23
9.5
269
BD
2.000
50.80
4.625
117.48
0.88
22.23
10.3
292
BE
2.000
50.80
5.125
130.18
0.88
22.23
10.7
303
BF
2.000
50.80
5.625
142.88
0.88
22.23
13.0
369
CH
2.500
63.50
2.625
66.68
1.13
28.58
9.2
261
CJ
2.500
63.50
3.625
92.08
1.13
28.58
12.7
361
CC
2.500
63.50
4.125
104.78
1.13
28.58
15.0
425
CD
2.500
63.50
4.625
117.48
1.13
28.58
17.2
488
CE
2.500
63.50
5.125
130.18
1.13
28.58
19.3
547
CF
2.500
63.50
5.625
142.88
1.13
28.58
21.4
607
DB
3.000
76.20
3.125
79.38
1.25
31.75
16.7
473
DJ
3.000
76.20
3.625
92.08
1.25
31.75
20.0
567
DC
3.000
76.20
4.125
104.78
1.25
31.75
22.2
629
DD
3.000
76.20
4.625
117.48
1.25
31.75
25.5
723
DE
3.000
76.20
5.125
130.18
1.25
31.75
30.0
850
DF
3.000
76.20
5.625
142.88
1.25
31.75
31.9
904
DM
3.000
76.20
6.625
168.28
1.25
31.75
34.4
933.5
DP
3.000
76.20
5.875
149.23
1.25
31.75
32.8
931
DN
3.000
76.20
7.625
193.68
1.25
31.75
39.5
1119
DG
3.000
76.20
8.625
219.08
1.25
31.75
43.3
1227
FC
3.500
88.90
4.125
104.78
1.25
31.75
30.0
850
FD
3.500
88.90
4.625
117.48
1.25
31.75
34.4
976
FE
3.500
88.90
5.125
130.18
1.25
31.75
40.5
1148
FF
3.500
88.90
5.625
142.88
1.25
31.75
43.1
1221
FP
3.500
88.90
5.875
149.23
1.25
31.75
44.3
1257
FN
3.500
88.90
7.625
193.68
1.25
31.75
53.3
1512
FG
3.500
88.90
8.625
219.08
1.25
31.75
58.5
1658
FM
3.500
88.90
6.625
168.28
1.25
31.75
46.4
1315.4
Type Capacitance
Tolerance
Voltage Case Code
Insulation
Terminal
Can Style
500R
103
M
350
DN
2
E
S


Similar Part No. - 500R392M400DJ2E

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500R342M420CF2E CDE-500R342M420CF2E Datasheet
789Kb / 7P
   New Higher Ripple Current than Type 500C Screw Terminal Type
500R342M420DC2E CDE-500R342M420DC2E Datasheet
789Kb / 7P
   New Higher Ripple Current than Type 500C Screw Terminal Type
500R362M420CP2E CDE-500R362M420CP2E Datasheet
789Kb / 7P
   New Higher Ripple Current than Type 500C Screw Terminal Type
More results

Similar Description - 500R392M400DJ2E

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500R CDE-500R_17 Datasheet
789Kb / 7P
   New Higher Ripple Current than Type 500C Screw Terminal Type
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
550C282T200CH2B CDE-550C282T200CH2B Datasheet
200Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
520C CDE-520C_17 Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
520C322T200CH2B CDE-520C322T200CH2B Datasheet
209Kb / 7P
   High Ripple, Long Life Screw Terminal Type
logo
Panasonic Semiconductor
ECOG2CP123D PANASONIC-ECOG2CP123D Datasheet
68Kb / 3P
   Screw Terminal Type
EEGXB2V222G PANASONIC-EEGXB2V222G Datasheet
60Kb / 3P
   Screw Terminal Type
ECEG1AU683P PANASONIC-ECEG1AU683P Datasheet
88Kb / 5P
   Screw Terminal Type
ECOG2VU102M PANASONIC-ECOG2VU102M Datasheet
64Kb / 2P
   Screw Terminal Type
ECEG2CH152P PANASONIC-ECEG2CH152P Datasheet
60Kb / 3P
   Screw Terminal Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com