Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7428 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7428
Description  Standard Definition Video Reconstruction Filters and Buffers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7428 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7428 Datasheet HTML 1Page - Maxim Integrated Products MAX7428 Datasheet HTML 2Page - Maxim Integrated Products MAX7428 Datasheet HTML 3Page - Maxim Integrated Products MAX7428 Datasheet HTML 4Page - Maxim Integrated Products MAX7428 Datasheet HTML 5Page - Maxim Integrated Products MAX7428 Datasheet HTML 6Page - Maxim Integrated Products MAX7428 Datasheet HTML 7Page - Maxim Integrated Products MAX7428 Datasheet HTML 8Page - Maxim Integrated Products MAX7428 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Standard Definition Video Reconstruction
Filters and Buffers
_______________________________________________________________________________________
5
0.1
1
10
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (MHz)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
200ns/div
OUTPUT TRANSIENT DUE TO
INPUT MUX SWITCHING
OUT_
500mV/div
-70
-95
0.1
1
10
PASSBAND CHANNEL-TO-CHANNEL
CROSSTALK vs. FREQUENCY
-90
FREQUENCY (MHz)
-85
-80
-75
BOOST = CODE 00
Typical Operating Characteristics (continued)
(VCC = +5V, RREXT = 300k
Ω; BOOST0_, BOOST1_ = 0, 0; VIN = 1Vp-p, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
MAX7432
MAX7430
MAX7428
NAME
FUNCTION
1
1
IN1A
Video Input 1A. Master channel, sync signal required. Use a 0.1µF
series input capacitor for proper operation.
2
2
IN2A
Video Input 2A. Slave channel, clamping controlled by master channel
sync. Use a 0.1µF series input capacitor for proper operation.
3
IN3A
Video Input 3A. Slave channel, clamping controlled by master channel
sync. Use a 0.1µF series input capacitor for proper operation.
4, 10
8
4
GND
Ground
5
4
IN1B
Video Input 1B. Master channel, sync signal required. Use a 0.1µF
series input capacitor for proper operation.
6
5
IN2B
Video Input 2B. Slave channel, clamping controlled by master channel
sync. Use a 0.1µF series input capacitor for proper operation.
7
IN3B
Video Input 3B. Slave channel, clamping controlled by master channel
sync. Use a 0.1µF series input capacitor for proper operation.
8
6
6
DATA
Serial Data Interface
9
OUT3
Buffer Output 3
11
7
OUT2
Buffer Output 2
12
3
7
REXT
External Resistor. Connect a 300k
Ω resistor from REXT to GND for
internal biasing. Connect a 1nF to 1µF capacitor from REXT to GND for
chip-address programming (see Table 3).


Similar Part No. - MAX7428

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7428EKA MAXIM-MAX7428EKA Datasheet
357Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
Rev 0; 2/06
MAX7428 MAXIM-MAX7428_06 Datasheet
357Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
Rev 0; 2/06
More results

Similar Description - MAX7428

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7428 MAXIM-MAX7428_06 Datasheet
357Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
Rev 0; 2/06
MAX7462 MAXIM-MAX7462 Datasheet
264Kb / 8P
   Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
logo
ON Semiconductor
NCS2553 ONSEMI-NCS2553 Datasheet
129Kb / 9P
   3-Channel Video Amp with Standard Definition Reconstruction Filters
December, 2008 ??Rev. 4
NCS2553DGEVB ONSEMI-NCS2553DGEVB Datasheet
129Kb / 9P
   3-Channel Video Amp with Standard Definition Reconstruction Filters
December, 2008 ??Rev. 4
NCS2563 ONSEMI-NCS2563 Datasheet
133Kb / 9P
   3-Channel Video Amp with High Definition Reconstruction Filters
March, 2009 ??Rev. 4
logo
Maxim Integrated Produc...
MAX11501 MAXIM-MAX11501 Datasheet
236Kb / 11P
   Three-Channel, Standard-Definition Video Filters
Rev 1; 4/08
MAX7442 MAXIM-MAX7442 Datasheet
250Kb / 7P
   6-Channel Integrated Video Reconstruction Filters
Rev 0; 1/03
logo
Faraday Technology
TFT1350F FARADAY-TFT1350F Datasheet
61Kb / 2P
   ANTIALIASING AND RECONSTRUCTION FILTERS
logo
Maxim Integrated Produc...
MAX7454 MAXIM-MAX7454 Datasheet
145Kb / 8P
   HD/SD Switchable Video Filters and Buffers
Rev 0; 10/04
logo
Savitech Corp.
SV5104C SAVITECH-SV5104C Datasheet
213Kb / 8P
   Standard Definition Video Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com