Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7428 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX7428
Description  Standard Definition Video Reconstruction Filters and Buffers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7428 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX7428 Datasheet HTML 1Page - Maxim Integrated Products MAX7428 Datasheet HTML 2Page - Maxim Integrated Products MAX7428 Datasheet HTML 3Page - Maxim Integrated Products MAX7428 Datasheet HTML 4Page - Maxim Integrated Products MAX7428 Datasheet HTML 5Page - Maxim Integrated Products MAX7428 Datasheet HTML 6Page - Maxim Integrated Products MAX7428 Datasheet HTML 7Page - Maxim Integrated Products MAX7428 Datasheet HTML 8Page - Maxim Integrated Products MAX7428 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Standard Definition Video Reconstruction
Filters and Buffers
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +5V, RREXT = 300k
Ω; BOOST0_, BOOST1_ = 0, 0; VIN_ = 1Vp-p, TA = +25°C, unless otherwise noted.)
0.1
1
10
100
AMPLITUDE vs. FREQUENCY
FREQUENCY (MHz)
0
-60
-50
-40
-30
-20
-10
0.1
1
10
PASSBAND AMPLITUDE vs. FREQUENCY
FREQUENCY (MHz)
2
-10
-8
-6
-4
-2
0
A
C
D
B
A: BOOST1, BOOST0 = 1, 1
B: BOOST1, BOOST0 = 1, 0
C: BOOST1, BOOST0 = 0, 1
D: BOOST1, BOOST0 = 0, 0
0.1
1
10
PHASE RESPONSE vs. FREQUENCY
FREQUENCY (MHz)
180
-180
-120
-60
0
60
120
0.1
1
10
GROUP DELAY vs. FREQUENCY
FREQUENCY (MHz)
120
0
20
40
60
80
100
200ns/div
2T RESPONSE (1IRE = 7.14mV)
INA_
200mV/div
OUT_
200mV/div
400ns/div
MODULATED 12.5T RESPONSE
(1IRE = 7.14mV)
INA_
200mV/div
OUT_
200mV/div
22
24
23
26
25
27
28
-40
10
-15
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
NO LOAD
0.2
0.1
0
-0.1
-0.2
-0.3
0
-0.01
-0.04
-0.08
-0.10
-0.06
1st.
2nd.
3rd.
4th.
5th.
6th.
DIFFERENTIAL GAIN
0.20
0.15
0.10
0.05
0
-0.05
1st.
2nd.
3rd.
4th.
5th.
6th.
0
0.04
0.06
0.06
0.04
0.02
DIFFERENTIAL PHASE


Similar Part No. - MAX7428

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7428EKA MAXIM-MAX7428EKA Datasheet
357Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
Rev 0; 2/06
MAX7428 MAXIM-MAX7428_06 Datasheet
357Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
Rev 0; 2/06
More results

Similar Description - MAX7428

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7428 MAXIM-MAX7428_06 Datasheet
357Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
Rev 0; 2/06
MAX7462 MAXIM-MAX7462 Datasheet
264Kb / 8P
   Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
logo
ON Semiconductor
NCS2553 ONSEMI-NCS2553 Datasheet
129Kb / 9P
   3-Channel Video Amp with Standard Definition Reconstruction Filters
December, 2008 ??Rev. 4
NCS2553DGEVB ONSEMI-NCS2553DGEVB Datasheet
129Kb / 9P
   3-Channel Video Amp with Standard Definition Reconstruction Filters
December, 2008 ??Rev. 4
NCS2563 ONSEMI-NCS2563 Datasheet
133Kb / 9P
   3-Channel Video Amp with High Definition Reconstruction Filters
March, 2009 ??Rev. 4
logo
Maxim Integrated Produc...
MAX11501 MAXIM-MAX11501 Datasheet
236Kb / 11P
   Three-Channel, Standard-Definition Video Filters
Rev 1; 4/08
MAX7442 MAXIM-MAX7442 Datasheet
250Kb / 7P
   6-Channel Integrated Video Reconstruction Filters
Rev 0; 1/03
logo
Faraday Technology
TFT1350F FARADAY-TFT1350F Datasheet
61Kb / 2P
   ANTIALIASING AND RECONSTRUCTION FILTERS
logo
Maxim Integrated Produc...
MAX7454 MAXIM-MAX7454 Datasheet
145Kb / 8P
   HD/SD Switchable Video Filters and Buffers
Rev 0; 10/04
logo
Savitech Corp.
SV5104C SAVITECH-SV5104C Datasheet
213Kb / 8P
   Standard Definition Video Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com