Electronic Components Datasheet Search |
|
CGH732T350X5L Datasheet(PDF) 1 Page - Cornell Dubilier Electronics |
|
CGH732T350X5L Datasheet(HTML) 1 Page - Cornell Dubilier Electronics |
1 / 3 page CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com Type CGH Inverter Grade Screw Terminal Aluminum Electrolytic 85 ºC, Screw Terminal Capacitors Type CGH screw terminal, aluminum electrolytic capacitors have excellent reliability and a high ripple current capability making them suitable for most AC drive and UPS applications. Highlights High ripple current High reliability at 85 ºC Screw Terminal • • • Specifications Capacitance Range: Voltage Range: Capacitance Tolerance: Operating Temperature: Ripple Current Multipliers: 350 to 22,000 µF 250 to 500 WVdc –10% +50% –40 to +85 ºC Ambient Temperature +35 ºC +45 ºC +55 ºC +65 ºC +75 ºC +85 ºC 2.45 2.25 2.00 1.70 1.40 1.00 Rated Frequency / Ripple Multiplier Voltage 120 Hz 400 Hz 1000 Hz 2500 Hz 10 kHz 250 to 450 1.000 1.080 1.113 1.175 1.230 DC Leakage Current: QA Stability Test: I 6 √CV after 5 minutes Not to exceed 6.0 mA C = Capacitance in µF V = Rated Voltage I = Leakage current in µA Apply WVdc for 1000 h @ 85 ºC Capacitance change ≤10% from initial limits DC leakage current meets initial limits ESR ≤175% of initial measured value • • • Ratings Catalog Typical ESR Max Ripple Cap Part Number 120 Hz 20 kHz 120 Hz 20 kHz Dia. Length (µF) (mΩ) (In.) 250 WVdc ( 300 Vdc Surge ) 1,700 CGH172T250V2L 65.8 42.1 4.0 5.0 2.0 2.625 2,900 CGH292T250V3L 53.1 34.0 5.7 7.1 2.0 3.625 4,100 CGH412T250V4L 25.7 16.4 9.1 11.4 2.0 4.625 5,000 CGH502T250W3L 26.9 17.2 9.2 11.5 2.5 3.625 5,300 CGH532T250V5L 20.6 13.2 11.0 13.8 2.0 5.625 7,000 CGH702T250W4L 20.1 12.9 11.7 14.6 2.5 4.625 Catalog Typical ESR Max Ripple Cap Part Number 120 Hz 20 kHz 120 Hz 20 kHz Dia. Length (µF) (mΩ) (In.) 250 WVdc ( 300 Vdc Surge ) 7,400 CGH742T250X3L 27.1 17.3 10.3 12.9 3.0 3.625 9,000 CGH902T250W5L 16.3 10.4 14.1 17.6 2.5 5.625 10,000 CGH103T250X4L 20.4 13.1 13.0 16.3 3.0 4.625 13,000 CGH133T250X5L 16.8 10.8 15.6 19.5 3.0 5.625 22,000 CGH223T250X8L 11.5 7.4 22.3 27.9 3.0 8.625 Click here to see: Hardware & Mounting Options Click here to see: Mechanical Details (Arms) (Arms) (In.) (Arms) (Arms) (In.) (mΩ) (mΩ) ≤ RoHS Compliant |
Similar Part No. - CGH732T350X5L |
|
Similar Description - CGH732T350X5L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |