Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

550C542T250CD2B Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # 550C542T250CD2B
Description  Ultra-Ripple, Long Life Screw Terminal Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

550C542T250CD2B Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  550C542T250CD2B Datasheet HTML 1Page - Cornell Dubilier Electronics 550C542T250CD2B Datasheet HTML 2Page - Cornell Dubilier Electronics 550C542T250CD2B Datasheet HTML 3Page - Cornell Dubilier Electronics 550C542T250CD2B Datasheet HTML 4Page - Cornell Dubilier Electronics 550C542T250CD2B Datasheet HTML 5Page - Cornell Dubilier Electronics 550C542T250CD2B Datasheet HTML 6Page - Cornell Dubilier Electronics 550C542T250CD2B Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Rated Ripple-Current Multiple
Type 550C Operating Life in Kilohours vs Ripple Current
45 ºC
55 ºC
65 ºC
75 ºC
85 ºC
95 ºC
105 ºC
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
0
200
400
600
800
1000
1200
1400
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
1000's Hours @ 85⁰C & 400 Vdc
Type 550C Life Test, 1300 uF 400 Vdc
ESR
Capacitance
0
6
12
18
24
30
36
42
48
0
400
800
1200
1600
2000
2400
2800
3200
0
2000
4000
6000
8000 10000 12000 14000 16000 18000 20000
Life Test Time (hours)
105 ⁰C LifeTest, 3200 µF 450 Vdc,Type 550C
ESR
Capacitance
DC Leakage
Typical Performance Curves
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 550C 105 °C High Ripple, Inverter Grade, Aluminum
Ultra-Ripple, Long Life Screw Terminal Type
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1000
10000
100000
Frequency (Hz)
Capacitance vs Temperature and Frequency
5000 µF 200 V
65 ºC
25 ºC
85 ºC
0 ºC
–20 ºC
–40 ºC
0.1
1
10
100
10
100
1000
10000
100000
Frequency (Hz)
ESR vs Temperature and Frequency
5000 µF 200 V
–40 ºC
–20 ºC
0 ºC
25 ºC
65 ºC
85 ºC
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1000
10000
100000
Frequency (Hz)
Capacitance vs Temperature and Frequency
4700 µF 400 V
65 ºC
25 ºC
85 ºC
0 ºC
–20 ºC
–40 ºC
0.1
1
10
100
1000
10
100
1000
10000
100000
Frequency (Hz)
ESR vs Temperature and Frequency
4700 µF 400 V
–40 ºC
–20 ºC
0 ºC
25 ºC
65 ºC
85 ºC


Similar Part No. - 550C542T250CD2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
550C542T250CD2B CDE-550C542T250CD2B Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
550C542T250CD2B CDE-550C542T250CD2B Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
More results

Similar Description - 550C542T250CD2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
520C CDE-520C_17 Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
520C322T200CH2B CDE-520C322T200CH2B Datasheet
209Kb / 7P
   High Ripple, Long Life Screw Terminal Type
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
500C273U6R3AK2B CDE-500C273U6R3AK2B Datasheet
230Kb / 15P
   Long Life, High Capacitance Screw Terminal Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
330 CDE-330_15 Datasheet
470Kb / 6P
   High Ripple and Ultra-Long Life
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com