Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMC104U6R3EA2B Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # DCMC104U6R3EA2B
Description  85 째C High Capacitance, Screw Terminal, Aluminum
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DCMC104U6R3EA2B Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  DCMC104U6R3EA2B Datasheet HTML 1Page - Cornell Dubilier Electronics DCMC104U6R3EA2B Datasheet HTML 2Page - Cornell Dubilier Electronics DCMC104U6R3EA2B Datasheet HTML 3Page - Cornell Dubilier Electronics DCMC104U6R3EA2B Datasheet HTML 4Page - Cornell Dubilier Electronics DCMC104U6R3EA2B Datasheet HTML 5Page - Cornell Dubilier Electronics DCMC104U6R3EA2B Datasheet HTML 6Page - Cornell Dubilier Electronics DCMC104U6R3EA2B Datasheet HTML 7Page - Cornell Dubilier Electronics DCMC104U6R3EA2B Datasheet HTML 8Page - Cornell Dubilier Electronics DCMC104U6R3EA2B Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Type DCMC 85 °C High Capacitance, Screw Terminal, Aluminum
Highest Capacitance Screw Terminal Type
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal
Size
D x L
(inches)
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal
Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
1900000 DCMC195U010FN2D
1.8
64.3
3 1/2 x 7 5/8
1700000 DCMC175U016FG2D
2.3
58.2
3 1/2 x 8 5/8
2200000 DCMC225U010FG2D
1.5
70.6
3 1/2 x 8 5/8
25 Vdc (30 Vdc Surge)
16 Vdc (20 Vdc Surge)
12000 DCMC123U025AK2B
37.1
4.7
1 3/8 x 1 5/8
21000 DCMC213U016AK2B
46.9
4.1
1 3/8 x 1 5/8
20000 DCMC203U025AA2B
23.6
6.5
1 3/8 x 2 1/8
35000 DCMC353U016AA2B
26.5
6.1
1 3/8 x 2 1/8
24000 DCMC243U025AH2B
20.1
7.5
1 3/8 x 2 5/8
49000 DCMC493U016AH2B
20.1
7.5
1 3/8 x 2 5/8
33000 DCMC333U025AB2B
19.3
8.2
1 3/8 x 3 1/8
57000 DCMC573U016EA2B
18.8
8.3
1 3/4 x 2 1/8
36000 DCMC363U025EA2B
21.8
8.2
1 3/4 x 2 1/8
62000 DCMC623U016AB2B
15.5
9.7
1 3/8 x 3 1/8
42000 DCMC423U025AJ2B
19.4
9.1
1 3/8 x 3 5/8
73000 DCMC733U016BA2B
17.6
9.5
2 x 2 1/8
43000 DCMC433U025EH2B
19.4
9.5
1 3/4 x 2 5/8
76000 DCMC763U016AJ2B
12.8
11.7
1 3/8 x 3 5/8
47000 DCMC473U025BA2B
21.8
9.3
2 x 2 1/8
77000 DCMC773U016EH2B
15.3
11.1
1 3/4 x 2 5/8
52000 DCMC523U025AC2B
17.6
10.7
1 3/8 x 4 1/8
90000 DCMC903U016AC2B
11.0
13.5
1 3/8 x 4 1/8
59000 DCMC593U025BH2B
16.5
9.0
2 x 2 5/8
99000 DCMC993U016AD2B
9.8
11.6
1 3/8 x 4 5/8
60000 DCMC603U025EB2B
15.2
10.1
1 3/4 x 3 1/8
100000 DCMC104U016EB2B
12.5
11.1
1 3/4 x 3 1/8
61000 DCMC613U025AD2B
16.4
10.3
1 3/8 x 4 5/8
110000 DCMC114U016AE2B
8.9
14.0
1 3/8 x 5 1/8
71000 DCMC713U025AE2B
15.2
11.3
1 3/8 x 5 1/8
110000 DCMC114U016BH2B
13.4
12.0
2 x 2 5/8
76000 DCMC763U025BB2B
12.2
13.2
2 x 3 1/8
130000 DCMC134U016AF2B
8.3
16.0
1 3/8 x 5 5/8
77000 DCMC773U025EJ2B
12.8
13.4
1 3/4 x 3 5/8
130000 DCMC134U016EJ2B
10.9
14.6
1 3/4 x 3 5/8
80000 DCMC803U025AF2B
14.0
13.3
1 3/8 x 5 5/8
130000 DCMC134U016BB2B
10.5
15.4
2 x 3 1/8
90000 DCMC903U025CH2B
9.5
16.7
2 1/2 x 2 5/8
150000 DCMC154U016EC2B
9.7
16.5
1 3/4 x 4 1/8
94000 DCMC943U025EC2B
11.2
11.8
1 3/4 x 4 1/8
160000 DCMC164U016BJ2B
8.7
13.5
2 x 3 5/8
98000 DCMC983U025BJ2B
9.8
13.6
2 x 3 5/8
160000 DCMC164U016CH2B
8.8
14.4
2 1/2 x 2 5/8
110000 DCMC114U025ED2B
10.2
14.2
1 3/4 x 4 5/8
180000 DCMC184U016ED2B
8.8
15.3
1 3/4 x 4 5/8
120000 DCMC124U025BC2B
8.3
16.6
2 x 4 1/8
200000 DCMC204U016BC2B
7.5
17.4
2 x 4 1/8
130000 DCMC134U025EE2B
9.6
16.1
1 3/4 x 5 1/8
210000 DCMC214U016EE2B
8.2
17.5
1 3/4 x 5 1/8
130000 DCMC134U025CB2B
7.6
18.9
2 1/2 x 3 1/8
220000 DCMC224U016CB2B
6.7
20.0
2 1/2 x 3 1/8
140000 DCMC144U025BD2B
7.3
19.9
2 x 4 5/8
230000 DCMC234U016EF2B
7.8
19.3
1 3/4 x 5 5/8
150000 DCMC154U025EF2B
9.1
18.4
1 3/4 x 5 5/8
230000 DCMC234U016BD2B
6.7
21.5
2 x 4 5/8
160000 DCMC164U025BE2B
6.6
19.1
2 x 5 1/8
260000 DCMC264U016BE2B
6.1
19.8
2 x 5 1/8
160000 DCMC164U025CJ2B
6.4
20.5
2 1/2 x 3 5/8
270000 DCMC274U016CJ2B
5.5
22.1
2 1/2 x 3 5/8
190000 DCMC194U025BF2B
6.1
22.2
2 x 5 5/8
290000 DCMC294U016BF2B
5.7
22.9
2 x 5 5/8
190000 DCMC194U025DB2B
5.0
25.5
3 x 3 1/8
320000 DCMC324U016CC2B
5.0
25.6
2 1/2 x 4 1/8
200000 DCMC204U025CC2B
5.8
24.6
2 1/2 x 4 1/8
320000 DCMC324U016DB2B
4.2
28.9
3 x 3 1/8
230000 DCMC234U025CD2B
5.2
26.8
2 1/2 x 4 5/8
380000 DCMC384U016CD2B
4.6
28.5
2 1/2 x 4 5/8
240000 DCMC244U025DJ2D
4.3
30.5
3 x 3 5/8
400000 DCMC404U016DJ2D
3.6
33.3
3 x 3 5/8
270000 DCMC274U025CE2B
5.0
26.0
2 1/2 x 5 1/8
430000 DCMC434U016CE2B
4.4
27.9
2 1/2 x 5 1/8
300000 DCMC304U025DC2D
3.9
31.0
3 x 4 1/8
480000 DCMC484U016DC2D
3.3
33.8
3 x 4 1/8
310000 DCMC314U025CF2B
4.6
29.8
2 1/2 x 5 5/8
490000 DCMC494U016CF2D
4.2
31.2
2 1/2 x 5 5/8
350000 DCMC354U025DD2D
3.5
35.1
3 x 4 5/8
560000 DCMC564U016DD2D
3.1
37.5
3 x 4 5/8
400000 DCMC404U025DE2D
3.3
37.5
3 x 5 1/8
650000 DCMC654U016DE2D
2.8
40.5
3 x 5 1/8
430000 DCMC434U025FC2D
3.8
36.0
3 1/2 x 4 1/8
700000 DCMC704U016FC2D
2.9
41.6
3 1/2 x 4 1/8
460000 DCMC464U025DF2D
3.2
39.9
3 x 5 5/8
710000 DCMC714U016DF2D
2.8
42.8
3 x 5 5/8
490000 DCMC494U025DP2D
3.1
46.0
3 x 5 7/8
750000 DCMC754U016DP2D
2.8
48.3
3 x 5 7/8
500000 DCMC504U025FD2D
3.5
37.6
3 1/2 x 4 5/8
810000 DCMC814U016FD2D
2.8
42.1
3 1/2 x 4 5/8
580000 DCMC584U025FE2D
3.2
40.3
3 1/2 x 5 1/8
930000 DCMC934U016FE2D
2.5
46.2
3 1/2 x 5 1/8
660000 DCMC664U025FF2D
3.1
42.8
3 1/2 x 5 5/8
1000000 DCMC105U016FF2D
2.4
48.3
3 1/2 x 5 5/8
670000 DCMC674U025DN2D
3.1
44.0
3 x 7 5/8
1000000 DCMC105U016DN2D
2.6
47.5
3 x 7 5/8
700000 DCMC704U025FP2D
2.9
44.9
3 1/2 x 5 7/8
1500000 DCMC155U016FN2D
2.3
55.4
3 1/2 x 7 5/8
780000 DCMC784U025DG2D
3.0
44.9
3 x 8 5/8


Similar Part No. - DCMC104U6R3EA2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DCMC104U6R3EA2B CDE-DCMC104U6R3EA2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
More results

Similar Description - DCMC104U6R3EA2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
195Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3186 CDE-3186_17 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
220Kb / 5P
   High Capacitance, Aluminum Electrolytic Screw Terminal
CG164U010X5L CDE-CG164U010X5L Datasheet
264Kb / 2P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
CGH172T250V2L CDE-CGH172T250V2L Datasheet
234Kb / 2P
   Inverter Grade Screw Terminal Aluminum Electrolytic 85 ?C, Screw Terminal Capacitors
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
4CMC CDE-4CMC Datasheet
514Kb / 5P
   Rugged Value, High-Capacitance 85 째C Board-Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com