Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NKFD200 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # NKFD200
Description  Designed and qualified for industrial level
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKFD200 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  NKFD200 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKFD200 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKFD200 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKFD200 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd NKFD200 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd NKFD200 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd NKFD200 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SEMICONDUCTOR
NKFD200-40 Series RoHS
RoHS
FEATURES
PRODUCT SUMMARY
Nell High Power Products
Very low Q and t
rr
rr
Lead (Pb)-free
Designed and qualified for industrial level
TO-244 ( insulated)
TO-244 ( non- insulated)
Base
Lug
terminal
anode 1
Lug
terminal
anode 2
common cathode
Lug
terminal
anode 1
Lug
terminal
anode 2
Lug terminal
common cathode
www.nellsemi.com
Page 1 of 7
TYPICAL APPLICATIONS
Power converters
Motor drives
Welders
Switching power supplies
FRED diodes are optimized to reduce
losses and EMI/RFI in high frequency
p o w e r c o n d i t i o n i n g s y s t e m s . A n
extensive characterization of the
recovery behavior for different values
of current, temperature and dl/dt
simplifies the calculations of losses in
the operating conditions. The softness
of the recovery eliminates the need for
DESCRIPTION
*Add suffix R for common anode
Reduced RFI and EMI
Reduced snubbing
a snubber in most applications.
200A
400V
160A at 100 °C
IF(AV)
VR
I
at
F(DC)
TC
ABSOLUTE MAXIMUM RATINGS
PARAMETER
400
IF(AV)
315
A
1400
- 55 to 150
W
VR
lFSM
EAS
T , T
J
Stg
V
UNIT
TEST CONDITIONS
SYMBOL
T =120°C
C
100
Operating junction and storage temperature range
Non-repetitive avalanche energy
Single pulse forward current
Average forward current
Cathode to anode voltage
T =25°C, per leg
C
200
per device
per leg
T =100°C
C
160
IF(DC)
DC forward current
Limited by junction temperature,
per leg
L = 100 μΗ, duty cycle limited by
maximum TJ
PD
Maximum power dissipation
T =25°C
C
T =100°C
C
1.4
394
192
mJ
°C
FRED
Ultrafast Soft Recovery Diode Module, 200 A
MAX.


Similar Part No. - NKFD200

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKFD200-120SI NELLSEMI-NKFD200-120SI Datasheet
690Kb / 5P
   FRED Ultrafast Soft Recovery Diode Module
NKFD200-40 NELLSEMI-NKFD200-40 Datasheet
425Kb / 7P
   FRED Ultrafast Soft Recovery Diode Module, 200A
NKFD200-60 NELLSEMI-NKFD200-60 Datasheet
424Kb / 7P
   FRED Ultrafast Soft Recovery Diode Module, 200 A
More results

Similar Description - NKFD200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-HFA180NH40PBF VISHAY-VS-HFA180NH40PBF Datasheet
151Kb / 7P
   Designed and qualified for industrial level
Revision: 19-Mar-15
12TQ VISHAY-12TQ Datasheet
101Kb / 6P
   Designed and qualified for industrial level
Revision: 25-Jun-08
VS-VSUD360CW40 VISHAY-VS-VSUD360CW40 Datasheet
154Kb / 6P
   Designed and qualified for industrial level
Revision: 03-Nov-16
VS-95SQ015TR VISHAY-VS-95SQ015TR Datasheet
140Kb / 7P
   Designed and qualified for commercial level
Revision: 09-Sep-11
10ETF VISHAY-10ETF Datasheet
197Kb / 7P
   This product series has been designed and qualified for industrial level
Revision: 04-Jun-08
10ETSS VISHAY-10ETSS Datasheet
112Kb / 6P
   This product series has been designed and qualified for industrial level
Revision: 26-Aug-08
logo
Power System Technology
PST08 PST-PST08 Datasheet
232Kb / 4P
   Designed for industrial and defense, naval applications
logo
EDA Technology Co.,LTD
CM4-SENSIGN EDATEC-CM4-SENSIGN Datasheet
1Mb / 31P
   AN EMBEDDED COMPUTER DESIGNED FOR IOT AND INDUSTRIAL
2023-03-10
logo
New Jersey Semi-Conduct...
MRF148A NJSEMI-MRF148A Datasheet
84Kb / 2P
   Designed for power amplifier applications in industrial
logo
Minmax Technology Co., ...
MSDEU02-HI MINMAX-MSDEU02-HI Datasheet
576Kb / 4P
   qualified for igbt and high isolation applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com