Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7409 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7409
Description  5th-Order, Lowpass, Switched-Capacitor Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7409 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7409 Datasheet HTML 1Page - Maxim Integrated Products MAX7409 Datasheet HTML 2Page - Maxim Integrated Products MAX7409 Datasheet HTML 3Page - Maxim Integrated Products MAX7409 Datasheet HTML 4Page - Maxim Integrated Products MAX7409 Datasheet HTML 5Page - Maxim Integrated Products MAX7409 Datasheet HTML 6Page - Maxim Integrated Products MAX7409 Datasheet HTML 7Page - Maxim Integrated Products MAX7409 Datasheet HTML 8Page - Maxim Integrated Products MAX7409 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
General Description
The MAX7409/MAX7410/MAX7413/MAX7414 5th-order,
lowpass, switched-capacitor filters (SCFs) operate from
a single +5V (MAX7409/MAX7410) or +3V (MAX7413/
MAX7414) supply. These devices draw only 1.2mA of
supply current and allow corner frequencies from 1Hz
to 15kHz, making them ideal for low-power post-DAC
filtering and anti-aliasing applications. They feature a
shutdown mode, which reduces the supply current to
0.2µA.
Two clocking options are available on these devices:
self-clocking (through the use of an external capacitor)
or external clocking for tighter corner-frequency control.
An offset adjust pin allows for adjustment of the DC out-
put level.
The MAX7409/MAX7413 Bessel filters provide low over-
shoot and fast settling, while the MAX7410/MAX7414
Butterworth filters provide a maximally flat passband
response. Their fixed response simplifies the design
task to selecting a clock frequency.
Applications
ADC Anti-Aliasing
CT2 Base Stations
DAC Postfiltering
Speech Processing
Air-Bag Electronics
Features
o 5th-Order Lowpass Filters
Bessel Response (MAX7409/MAX7413)
Butterworth Response (MAX7410/MAX7414)
o Clock-Tunable Corner Frequency (1Hz to 15kHz)
o Single-Supply Operation
+5V (MAX7409/MAX7410)
+3V (MAX7413/MAX7414)
o Low Power
1.2mA (operating mode)
0.2µA (shutdown mode)
o Available in 8-Pin µMAX/DIP Packages
o Low Output Offset: ±4mV
5th-Order, Lowpass,
Switched-Capacitor Filters
________________________________________________________________
Maxim Integrated Products
1
OS
OUT
VDD
1
2
8
7
CLK
SHDN
IN
GND
COM
µMAX/DIP
TOP VIEW
3
4
6
5
MAX7409
MAX7410
MAX7413
MAX7414
VDD
IN
CLK
OUT
GND
INPUT
0.1
µF
0.1
µF
CLOCK
SHDN
OUTPUT
VSUPPLY
COM
OS
MAX7409
MAX7410
MAX7413
MAX7414
Typical Operating Circuit
19-4766; Rev 1; 9/98
Pin Configuration
Ordering Information
PART
FILTER RESPONSE
OPERATING
VOLTAGE (V)
MAX7409
Bessel
+5
MAX7410
Butterworth
+5
Selector Guide
PART
MAX7409CPA
MAX7409EUA
MAX7409EPA
-40°C to +85°C
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 µMAX
8 Plastic DIP
MAX7410CUA
MAX7410CPA
MAX7410EUA
MAX7410EPA
-40°C to +85°C
-40°C to +85°C
0°C to +70°C
0°C to +70°C
8 µMAX
8 Plastic DIP
8 µMAX
8 Plastic DIP
Ordering Information continued at end of data sheet.
MAX7413
Bessel
+3
MAX7414
Butterworth
+3
MAX7409CUA
0°C to +70°C
8 µMAX


Similar Part No. - MAX7409

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7409CUA++ MAXIM-MAX7409CUA+ Datasheet
622Kb / 5P
   MAXFILTERBRD
Rev 0; 8/09
MAX7409CUA++ MAXIM-MAX7409CUA+ Datasheet
718Kb / 5P
   CLK Pad for External Clock Frequency
19-4884; Rev 0; 8/09
More results

Similar Description - MAX7409

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
logo
National Semiconductor ...
MF6C NSC-MF6C Datasheet
627Kb / 18P
   ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com