Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1301260031 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 1301260031
Description  Watertite Two Button Two Speed Switch, Mechanically Interlocked
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301260031 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301260031 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301260031
Status:
Active
Overview:
Push-Button Pendant Products
Description:
Watertite® Two Button Two Speed Switch, Mechanically Interlocked, 1 N.O. Contact
Each
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
General
Product Family
Push Buttons / Testers
Series
130126
Accessory / Replacement Type
2-Button Two Speed Switch
Enclosure Rating
NEMA 4X
Overview
Push-Button Pendant Products
Product Literature Order No
987650-8071
Product Name
Watertite®
Type
Replacement Part
UPC
78678841617
Woodhead
Yes
Physical
Cord Diameter
N/A
Cord Grip Body Size
N/A
Emergency Stop
No
Material - Body
N/A
Number of Buttons
2
Packaging Type
Carton
Electrical
Voltage - Maximum
250V
Material Info
Old Part Number
505SW-2
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Relevant
Search Parts in this Series
130126 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn