Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX709 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX709
Description  Power-Supply Monitor with Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX709 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX709 Datasheet HTML 1Page - Maxim Integrated Products MAX709 Datasheet HTML 2Page - Maxim Integrated Products MAX709 Datasheet HTML 3Page - Maxim Integrated Products MAX709 Datasheet HTML 4Page - Maxim Integrated Products MAX709 Datasheet HTML 5Page - Maxim Integrated Products MAX709 Datasheet HTML 6Page - Maxim Integrated Products MAX709 Datasheet HTML 7Page - Maxim Integrated Products MAX709 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Power-Supply Monitor with Reset
2
_______________________________________________________________________________________
Terminal Voltage (with respect to GND)
VCC................................................ -0.3V to 6.0V
RESET.................................... -0.3V to (VCC + 0.3V)
Input Current, VCC .......................................... 20mA
Output Current, RESET ..................................... 20mA
Rate-of-Rise, VCC ......................................... 100V/µs
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ........ 727mW
µMAX (derate 4.10mW/°C above +70°C) ............. 330mW
SO (derate 5.88mW/°C above +70°C)................. 471mW
Operating Temperature Ranges
MAX709_C___ ................................... 0°C to +70°C
MAX709_E___ . ................................ -40°C to +85°C
Storage Temperature Range .................. -65°C to +160°C
Lead Temperature (soldering, 10sec).................... +300°C
ELECTRICAL CHARACTERISTICS
(VCC = full range, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Supply current is measured with VCC = 3.6V for MAX709R/S/T, and VCC = 5.5V for all versions.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Range
1.0
5.5
V
1.2
5.5
Supply Current (Note 1)
35
85
µA
35
110
All versions
65
150
65
200
RESET Threshold, VTH
MAX709L
4.50
4.65
4.75
V
MAX709M
4.25
4.40
4.50
MAX709T
3.00
3.08
3.15
MAX709S
2.85
2.93
3.00
MAX709R
2.55
2.63
2.70
VCC to RESET Delay
VCC = reset threshold max to reset threshold min
20
µs
Reset Active Timeout Period
VCC = reset threshold max, VCC rising
140
280
560
ms
RESET Output Voltage
0.3
V
0.4
ISINK = 50µA, VCC ≥ 1.0V, MAX709_C
0.3
ISINK = 100µA, VCC ≥ 1.2V, MAX709_E
0.4
ISOURCE = 800µA, VCC ≥ reset threshold max,
MAX709L/M only
MAX709_C
MAX709_E
MAX709_C, VCC < 3.6V
MAX709_E, VCC < 3.6V
MAX709_C, VCC < 5.5V
MAX709_E, VCC < 5.5V
MAX709R/S/T only
ISINK = 1.2mA, VCC = reset threshold min,
MAX709R/S/T only
ISINK = 3.2mA, VCC = reset threshold min,
MAX709L/M only
ISOURCE = 500µA, VCC ≥ reset threshold max,
MAX709R/S/T only
0.8 x VCC
VCC - 1.5
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - MAX709

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX709_C/D MAXIM-MAX709_C/D Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX709_C/D MAXIM-MAX709_C/D Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX709_CPA MAXIM-MAX709_CPA Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
More results

Similar Description - MAX709

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
   Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_V01 Datasheet
255Kb / 6P
   Power-Supply Monitor with Reset
2014
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700 Datasheet
133Kb / 4P
   Power-Supply Monitor with Reset
1990
logo
Analog Devices
ADM709 AD-ADM709_15 Datasheet
232Kb / 4P
   Power Supply Monitor with Reset
REV. 0
ADM709 AD-ADM709 Datasheet
224Kb / 4P
   Power Supply Monitor with Reset
REV. 0
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
Maxim Integrated Produc...
MAX7705 MAXIM-MAX7705 Datasheet
69Kb / 8P
   關P Power-Supply Monitor with Reset
Rev 0; 6/93
logo
Impala Linear Corporati...
ILC5061 IMPALA-ILC5061 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com