Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26F31MWFQMLV Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS26F31MWFQMLV
Description  DS26F31MQML Quad High Speed Differential Line Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS26F31MWFQMLV Datasheet(HTML) 5 Page - Texas Instruments

  DS26F31MWFQMLV Datasheet HTML 1Page - Texas Instruments DS26F31MWFQMLV Datasheet HTML 2Page - Texas Instruments DS26F31MWFQMLV Datasheet HTML 3Page - Texas Instruments DS26F31MWFQMLV Datasheet HTML 4Page - Texas Instruments DS26F31MWFQMLV Datasheet HTML 5Page - Texas Instruments DS26F31MWFQMLV Datasheet HTML 6Page - Texas Instruments DS26F31MWFQMLV Datasheet HTML 7Page - Texas Instruments DS26F31MWFQMLV Datasheet HTML 8Page - Texas Instruments DS26F31MWFQMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
(A)
DS26F31MQML
www.ti.com
SNOSAS4A – MARCH 2006 – REVISED APRIL 2013
DS26F31M Electrical Characteristics AC Parameters - Propagation Delay Time (continued)
The following conditions apply, unless otherwise specified.
AC:
VCC = 5V, CL = 50pF or equivalent impedance provided by diode load
Sub-
Parameter
Test Conditions
Notes
Min
Max
Units
groups
tZL
Enable Time
(1)
28
nS
9
(1)
40
nS
10, 11
CL = 30pF
(2)
25
nS
9
(2)
37
nS
10, 11
tZH
Enable Time
(1)
32
nS
9
(1)
52
nS
10, 11
CL = 30 pF
(2)
30
nS
9
(2)
50
nS
10, 11
Skew
Output to Output
(1)
6.0
nS
9
(1)
9.0
nS
10, 11
CL = 30pF
(2)
4.5
nS
9
(2)
7.0
nS
10, 11
DS26F31M Electrical Characteristics DC Drift Parameters
This section applies to -QMLV devices only and shall be read & recorded at TA = +25°C before and after each burn-in &
Subgroup B5, and shall not change by more than the limits indicated. The delta rejects shall be included in the PDA
calculations.
Sub-
Parameter
Test Conditions
Notes
Min
Max
Units
groups
VOH
Logical "1" Output Voltage
VCC = 4.5V, IOH = -20mA,
-250
250
mV
1
VIL = 0.8V, VIH = 2V.
VOL
Logical "0" Output Voltage
VCC = 4.5V, IOL = 20mA,
-50
50
mV
1
VIL = 0.8V, VIH = 2V.
ICC En
Power Supply Current
VCC = 5.5V, VI = 0.8V or 2V,
-8.0
8.0
mA
1
VEn = 2V, VEn = 0.8V.
ICC Dis
Power Supply Current
VCC = 5.5V, VI = 0.8V or 2V, VEn =
-8.0
8.0
mA
1
0.8V, VEn = 2V.
TEST CIRCUIT AND TIMING WAVEFORMS
A.
Parameter tested go-no-go only.
S1 and S2 of Load Circuit are closed except where shown.
CL includes probe and jig capacitance.
Figure 4. AC Load Test Circuit for TRI-STATE Outputs
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS26F31MQML


Similar Part No. - DS26F31MWFQMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26F31MWFQMLV NSC-DS26F31MWFQMLV Datasheet
652Kb / 11P
   Quad High Speed Differential Line Drivers
More results

Similar Description - DS26F31MWFQMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26F31M NSC-DS26F31M Datasheet
192Kb / 5P
   Quad High Speed Differential Line Drivers
DS26F31MQML NSC-DS26F31MQML Datasheet
652Kb / 11P
   Quad High Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com