Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2540 Datasheet(PDF) 2 Page - Texas Instruments

Part # CC2540
Description  2.4-GHz Bluetooth짰 low energy System-on-Chip
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2540 Datasheet(HTML) 2 Page - Texas Instruments

  CC2540_15 Datasheet HTML 1Page - Texas Instruments CC2540_15 Datasheet HTML 2Page - Texas Instruments CC2540_15 Datasheet HTML 3Page - Texas Instruments CC2540_15 Datasheet HTML 4Page - Texas Instruments CC2540_15 Datasheet HTML 5Page - Texas Instruments CC2540_15 Datasheet HTML 6Page - Texas Instruments CC2540_15 Datasheet HTML 7Page - Texas Instruments CC2540_15 Datasheet HTML 8Page - Texas Instruments CC2540_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
CC2540F128, CC2540F256
SWRS084F – OCTOBER 2010 – REVISED JUNE 2013
www.ti.com
SOFTWARE FEATURES
APPLICATIONS
Bluetooth v4.0 Compliant Protocol Stack for
2.4-GHz Bluetooth low energy Systems
Single-Mode BLE Solution
Mobile Phone Accessories
Complete Power-Optimized Stack,
Sports and Leisure Equipment
Including Controller and Host
Consumer Electronics
GAP – Central, Peripheral, Observer, or
Human Interface Devices (Keyboard, Mouse,
Broadcaster (Including Combination
Remote Control)
Roles)
USB Dongles
ATT / GATT – Client and Server
Health Care and Medical
SMP – AES-128 Encryption and
Decryption
CC2540 WITH TPS62730
L2CAP
TPS62730 is a 2 MHz Step Down Converter
Sample Applications and Profiles
with Bypass Mode
Generic Applications for GAP Central
Extends Battery Lifetime by up to 20%
and Peripheral Roles
Reduced Current in TX and RX
Proximity, Accelerometer, Simple Keys,
30 nA Bypass Mode Current to Support Low
and Battery GATT Services
Power Modes
Multiple Configuration options
RF Performance Unchanged
Single-Chip Configuration, Allowing
Small Package Allows for Small Solution Size
Application to Run on CC2540
CC2540 Controllable
Network Processor Interface for
Applications Running on an External
Microcontroller
BTool – Windows PC Application for
Evaluation, Development, and Test
Development Tools
CC2540 Mini Development Kit
SmartRF™ Software
Supported by IAR Embedded Workbench™
Software for 8051
DESCRIPTION
The CC2540 is a cost-effective, low-power, true system-on-chip (SoC) for Bluetooth low energy applications. It
enables robust BLE master or slave nodes to be built with very low total bill-of-material costs. The CC2540
combines an excellent RF transceiver with an industry-standard enhanced 8051 MCU, in-system programmable
flash memory, 8-KB RAM, and many other powerful supporting features and peripherals. The CC2540 is suitable
for systems where very low power consumption is required. Very low-power sleep modes are available. Short
transition times between operating modes further enable low power consumption.
The CC2540 comes in two different versions: CC2540F128/F256, with 128 and 256 KB of flash memory,
respectively.
Combined with the Bluetooth low energy protocol stack from Texas Instruments, the CC2540F128/F256 forms
the market’s most flexible and cost-effective single-mode Bluetooth low energy solution.
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: CC2540F128 CC2540F256


Similar Part No. - CC2540_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540F128 TI1-CC2540F128 Datasheet
771Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
CC2540F128 TI1-CC2540F128 Datasheet
850Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
JULY2011
CC2540F128 TI-CC2540F128 Datasheet
928Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
CC2540F128 TI1-CC2540F128 Datasheet
1Mb / 36P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2540F128 TI1-CC2540F128 Datasheet
1Mb / 35P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
More results

Similar Description - CC2540_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540F128 TI-CC2540F128 Datasheet
928Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
CC2540F128 TI1-CC2540F128 Datasheet
771Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
CC2540F128 TI1-CC2540F128_11 Datasheet
850Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
JULY2011
CC2540F128 TI1-CC2540F128_14 Datasheet
1Mb / 36P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2540F128 TI1-CC2540F128_16 Datasheet
1Mb / 35P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
logo
STMicroelectronics
BLUENRG-2 STMICROELECTRONICS-BLUENRG-2 Datasheet
5Mb / 190P
   Bluetooth짰 low energy wireless system-on-chip
November 2017 Rev 2
logo
Texas Instruments
CC2541F128RHAR TI-CC2541F128RHAR Datasheet
429Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAT TI1-CC2541F256RHAT Datasheet
440Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
CC2541F256RHAR TI-CC2541F256RHAR Datasheet
345Kb / 30P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541_15 Datasheet
921Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com