Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6951CEE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX6951CEE
Description  Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6951CEE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX6951CEE Datasheet HTML 11Page - Maxim Integrated Products MAX6951CEE Datasheet HTML 12Page - Maxim Integrated Products MAX6951CEE Datasheet HTML 13Page - Maxim Integrated Products MAX6951CEE Datasheet HTML 14Page - Maxim Integrated Products MAX6951CEE Datasheet HTML 15Page - Maxim Integrated Products MAX6951CEE Datasheet HTML 16Page - Maxim Integrated Products MAX6951CEE Datasheet HTML 17Page - Maxim Integrated Products MAX6951CEE Datasheet HTML 18Page - Maxim Integrated Products MAX6951CEE Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
be unable to regulate the current correctly. As the sup-
ply voltage drops further, the LED segment drive cur-
rent becomes effectively limited by the output drivers'
on-resistance, and the LED drive current drops. The
characteristics of each individual LED in a modern 7-
segment digit usually match well, so the result is that
the display intensity dims uniformly as supply voltage
drops out of regulation and beyond. The MAX6950/
MAX6951 operate down to 2V supply voltage (although
most displays are very dim at this voltage), providing
that the MAX6950/MAX6951 are powered up initially to
at least 2.7V to trigger the device's internal reset, and
also that the SPI interface is constrained to 5Mbps.
Computing Power Dissipation
The upper limit for power dissipation (PD) for the
MAX6950/MAX6951 is determined from the following
equation:
PD = (V+ x I+) + (V+ - VLED) (DUTY ISEG N)
Where:
V+ = supply voltage
DUTY = duty cycle set by intensity register
N = number of segment driven (worst case is 8)
VLED = LED forward voltage
ISEG = segment current set by RSET
PD = power dissipation, in mW if currents are in mA
Dissipation example:
ISEG = 40mA, N = 8, Duty = 15/16, VLED = 2.4V at
40mA, V+ = 3.6V
PD = 3.6V (15mA) + (3.6V - 2.4V)(15 / 16 40mA x 8)
= 0.414W
Thus, for the 16-pin QSOP package (TJA = 1/0.00834 =
+120°C/W), the maximum allowed ambient temperature
TA is given by:
TJ (MAX) = TA + (PD TJA) = +150°C = TA + (0.44
+120°C/W)
So TA = +100°C. Thus, the device can be operated
safely at a maximum package temperature of +85°C.
Power Supplies
The MAX6950/MAX6951 operate from a single +2.7V to
+5.5V power supply. Bypass the power supply to
ground with a 0.1µF capacitor as close to the pin as
possible. Add a 22µF capacitor if the MAX6950/
MAX6951 are not close to the board’s input bulk decou-
pling capacitor.
Connect the underside exposed pad to GND.
Board Layout
When designing a board, use the following guidelines:
1. The RSET connection to pin 7 is a high-impedance
node, and sensitive to layout. Place RSET right next
to pins 7 and 8 and route RSET directly to these pins
with very short tracks.
2. Ensure that the track from the ground end of RSET
routes directly to pin 8, and that this track is not
used as part of any other ground connection.
Figure 5 shows a good layout. The decoupling capaci-
tors C1 (ceramic) and C2 (bulk, if required) are located
above the IC. The ground track to RSET is a separate
track from both the IC's power ground connection and
the ground plane.
Serially Interfaced, +2.7V to +5.5V,
5- and 8-Digit LED Display Drivers
16
______________________________________________________________________________________
Table 17. Digit Register Mapping with
Blink Globally Disabled
SEGMENT’S
BIT SETTING
IN PLANE P1
SEGMENT’S
BIT SETTING
IN PLANE P0
SEGMENT
BEHAVIOR
X0
Segment off during both
halves of each blink
period
X1
Segment off during both
halves of each blink
period
Table 18. Digit Register Mapping with
Blink Globally Enabled
SEGMENT’S
BIT SETTING
IN PLANE P1
SEGMENT’S
BIT SETTING
IN PLANE P0
SEGMENT
BEHAVIOR
00
Segment off
01
Segment on only during
the 1st half of each blink
period
10
Segment on only during
the 2nd half of each blink
period
11
Segment on


Similar Part No. - MAX6951CEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6951EVKIT MAXIM-MAX6951EVKIT Datasheet
319Kb / 9P
   MAX6951 Evaluation Kit
Rev 0; 11/01
More results

Similar Description - MAX6951CEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
   Serially Interfaced, 8-Digit LED Driver
logo
Maxim Integrated Produc...
MAX6952 MAXIM-MAX6952 Datasheet
395Kb / 21P
   4-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 .7 Matrix LED Display Driver
Rev 1; 10/02
MAX6953 MAXIM-MAX6953_V01 Datasheet
369Kb / 23P
   2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
2004
logo
ams AG
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
logo
Maxim Integrated Produc...
MAX6953 MAXIM-MAX6953 Datasheet
404Kb / 23P
   2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 x 7 Matrix LED Display Driver
Rev 2; 11/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com