Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRUH330118B Datasheet(PDF) 5 Page - International Rectifier

Part # IRUH330118B
Description  Fast Transient Response
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRUH330118B Datasheet(HTML) 5 Page - International Rectifier

  IRUH330118B_15 Datasheet HTML 1Page - International Rectifier IRUH330118B_15 Datasheet HTML 2Page - International Rectifier IRUH330118B_15 Datasheet HTML 3Page - International Rectifier IRUH330118B_15 Datasheet HTML 4Page - International Rectifier IRUH330118B_15 Datasheet HTML 5Page - International Rectifier IRUH330118B_15 Datasheet HTML 6Page - International Rectifier IRUH330118B_15 Datasheet HTML 7Page - International Rectifier IRUH330118B_15 Datasheet HTML 8Page - International Rectifier IRUH330118B_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.irf.com
5
IRUH330118BK
IRUH330118BP
Input Capacitance
Input bypass capacitors: Two (0.1
µF and 1µF) ceramics and two 100µF low ESR tantalums (AVX
TPS or equivalent), placed very close to the V
IN Pin are required for proper operation. When the
input voltage supply capacitance is more than 4 inches from the device, additional input
capacitance is recommended. Larger input capacitor values will improve ripple rejection further
improving the integrity of the output voltage.
Output Capacitance
Output bypass capacitors: Two (0.1µF and 1µF) ceramics and two 100µF low ESR tantalums
(AVX TPS or equivalent) are required for loop stability. Faster transient performance can be
achieved with multiple additional 1µF ceramic capacitors. Ceramic capacitors greater than 1µF in
value are not recommended as they can cause stability issues.
Tantalum capacitor values larger than the suggested value are recommended to improve the
transient response under large load current changes. The upper capacitance value limit is
governed by the delayed over-current latch function of the regulator and can be as much as
10,000µF without causing the device to latch-off during start-up.
General Layout Rules
Low impedance connections between the regulator output and load are essential. Solid power and
ground planes are highly recommended. In those cases where the board impedances are not kept
very small, oscillations can occur due to the effect of parasitic series resistance and inductance
on loop bandwidth and phase margin.
The V
SENSE Pin must be connected directly to the VOUT Pin using as short a trace as possible with
the connection inside the first bypass capacitor (see Fig. 2a).
Connect ceramic output capacitors directly across the V
OUT and GND Pins with as wide a trace as
design rules allow (see Fig. 2a). Avoid the use of vias for these capacitors and avoid loops. Fig.2
shows the ceramic capacitors tied directly to the regulator output.
Fig. 2a. Layer 1 conductor.
Ground plane below layer 1
Fig. 2b. Layer 1 silkscreen
The input capacitors should be connected as close a possible to the V
IN Pin.


Similar Part No. - IRUH330118B_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH330118BK IRF-IRUH330118BK Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118BKA IRF-IRUH330118BKA Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118BKA IRF-IRUH330118BKA Datasheet
169Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118BKB IRF-IRUH330118BKB Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118BKB IRF-IRUH330118BKB Datasheet
169Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
More results

Similar Description - IRUH330118B_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5140-15 MSK-MSK5140-15_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
International Rectifier
IRUH330133B IRF-IRUH330133B_15 Datasheet
169Kb / 9P
   Fast Transient Response
logo
M.S. Kennedy Corporatio...
MSK5140-33 MSK-MSK5140-33_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
Rohm
BU90054GWZ ROHM-BU90054GWZ Datasheet
1,015Kb / 18P
   Fast transient response
logo
Wall Industries,Inc.
HPSERIES WALL-HPSERIES Datasheet
482Kb / 5P
   Fast Transient Response
logo
M.S. Kennedy Corporatio...
MSK5141 MSK-MSK5141_15 Datasheet
472Kb / 8P
   Fast Transient Response
logo
International Rectifier
IRUH330133A IRF-IRUH330133A_15 Datasheet
168Kb / 9P
   Fast Transient Response
logo
Unisonic Technologies
LXXLD32G-SH2-R UTC-LXXLD32G-SH2-R Datasheet
249Kb / 7P
   Fast Transient Response
logo
International Rectifier
IRUH3301A1B IRF-IRUH3301A1B_15 Datasheet
184Kb / 9P
   Fast Transient Response
IRUH330125A IRF-IRUH330125A_15 Datasheet
170Kb / 9P
   Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com