Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRUH3301A1 Datasheet(PDF) 1 Page - International Rectifier

Part # IRUH3301A1
Description  Fast Transient Response
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRUH3301A1 Datasheet(HTML) 1 Page - International Rectifier

  IRUH3301A1 Datasheet HTML 1Page - International Rectifier IRUH3301A1 Datasheet HTML 2Page - International Rectifier IRUH3301A1 Datasheet HTML 3Page - International Rectifier IRUH3301A1 Datasheet HTML 4Page - International Rectifier IRUH3301A1 Datasheet HTML 5Page - International Rectifier IRUH3301A1 Datasheet HTML 6Page - International Rectifier IRUH3301A1 Datasheet HTML 7Page - International Rectifier IRUH3301A1 Datasheet HTML 8Page - International Rectifier IRUH3301A1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Radiation Hardended Ultra Low Dropout
IRUH3301A1AP
Adjustable Positive Linear Regulator
+3.3VIN to VADJ @3.0A
www.irf.com
1
05/18/12
8-LEAD FLAT PACK
Description
IRUH3301A1AK
The IRUH3301A1 is a space qualified, ultra low dropout
linear regulator designed specifically for applications
requiring high reliability, low noise and radiation hardness.
The output voltage can be adjusted to a low 0.8V with a
droput voltage of 400mV at the full rated current of 3.0
Amps.
Features
n Silicon On Insulator (SOI) CMOS Regulator
IC, CMOS Latch-Up Immune,
Inherently Rad Hard
n Total Dose Capability up to 300Krads(Si)
(Condition A); Tested to 500Krad (Si)
n ELDRS up to 100Krad(Si) (Condition D)
n SEU Immune up to LET = 80 MeV*cm2/mg
n Space Level Screened
n Fast Transient Response
n Timed Latch-Off Over-Current Protection
n Internal Thermal Protection
n Adjustable Output as low as 0.8V
n On/Off Control via Shutdown Pin, Power
Sequencing Easily Implemented
n Isolated Hermetic 8-Lead Flat Pack
Ensures Higher Reliability
n This part is also available in MO-078 Package
as IRUH3301A1BK / IRUH3301A1BP
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Power Dissipation @ TC = 125°C
PD
-25
W
Maximum Output Current @ Maximum
Power Dissipation with no Derating
Non-Operating Input Voltage
VIN
-0.3
+8.0
Operating Input Voltage
VIN
2.9
6.4
Ground
GND
-0.3
0.3
Shutdown Pin Voltage
VSHDN
-0.3
VIN + 0.3
Output Pin Voltage
VOUT
-0.3
VIN + 0.3
Operating Case Temperature Range
TO
-55
+140
Storage Temperature Range
TS
-65
+150
Maximmum Junction Temperature
TJ
-+150
Lead Temperature (Soldering 10sec)
TL
-+300
Pass Transistor Thermal Resistance, Junction to Case
RTHJC
-1.0
°C/W
°C
IO
A
-
See Fig 4
V
Product Summary
Part Number
Dropout
IO
VIN
VOUT
IRUH3301A1AK
IRUH3301A1AP
0.4V
3.0A
3.3V
ADJ
(5962F1023501K)
PD-97533C


Similar Part No. - IRUH3301A1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH3301A1 IRF-IRUH3301A1 Datasheet
171Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH3301A1AK IRF-IRUH3301A1AK Datasheet
188Kb / 9P
   3.3VIN to VADJ @3.0A
IRUH3301A1AK IRF-IRUH3301A1AK Datasheet
171Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH3301A1AKB IRF-IRUH3301A1AKB Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH3301A1AKB IRF-IRUH3301A1AKB Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
More results

Similar Description - IRUH3301A1

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5140-15 MSK-MSK5140-15_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
International Rectifier
IRUH330133B IRF-IRUH330133B_15 Datasheet
169Kb / 9P
   Fast Transient Response
logo
M.S. Kennedy Corporatio...
MSK5140-33 MSK-MSK5140-33_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
Rohm
BU90054GWZ ROHM-BU90054GWZ Datasheet
1,015Kb / 18P
   Fast transient response
logo
Wall Industries,Inc.
HPSERIES WALL-HPSERIES Datasheet
482Kb / 5P
   Fast Transient Response
logo
M.S. Kennedy Corporatio...
MSK5141 MSK-MSK5141_15 Datasheet
472Kb / 8P
   Fast Transient Response
logo
International Rectifier
IRUH330133A IRF-IRUH330133A_15 Datasheet
168Kb / 9P
   Fast Transient Response
logo
Unisonic Technologies
LXXLD32G-SH2-R UTC-LXXLD32G-SH2-R Datasheet
249Kb / 7P
   Fast Transient Response
logo
International Rectifier
IRUH3301A1B IRF-IRUH3301A1B_15 Datasheet
184Kb / 9P
   Fast Transient Response
IRUH330118B IRF-IRUH330118B_15 Datasheet
168Kb / 9P
   Fast Transient Response
IRUH330125A IRF-IRUH330125A_15 Datasheet
170Kb / 9P
   Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com