Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6952 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6952
Description  4-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 .7 Matrix LED Display Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6952 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6952 Datasheet HTML 9Page - Maxim Integrated Products MAX6952 Datasheet HTML 10Page - Maxim Integrated Products MAX6952 Datasheet HTML 11Page - Maxim Integrated Products MAX6952 Datasheet HTML 12Page - Maxim Integrated Products MAX6952 Datasheet HTML 13Page - Maxim Integrated Products MAX6952 Datasheet HTML 14Page - Maxim Integrated Products MAX6952 Datasheet HTML 15Page - Maxim Integrated Products MAX6952 Datasheet HTML 16Page - Maxim Integrated Products MAX6952 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
4-Wire Interfaced, 2.7V to 5.5V,
4-Digit 5 7 Matrix LED Display Driver
______________________________________________________________________________________
13
Table 18 shows an example of data (characters 0, 1,
and 2) being stored in the first three user-defined font
locations, illustrating the orientation of the data bits.
Table 19 shows the six sequential write commands
required to set a MAX6953's font character RAM02 with
the data to display character 2 given in the font RAM
illustration above.
Multiplex Clock and Blink Timing
The OSC pin can be fitted with capacitor CSET to GND
(to use the internal RC multiplex oscillator), or driven by
an external clock. The multiplex clock frequency deter-
mines the multiplex scan rate and the blink timing. The
display scan rate is calculated by dividing the frequency
at OSC by 5600. With OSC at 4 MHz, each display digit
is enabled for 100µs and the display scan rate is
714.29Hz.
The on-chip oscillator may be accurate enough for
applications using a single device. If an exact blink rate
is required, use an external clock ranging between
1MHz and 8MHz to drive OSC. The OSC inputs of multi-
ple MAX6952s can be tied together to a common exter-
nal clock to make the devices blink at the same rate.
The relative blink phasing of multiple MAX6952s can be
synchronized by setting the T bit in the control register
for all the devices in quick succession (Table 11).
If the serial interfaces of multiple MAX6952s are daisy-
chained by connecting DOUT of one device to DIN of
the next, then synchronization is achieved automatically
by updating the control register for all devices together.
For MAX6952s, the devices can be synchronized by
transmitting the serial data for the control register, and
then toggling the CS pin for each device, either togeth-
er or in quick succession. Figure 7 is the multiplex tim-
ing diagram.
Blink Output
The blink output indicates the blink phase, and is high
during the P0 period and low during the P1 period.
Blink phase status can also be read back as the P bit in
the configuration register (Table 13). Typical uses for
this output are:
• To provide an interrupt to the processor so that seg-
ment data can be changed synchronous to the
blinking. For example, a clock application may have
colon segments blinking every second between
hours and minute digits, and the minute display is
best changed in step with the colon segments. Also,
if the rising edge of blink is detected, there is half a
blink period to change the P1 digit data. Similarly, if
the falling edge of blink is detected, the user has
half a blink period to change the P0 digit data.
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
x000
x001
x010
x011
x100
x101
x110
x111
RAM00
RAM01
RAM02
RAM03
RAM04
RAM05
RAM06
RAM07
MSB
LSB
RAM08
RAM09
RAM10
RAM11
RAM12
RAM13
RAM14
RAM15
RAM16
RAM17
RAM18
RAM19
RAM20
RAM21
RAM22
RAM23
Table 14. Character Map


Similar Part No. - MAX6952

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6952 MAXIM-MAX6952 Datasheet
1Mb / 10P
   MAX6952 Evaluation Kit
Rev 3; 2/07
MAX6952EVKIT MAXIM-MAX6952EVKIT Datasheet
1Mb / 10P
   MAX6952 Evaluation Kit
Rev 3; 2/07
More results

Similar Description - MAX6952

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6953 MAXIM-MAX6953_V01 Datasheet
369Kb / 23P
   2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
2004
MAX6953 MAXIM-MAX6953 Datasheet
404Kb / 23P
   2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 x 7 Matrix LED Display Driver
Rev 2; 11/02
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
MAX6954 MAXIM-MAX6954 Datasheet
395Kb / 38P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 1; 10/02
MAX6954 MAXIM-MAX6954_09 Datasheet
339Kb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6954 MAXIM-MAX6954_14 Datasheet
1Mb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14
MAX6852 MAXIM-MAX6852 Datasheet
489Kb / 32P
   4-Wire Interfaced, 5 x 7 Matrix Vacuum- Fluorescent Display Controller
Rev 1; 11/02
MAX6958 MAXIM-MAX6958 Datasheet
270Kb / 19P
   2-Wire Interfaced, 3V to 5.5V, 4-Digit, 9-Segment LED Display Drivers with Keyscan
Rev 0; 10/02
MAX6958 MAXIM-MAX6958_V01 Datasheet
685Kb / 19P
   2-Wire Interfaced, 3V to 5.5V, 4-Digit 9-Segment LED Display Drivers with Keyscan
2005
logo
ams AG
AS1105 AMSCO-AS1105_07 Datasheet
200Kb / 16P
   Serially Interfaced, 4-Digit LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com