Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6950CEE Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX6950CEE
Description  Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6950CEE Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX6950CEE Datasheet HTML 10Page - Maxim Integrated Products MAX6950CEE Datasheet HTML 11Page - Maxim Integrated Products MAX6950CEE Datasheet HTML 12Page - Maxim Integrated Products MAX6950CEE Datasheet HTML 13Page - Maxim Integrated Products MAX6950CEE Datasheet HTML 14Page - Maxim Integrated Products MAX6950CEE Datasheet HTML 15Page - Maxim Integrated Products MAX6950CEE Datasheet HTML 16Page - Maxim Integrated Products MAX6950CEE Datasheet HTML 17Page - Maxim Integrated Products MAX6950CEE Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
sequence is also reset, which might give rise to a one-
time display flicker when the register is written.
Selecting External Components RSET
and CSET to Set Oscillator Frequency
and Segment Current
The RC oscillator uses an external resistor RSET and an
external capacitor CSET to set the oscillator frequency,
fOSC. The allowed range of fOSC is 1MHz to 8MHz.
RSET also sets the peak segment current. The recom-
mended values of RSET and CSET set the oscillator to
4MHz, which makes the blink frequencies 0.5Hz and
1Hz. The recommended value of RSET also sets the
peak current to 40mA, which makes the segment cur-
rent adjustable from 2.5mA to 37.5mA in 2.5mA steps.
ISEG = KI / RSET mA
fOSC = KF / (RSET CSET + CSTRAY) MHz
Where:
KI = 2240
Serially Interfaced, +2.7V to +5.5V,
5- and 8-Digit LED Display Drivers
14
______________________________________________________________________________________
Table 14. Decode-Mode Register Examples
REGISTER DATA
DECODE CODE
ADDRESS
CODE (HEX)
D7
D6
D5
D4
D3
D2
D1
D0
HEX
CODE
No decode for digits 7–0
0x01
0
0
0
0
0
0
0
0
0x00
Hexadecimal decode for digit 0,
no decode for digits 7–1
0x01
0
0
0
0
0
0
0
1
0x01
Hexadecimal decode for digits
2–0, no decode for digits 7–3
0x01
0
0
0
0
0
1
1
1
0x07
Hexadecimal decode for digits
7–0
0x01
1
1
1
1
1
1
1
1
0xFF
Table 15. Hexadecimal Font
REGISTER DATA
ON SEGMENTS = 1
7-SEGMENT
CHARACTER
D7*
D6–D4
D3
D2
D1
D0
dp*
ab
cd
e
f
g
0X
0000
1111110
1X
0001
0110000
2X
0010
1101101
3X
0011
1111001
4X
0100
0110011
5X
0101
1011011
6X
0110
1011111
7X
0111
1110000
8X
1000
1111111
9X
1001
1111011
AX
1010
1110111
BX
1011
0011111
CX
1100
1001110
DX
1101
0111111
EX
1110
1001111
FX
1111
1000111
The decimal point segment is lit when bit D7 = 1.


Similar Part No. - MAX6950CEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX695 MAXIM-MAX695 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX695 MAXIM-MAX695 Datasheet
205Kb / 17P
   I2C-Compatible RTC in a TDFN
Rev 3; 6/03
MAX695 MAXIM-MAX695 Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
MAX6951EVKIT MAXIM-MAX6951EVKIT Datasheet
319Kb / 9P
   MAX6951 Evaluation Kit
Rev 0; 11/01
MAX6952 MAXIM-MAX6952 Datasheet
395Kb / 21P
   4-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 .7 Matrix LED Display Driver
Rev 1; 10/02
More results

Similar Description - MAX6950CEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
   Serially Interfaced, 8-Digit LED Driver
logo
Maxim Integrated Produc...
MAX6952 MAXIM-MAX6952 Datasheet
395Kb / 21P
   4-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 .7 Matrix LED Display Driver
Rev 1; 10/02
MAX6953 MAXIM-MAX6953_V01 Datasheet
369Kb / 23P
   2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
2004
logo
ams AG
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
logo
Maxim Integrated Produc...
MAX6953 MAXIM-MAX6953 Datasheet
404Kb / 23P
   2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 x 7 Matrix LED Display Driver
Rev 2; 11/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com