Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRSM836-044MA Datasheet(PDF) 11 Page - International Rectifier

Part # IRSM836-044MA
Description  Integrated gate drivers and bootstrap functionality
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM836-044MA Datasheet(HTML) 11 Page - International Rectifier

Back Button IRSM836-044MA_15 Datasheet HTML 7Page - International Rectifier IRSM836-044MA_15 Datasheet HTML 8Page - International Rectifier IRSM836-044MA_15 Datasheet HTML 9Page - International Rectifier IRSM836-044MA_15 Datasheet HTML 10Page - International Rectifier IRSM836-044MA_15 Datasheet HTML 11Page - International Rectifier IRSM836-044MA_15 Datasheet HTML 12Page - International Rectifier IRSM836-044MA_15 Datasheet HTML 13Page - International Rectifier IRSM836-044MA_15 Datasheet HTML 14Page - International Rectifier IRSM836-044MA_15 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
IRSM836-044MA
11
www.irf.com
© 2012 International Rectifier
January 21, 2013
Fault Reporting and Programmable Fault Clear Timer
The IRSM836-044MA provides an integrated fault reporting output and an adjustable fault clear timer.
There are two situations that would cause the IRSM836-044MA to report a fault via the FAULT pin. The first is an
under-voltage condition of VCC and the second is when the ITRIP pin recognizes a fault. Once the fault condition
occurs, the FAULT pin is internally pulled to VSS and the fault clear timer is activated. The fault output stays in the
low state until the fault condition has been removed and the fault clear timer expires; once the fault clear timer
expires, the voltage on the FAULT pin will return to VCC.
The length of the fault clear time period (tFLTCLR) is determined by exponential charging characteristics of
the capacitor where the time constant is set by RRCIN and CRCIN. In Figure 4 where we see that a fault condition
has occurred (UVLO or ITRIP), RCIN and FAULT are pulled to VSS, and once the fault has been removed, the
fault clear timer begins. Figure 5 shows that RRCIN is connected between the VCC and the RCIN pin, while CRCIN is
placed between the RCIN and VSS pins.
Figure 4: RCIN and FAULT pin waveforms
Figure 5: Programming the fault clear timer
The design guidelines for this network are shown in Table 1.
CRCIN
≤1 nF
Ceramic
RRCIN
0.5 MΩ to 2 MΩ
>> RON,RCIN
Table 1: Design guidelines
The length of the fault clear time period can be determined by using the formula below.


CC
TH
RCIN
RCIN
RCIN
FLTCLR
V
V
C
R
t
,
1
ln
VCC
VRCIN
Time
VRCIN,TH
tFLTCLR
VSS
VFAULT
Time
VSS
ITRIP
High
Impedance State
Vcc
HIN (x3)
RCIN
EN
ITRIP
VSS
FAULT
VRx
LIN (x3)
VB ( x3)
VS (x3)
IRSM836-044MA
I -
RRCIN
CRCIN


Similar Part No. - IRSM836-044MA_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM836-044MATR IRF-IRSM836-044MATR Datasheet
738Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
More results

Similar Description - IRSM836-044MA_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM807-045MH IRF-IRSM807-045MH_15 Datasheet
358Kb / 11P
   Integrated gate drivers and bootstrap functionality
IRSM807-105MH IRF-IRSM807-105MH_15 Datasheet
947Kb / 17P
   Integrated gate drivers and bootstrap functionality
IRSM836-015MA IRF-IRSM836-015MA_15 Datasheet
484Kb / 20P
   Integrated gate drivers and bootstrap functionality
logo
Infineon Technologies A...
IM111-X6Q1B INFINEON-IM111-X6Q1B Datasheet
1Mb / 19P
   Integrated gate drivers and bootstrap functionality
Revision 1.0 2019-12-12
logo
International Rectifier
IRSM836-025MA IRF-IRSM836-025MA_15 Datasheet
501Kb / 19P
   Integrated gate drivers and bootstrap functionality
IRSM808-105MH IRF-IRSM808-105MH_15 Datasheet
970Kb / 17P
   Integrated gate drivers and bootstrap functionality
IRSM836-024MA IRF-IRSM836-024MA_15 Datasheet
508Kb / 19P
   Integrated gate drivers and bootstrap functionality
logo
Infineon Technologies A...
IM111-X3Q1B INFINEON-IM111-X3Q1B Datasheet
1Mb / 19P
   Integrated gate drivers and bootstrap functionality
Revision 1.0 2019-12-12
logo
International Rectifier
IRSM808-204MH IRF-IRSM808-204MH_15 Datasheet
513Kb / 10P
   Integrated gate drivers and bootstrap functionality
IRSM836-035MA IRF-IRSM836-035MA_15 Datasheet
517Kb / 19P
   Integrated gate drivers and bootstrap functionality
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com